Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM76003RNPR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM76003RNPR
Description  3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM76003RNPR Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM76003RNPR Datasheet HTML 6Page - Texas Instruments LM76003RNPR Datasheet HTML 7Page - Texas Instruments LM76003RNPR Datasheet HTML 8Page - Texas Instruments LM76003RNPR Datasheet HTML 9Page - Texas Instruments LM76003RNPR Datasheet HTML 10Page - Texas Instruments LM76003RNPR Datasheet HTML 11Page - Texas Instruments LM76003RNPR Datasheet HTML 12Page - Texas Instruments LM76003RNPR Datasheet HTML 13Page - Texas Instruments LM76003RNPR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 53 page
background image
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
2
2.5
3
3.5
4
4.5
5
D005
HS Limit
LS Limit
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
0
250
500
750
1000
1250
1500
1750
2000
2250
2500
D006
FREQ = 300 kHz
FREQ = 1 MHz
FREQ = 2.2 MHz
Input Voltage (V)
0
6
12
18
24
30
36
42
48
54
60
1
1.001
1.002
1.003
1.004
1.005
1.006
1.007
1.008
D003
Temp = 40qC
Temp = 25qC
Temp = 125qC
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
3
3.5
4
4.5
5
5.5
6
D004
HS Limit
LS Limit
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
200
300
400
500
600
700
800
900
1000
1100
1200
1300
1400
1500
1600
1700
1800
D002
VIN = 24 V
VIN = 3.5 V
VIN = 60 V
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
20
30
40
50
60
70
80
90
100
110
120
130
140
D001
HS Switch
LS Switch
10
LM76002, LM76003
SNVSAK0 – OCTOBER 2017
www.ti.com
Product Folder Links: LM76002 LM76003
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.9 Typical Characteristics
Unless otherwise specified, VIN = 24 V, VOUT = 3.3 V, fSW = 500 kHz. Curves represent most likely parametric norm at
specified condition.
Figure 1. High-Side and Low-Side Switch RDS-ON
Figure 2. Shutdown Quiescent Current
Figure 3. Feedback Voltage
Figure 4. LM76003 High-Side and Low-Side Current Limits
Figure 5. LM76002 High-Side and Low-Side Current Limits
Figure 6. Switching Frequency Set by RT Resistor


Similar Part No. - LM76003RNPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM76003 TI1-LM76003 Datasheet
2Mb / 54P
[Old version datasheet]   3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator
LM76003-Q1 TI1-LM76003-Q1 Datasheet
2Mb / 54P
[Old version datasheet]   3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator
LM76003QRNPRQ1 TI1-LM76003QRNPRQ1 Datasheet
2Mb / 54P
[Old version datasheet]   3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator
LM76003QRNPTQ1 TI1-LM76003QRNPTQ1 Datasheet
2Mb / 54P
[Old version datasheet]   3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator
More results

Similar Description - LM76003RNPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM76002-Q1 TI1-LM76002-Q1 Datasheet
2Mb / 54P
[Old version datasheet]   3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator
LM46001-Q1 TI1-LM46001-Q1_17 Datasheet
2Mb / 55P
[Old version datasheet]   3.5-V to 60-V, 1 A Synchronous Step-Down Voltage Converter
LM46002-Q1 TI1-LM46002-Q1 Datasheet
2Mb / 60P
[Old version datasheet]   3.5-V to 60-V, 2-A, Synchronous Step-Down Voltage Converter
LM46000-Q1 TI1-LM46000-Q1 Datasheet
2Mb / 54P
[Old version datasheet]   3.5-V to 60-V, 0.5-A Synchronous Step-Down Voltage Converter
LM76005 TI1-LM76005 Datasheet
1Mb / 39P
[Old version datasheet]   LM76005 3.5-V to 60-V, 5-A Synchronous Step-Down Converter
LM46000-Q1 TI-LM46000-Q1_15 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 60 V 0.5 A Synchronous Step-Down Voltage Converter
LM46002-Q1 TI-LM46002-Q1_15 Datasheet
1Mb / 52P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
LM46002 TI-LM46002_15 Datasheet
1Mb / 52P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
LM43600-Q1 TI1-LM43600-Q1_17 Datasheet
2Mb / 54P
[Old version datasheet]   3.5-V to 36-V, 0.5-A Synchronous Step-Down Voltage Converter
LM43601-Q1 TI1-LM43601-Q1 Datasheet
2Mb / 53P
[Old version datasheet]   3.5-V to 36-V, 1-A Synchronous Step-Down Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com