Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM74700QDBVRQ1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM74700QDBVRQ1
Description  Low IQ Always ON Smart Diode Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM74700QDBVRQ1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM74700QDBVRQ1 Datasheet HTML 3Page - Texas Instruments LM74700QDBVRQ1 Datasheet HTML 4Page - Texas Instruments LM74700QDBVRQ1 Datasheet HTML 5Page - Texas Instruments LM74700QDBVRQ1 Datasheet HTML 6Page - Texas Instruments LM74700QDBVRQ1 Datasheet HTML 7Page - Texas Instruments LM74700QDBVRQ1 Datasheet HTML 8Page - Texas Instruments LM74700QDBVRQ1 Datasheet HTML 9Page - Texas Instruments LM74700QDBVRQ1 Datasheet HTML 10Page - Texas Instruments LM74700QDBVRQ1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
0V
VIN
VANODE
VCAP-VANODE
VEN
6 V
9 V
15 V
GATE DRIVER
ENABLE
TON
TOFF
VCAPUVLO
7
LM74700-Q1
www.ti.com
SNOSD17 – OCTOBER 2017
Product Folder Links: LM74700-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 Input Voltage
The ANODE pin is used to power the LM74700-Q1's internal circuitry, typically drawing 30 µA when enabled and
3 µA when disabled. If the ANODE pin voltage is greater then specified minimum operating voltage, the
LM74700-Q1 operates in either shutdown mode or conduction mode in accordance with the EN pin voltage. The
voltage from ANODE to GND is designed to vary from 65 V to –65 V, allowing the LM74700-Q1 to withstand
negative voltage transients or inputs from an AC source.
7.3.2 Charge Pump
The charge pump supplies the voltage necessary to drive the external N-channel MOSFET. An external
capacitor is placed between VCAP and ANODE to provide energy allowing the external MOSFET to be turned on
quickly. In order for the charge pump to supply current to the external capacitor, the ANODE to GND voltage
must be greater than the specified minimum operating voltage, and the EN pin must be above the specified input
high threshold. If both of these conditions are not achieved, the charge pump remains disabled. To ensure that
the external MOSFET can be driven above its specified threshold voltage, the VCAP to ANODE voltage must be
above the undervoltage lockout threshold, typically 6 V, before the internal gate driver is enabled. To remove any
chatter on the gate drive approximately 600 mV of hysteresis is added to the VCAP undervoltage lockout. The
charge pump remains enabled until the VCAP to ANODE voltage reaches 15 V, typically, at which point the
charge pump is disabled decreasing the current draw on the ANODE pin. The charge pump remains disabled
until the VCAP to ANODE voltage is below to 9 V typically at which point the charge pump is enabled. The
voltage between VCAP and ANODE continue to charge and discharge between 9 V and 15 V as shown in
Figure 1. By enabling and disabling the charge pump, the ANODE pin current of the LM74700-Q1 is greatly
reduced. The ANODE pin typically sinks 1.5 mA when the charge pump is enabled . When the charge pump is
disabled the ANODE pin typically sinks 30 µA.
Figure 1. Charge Pump Operation


Similar Part No. - LM74700QDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM74700QDBVRQ1 TI-LM74700QDBVRQ1 Datasheet
3Mb / 36P
[Old version datasheet]   LM74700-Q1 Low IQ Reverse Battery Protection Ideal Diode Controller
More results

Similar Description - LM74700QDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM74670-Q1 TI1-LM74670-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   Zero IQ Smart Diode Rectifier Controller
LM74610-Q1 TI1-LM74610-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   Zero IQ Reverse Polarity Protection Smart Diode Controller
LM74700-EP TI-LM74700-EP Datasheet
2Mb / 32P
[Old version datasheet]   LM74700-EP Low IQ Ideal Diode Controller
SNOSDD6 ??SEPTEMBER 2021
logo
Knowles Electronics
IA611 KNOWLES-IA611 Datasheet
280Kb / 2P
   IA610 SMARTMIC ALWAYS-ON VOICEW
logo
Linear Technology
LTC3786 LINER-LTC3786_15 Datasheet
407Kb / 34P
   Low IQ Synchronous Boost Controller
LTC3786EMSEPBF LINER-LTC3786EMSEPBF Datasheet
407Kb / 34P
   Low IQ Synchronous Boost Controller
logo
STMicroelectronics
STM6600 STMICROELECTRONICS-STM6600 Datasheet
1Mb / 51P
   Smart push-button on/off controller with Smart ResetTM and power-on lockout
logo
Texas Instruments
LM74700-Q1 TI-LM74700-Q1_V01 Datasheet
3Mb / 36P
[Old version datasheet]   LM74700-Q1 Low IQ Reverse Battery Protection Ideal Diode Controller
logo
Linear Technology
LTC3835-1 LINER-LTC3835-1 Datasheet
299Kb / 28P
   Low IQ Synchronous Step-Down Controller
LTC3835 LINER-LTC3835 Datasheet
323Kb / 28P
   Low IQ Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com