Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM46001-Q1 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM46001-Q1
Description  3.5-V to 60-V, 1 A Synchronous Step-Down Voltage Converter
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM46001-Q1 Datasheet(HTML) 3 Page - Texas Instruments

  LM46001-Q1_17 Datasheet HTML 1Page - Texas Instruments LM46001-Q1_17 Datasheet HTML 2Page - Texas Instruments LM46001-Q1_17 Datasheet HTML 3Page - Texas Instruments LM46001-Q1_17 Datasheet HTML 4Page - Texas Instruments LM46001-Q1_17 Datasheet HTML 5Page - Texas Instruments LM46001-Q1_17 Datasheet HTML 6Page - Texas Instruments LM46001-Q1_17 Datasheet HTML 7Page - Texas Instruments LM46001-Q1_17 Datasheet HTML 8Page - Texas Instruments LM46001-Q1_17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 55 page
background image
SW
VIN
PGND
CBOOT
VCC
BIAS
SYNC
RT
PGOOD
EN
SS/TRK
AGND
FB
SW
PGND
VIN
PAD
1
16
2
3
4
5
6
8
7
9
15
14
13
12
11
10
3
LM46001-Q1
www.ti.com
SNVSAA3B – JULY 2015 – REVISED NOVEMBER 2017
Product Folder Links: LM46001-Q1
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
(1)
P = Power, G = Ground, A = Analog
5 Pin Configuration and Functions
PWP Package
16-Pin HTSSOP With Thermal Pad
Top View
Pin Functions
PIN
DESCRIPTION
NAME
NUMBER
I/O (1)
SW
1, 2
P
Switching output of the regulator. Internally connected to both power MOSFETs. Connect to
power inductor.
CBOOT
3
P
Boot-strap capacitor connection for high-side driver. Connect a high quality 470-nF capacitor from
CBOOT to SW.
VCC
4
P
Internal bias supply output for bypassing. Connect bypass capacitor from this pin to AGND. Do
not connect external load to this pin. Never short this pin to ground during operation.
BIAS
5
P
Optional internal LDO supply input. To improve efficiency, TI recommends tying to VOUT when 3.3
V
≤ VOUT ≤ 28 V, or tie to an external 3.3 V or 5 V rail if available. When used, place a bypass
capacitor (1 to 10 µF) from this pin to ground. Tie to ground if not used (VOUT < 3.3 V). Do not
float.
SYNC
6
A
Clock input to synchronize switching action to an external clock. Use proper high speed
termination to prevent ringing. Connect to ground if not used. Do not float.
RT
7
A
Connect a resistor RT from this pin to AGND to program switching frequency. Leave floating for
500 kHz default switching frequency.
PGOOD
8
A
Open drain output for power-good flag. Use a 10-kΩ to 100-kΩ pullup resistor to logic rail or other
DC voltage no higher than 12 V.
FB
9
A
Feedback sense input pin. Connect to the midpoint of feedback divider to set VOUT. Do not short
this pin to ground during operation.
AGND
10
G
Analog ground pin. Ground reference for internal references and logic. Connect to system
ground.
SS/TRK
11
A
Soft-start control pin. Leave floating for internal soft-start. Connect to a capacitor to extend soft
start time. Connect to external voltage ramp for tracking.
EN
12
A
Enable input to the LM46001-Q1: High = ON and LOW = OFF. Connect to VIN, or to VIN through
resistor divider, or to an external voltage or logic source. Do not float.
VIN
13, 14
P
Supply input pins to internal LDO and high side power FET. Connect to power supply and bypass
capacitors CIN. Path from VIN pin to high frequency bypass CIN and PGND must be as short as
possible.
PGND
15, 16
G
Power ground pins, connected internally to the low side power FET. Connect to system ground,
PAD, AGND, ground pins of CIN and COUT. Path to CIN must be as short as possible.
PAD
G
Low impedance connection to AGND. Connect to PGND on PCB. Major heat dissipation path of
the die. Must be used for heat sinking to ground plane on PCB.


Similar Part No. - LM46001-Q1_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM46001-Q1 TI1-LM46001-Q1 Datasheet
1Mb / 53P
[Old version datasheet]   LM46001-Q1 SIMPLE SWITCHER짰 3.5 V to 60 V 1 A Synchronous Step-Down Voltage Converter
More results

Similar Description - LM46001-Q1_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM46002-Q1 TI1-LM46002-Q1 Datasheet
2Mb / 60P
[Old version datasheet]   3.5-V to 60-V, 2-A, Synchronous Step-Down Voltage Converter
LM46000-Q1 TI1-LM46000-Q1 Datasheet
2Mb / 54P
[Old version datasheet]   3.5-V to 60-V, 0.5-A Synchronous Step-Down Voltage Converter
LM43601-Q1 TI1-LM43601-Q1 Datasheet
2Mb / 53P
[Old version datasheet]   3.5-V to 36-V, 1-A Synchronous Step-Down Voltage Converter
LM46001 TI1-LM46001 Datasheet
1Mb / 52P
[Old version datasheet]   LM46001 SIMPLE SWITCHER짰 3.5 V to 60 V 1 A Synchronous Step-Down Voltage Converter
LM46001 TI-LM46001_15 Datasheet
1Mb / 52P
[Old version datasheet]   LM46001 SIMPLE SWITCHER짰 3.5 V to 60 V 1 A Synchronous Step-Down Voltage Converter
LM76005 TI1-LM76005 Datasheet
1Mb / 39P
[Old version datasheet]   LM76005 3.5-V to 60-V, 5-A Synchronous Step-Down Converter
LM76002 TI1-LM76002 Datasheet
1Mb / 53P
[Old version datasheet]   3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator
LM76002-Q1 TI1-LM76002-Q1 Datasheet
2Mb / 54P
[Old version datasheet]   3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator
LM46000-Q1 TI-LM46000-Q1_15 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 60 V 0.5 A Synchronous Step-Down Voltage Converter
LM46002-Q1 TI-LM46002-Q1_15 Datasheet
1Mb / 52P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com