Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5150QRUMTQ1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM5150QRUMTQ1
Description  Wide VIN Automotive Low IQ Boost Controller
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5150QRUMTQ1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM5150QRUMTQ1 Datasheet HTML 6Page - Texas Instruments LM5150QRUMTQ1 Datasheet HTML 7Page - Texas Instruments LM5150QRUMTQ1 Datasheet HTML 8Page - Texas Instruments LM5150QRUMTQ1 Datasheet HTML 9Page - Texas Instruments LM5150QRUMTQ1 Datasheet HTML 10Page - Texas Instruments LM5150QRUMTQ1 Datasheet HTML 11Page - Texas Instruments LM5150QRUMTQ1 Datasheet HTML 12Page - Texas Instruments LM5150QRUMTQ1 Datasheet HTML 13Page - Texas Instruments LM5150QRUMTQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
10
LM5150-Q1
SNVSAP6 – SEPTEMBER 2017
www.ti.com
Product Folder Links: LM5150-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The LM5150-Q1 device is a wide input range automotive boost controller designed for automotive start-stop or
emergency-call applications. The device can maintain the output voltage from a vehicle battery during automotive
cranking or from a back-up battery during the loss of vehicle battery. The wide input range of the device covers
automotive load dump transient. The control method is based upon peak current mode control.
To extend the battery life time, the LM5150-Q1 features a low IQ standby mode with automatic wake-up and
standby control. The device stays in the low IQ standby mode when the boost operation is not required, and
automatically enters the wake-up mode when the output voltage drops below the preset wake-up threshold. High
value feedback resistors are included inside the device to minimize leakage current in the low IQ standby mode.
The LM5150-Q1 operates in one of two selectable configurations when waking up. In Start-Stop configuration
(SS configuration), the device runs at a fixed switching frequency without any pulse skipping until entering into
the standby mode, which helps to have a fixed EMI spectrum. In Emergency-Call configuration (EC
configuration), the device will skip pulses as it automatically alternates between low IQ standby mode and wake-
up mode to extend the battery life in light load conditions.
The LM5150-Q1 switching frequency is programmable from 220 kHz to 2.3 MHz. Fast switching (
≥ 2.2-MHz)
minimizes AM band interference and allows for a small solution size and fast transient response. A single resistor
at the VSET pin programs the target output regulation voltage as well as the configuration. This eliminates the
need for an external feedback resistor divider which enables low IQ operation. The device also features clock
synchronization in the SS configuration, low quiescent current in shutdown mode, a boost status indicator,
adjustable cycle-by-cycle current will limit, and thermal shutdown protection.


Similar Part No. - LM5150QRUMTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5150QRUMTQ1 TI-LM5150QRUMTQ1 Datasheet
1Mb / 43P
[Old version datasheet]   LM5150-Q1 Wide VIN Automotive Low IQ Boost Controller
LM5150QRUMTQ1 TI-LM5150QRUMTQ1 Datasheet
1Mb / 54P
[Old version datasheet]   LM5150-Q1 Wide VIN Automotive Low IQ Boost Controller
REVISED OCTOBER 2021
More results

Similar Description - LM5150QRUMTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM51501-Q1 TI1-LM51501-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   Wide VIN Automotive Low IQ Boost Controller
LM51501-Q1 TI-LM51501-Q1_V02 Datasheet
1Mb / 53P
[Old version datasheet]   LM51501-Q1 Wide VIN Automotive Low IQ Boost Controller
REVISED OCTOBER 2021
LM5150-Q1 TI-LM5150-Q1_V01 Datasheet
1Mb / 43P
[Old version datasheet]   LM5150-Q1 Wide VIN Automotive Low IQ Boost Controller
LM5150-Q1 TI-LM5150-Q1_V02 Datasheet
1Mb / 54P
[Old version datasheet]   LM5150-Q1 Wide VIN Automotive Low IQ Boost Controller
REVISED OCTOBER 2021
LM51501-Q1 TI-LM51501-Q1_V01 Datasheet
1Mb / 43P
[Old version datasheet]   LM51501-Q1 Wide VIN Automotive Low IQ Boost Controller
LM5123-Q1 TI-LM5123-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   LM5123-Q1 2.2-MHz Wide VIN Low-IQ Synchronous Boost Controller with VOUT Tracking
logo
Linear Technology
LTC3786 LINER-LTC3786_15 Datasheet
407Kb / 34P
   Low IQ Synchronous Boost Controller
LTC3786EMSEPBF LINER-LTC3786EMSEPBF Datasheet
407Kb / 34P
   Low IQ Synchronous Boost Controller
LTC3769 LINER-LTC3769_15 Datasheet
433Kb / 32P
   60V Low IQ Synchronous Boost Controller
logo
Texas Instruments
TPS43061-312168 TI1-TPS43061-312168 Datasheet
1Mb / 38P
[Old version datasheet]   Low Quiescent Current Synchronous Boost DC-DC Controller with Wide VIN Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com