Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM138KG-MW8 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM138KG-MW8
Description  Military Grade 5-A Adjustable Output Linear Regulator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM138KG-MW8 Datasheet(HTML) 5 Page - Texas Instruments

  LM138KG-MW8 Datasheet HTML 1Page - Texas Instruments LM138KG-MW8 Datasheet HTML 2Page - Texas Instruments LM138KG-MW8 Datasheet HTML 3Page - Texas Instruments LM138KG-MW8 Datasheet HTML 4Page - Texas Instruments LM138KG-MW8 Datasheet HTML 5Page - Texas Instruments LM138KG-MW8 Datasheet HTML 6Page - Texas Instruments LM138KG-MW8 Datasheet HTML 7Page - Texas Instruments LM138KG-MW8 Datasheet HTML 8Page - Texas Instruments LM138KG-MW8 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
5
LM138QML
www.ti.com
SNVSAA9 – OCTOBER 2017
Product Folder Links: LM138QML
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.3 Thermal Information
THERMAL METRIC(1)
LM138QML
UNIT
K (TO-3)
2 PINS
RθJA
Junction-to-ambient thermal resistance
42.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
3.3
°C/W
ψJT
Junction-to-top characterization parameter
2.5
°C/W
ψJB
Junction-to-board characterization parameter
37.4
°C/W
(1)
These specifications are applicable for power dissipations up to 50W. Power dissipation is specified at these values up to 15-V input-
output differential. Above 15-V differential, power dissipation will be limited by internal protection circuitry. All limits (that is, the numbers
in the minimum and maximum columns) are specified to TI's AOQL (Average Outgoing Quality Level).
(2)
Typical figures are at TA = 25°C, and represent most likely parametric norms. Test limits are ensured to Texas Instruments' average
outgoing quality level (AOQL).
(3)
VIN – VOUT = 3.3 V at –55°C and 125°C.
(4)
Regulation is measured at a constant junction temperature, using pulse testing with a low duty cycle. Changes in output voltage due to
heating effects are covered under the specifications for thermal regulation.
(5)
Datalog reading in mV, 0.01% = 1.19 mV.
(6)
Family board not required for this device.
6.4 Electrical Characteristics
Values apply for VIN – VOUT = 5 V; and IOUT = 10 mA (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
SUB-
GROUPS
MIN
TYP(2)
MAX
UNIT
VREF
Reference voltage
VIN – VOUT = 3 V
(3)
[1, 2, 3]
1.19
1.29
V
VIN – VOUT = 3 V, IOUT = 5 A
[1, 2, 3]
1.19
1.29
VIN – VOUT = 5 V, IOUT = 7 A
[1, 2, 3]
1.19
1.29
VIN – VOUT = 35 V
[1, 2, 3]
1.19
1.29
VIN – VOUT = 35 V, IOUT = 150 mA
[1, 2, 3]
1.19
1.29
VRLINE
Line regulation(4)
3 V
≤ (VIN – VOUT) ≤ 35 V
[1]
–3.5
3.5
mV
3.3 V
≤ (VIN – VOUT) ≤ 35 V
[2, 3]
–14
14
VRLOAD
Load regulation(4)
VIN – VOUT = 3 V, 10 mA ≤ IOUT ≤ 5 A,
VOUT = VREF
[1]
–3.8
3.8
mV
VIN – VOUT = 3.3 V, 10 mA ≤ IOUT ≤ 5 A,
VOUT = VREF
[2, 3]
–8
8
VIN – VOUT = 35 V, 10 mA ≤ IOUT ≤ 150
mA, VOUT = VREF
[1]
–3.8
3.8
[2, 3]
–8
8
VRTH
Thermal regulation
VIN – VOUT = 10 V, pulse = 20 ms,
IOUT = 1 A
(5)
[1]
0.002
0.01
%/W
IADJ
Adjustment pin current
VIN – VOUT = 3 V
(3)
[1, 2, 3]
2
45
100
μA
VIN – VOUT = 35 V
[1, 2, 3]
2
100
ΔIADJ
Adjustment pin current change
3 V
≤ (VIN – VOUT) ≤ 35 V
(3)
[1, 2, 3]
–5
0.2
5
μA
10 mA
≤ IOUT ≤ 5 A
[1, 2, 3]
–5
5
ILOAD(MIN) Minimum load current
VIN – VOUT = 3 V, VOUT = 1.4 V
(3)
[1, 2, 3]
0.5
5
mA
VIN – VOUT = 35 V, VOUT = 1.4 V
[1, 2, 3]
0.5
3.5
5
ICL
Current limit
VIN – VOUT = 10 V, T = 0.5 ms,
VOUT = 0 V
[1, 2, 3]
7
16
A
T = 5 ms, VOUT = 0 V
[1, 2, 3]
5
15
ΔVR/ΔVIN Ripple rejection ratio
VOUT = VREF, eIN = 1 VRMS, f = 120 Hz,
IOUT = 500 mA
(6)
[4]
60
dB


Similar Part No. - LM138KG-MW8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM138K NSC-LM138K Datasheet
396Kb / 16P
   5-Amp Adjustable Regulators
logo
STMicroelectronics
LM138K STMICROELECTRONICS-LM138K Datasheet
186Kb / 12P
   THREE-TERMINAL 5 A ADJUSTABLE VOLTAGE REGULATORS
logo
Linear Technology
LM138K LINER-LM138K Datasheet
185Kb / 12P
   5A Positive Adjustable Voltage Regulator
LM138K LINER-LM138K Datasheet
148Kb / 12P
   5A Positive Adjustable Voltage Regulator
logo
STMicroelectronics
LM138K STMICROELECTRONICS-LM138K Datasheet
1Mb / 23P
   Three-terminal 5 A adjustable voltage regulators
More results

Similar Description - LM138KG-MW8

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS52510-1 ONSEMI-CS52510-1 Datasheet
262Kb / 10P
   10 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 6
CS5253-1 ONSEMI-CS5253-1 Datasheet
268Kb / 10P
   3.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006??Rev. 11
CS5257A-1 ONSEMI-CS5257A-1 Datasheet
274Kb / 11P
   7.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 10
CS5258-1 ONSEMI-CS5258-1 Datasheet
255Kb / 10P
   8.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 6
CS52015-1 ONSEMI-CS52015-1 Datasheet
242Kb / 9P
   1.5 A Adjustable Linear Regulator
September, 2006 ??Rev. 7
CS5205A-1 ONSEMI-CS5205A-1 Datasheet
219Kb / 8P
   5.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 7
CS5201-1 ONSEMI-CS5201-1 Datasheet
213Kb / 9P
   1.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 8
CS5203-1 ONSEMI-CS5203-1 Datasheet
248Kb / 10P
   3.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 8
CS5207-1 ONSEMI-CS5207-1 Datasheet
203Kb / 7P
   7.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 6
NCP1086 ONSEMI-NCP1086 Datasheet
102Kb / 14P
   1.5 A Adjustable and 3.3 V Fixed Output Linear Regulator
July, 2004 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com