Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5150-Q1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM5150-Q1
Description  Wide VIN Automotive Low IQ Boost Controller
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5150-Q1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM5150-Q1 Datasheet HTML 2Page - Texas Instruments LM5150-Q1 Datasheet HTML 3Page - Texas Instruments LM5150-Q1 Datasheet HTML 4Page - Texas Instruments LM5150-Q1 Datasheet HTML 5Page - Texas Instruments LM5150-Q1 Datasheet HTML 6Page - Texas Instruments LM5150-Q1 Datasheet HTML 7Page - Texas Instruments LM5150-Q1 Datasheet HTML 8Page - Texas Instruments LM5150-Q1 Datasheet HTML 9Page - Texas Instruments LM5150-Q1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
6
LM5150-Q1
SNVSAP6 – SEPTEMBER 2017
www.ti.com
Product Folder Links: LM5150-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
Typical values correspond to TJ = 25°C. Minimum and maximum limits apply over TJ = -40°C to 125°C. Unless otherwise
stated, VVOUT = 6.8 V, RT = 9.09 kΩ
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VVCC-UVLO-HYS
AVCC UVLO hysteresis
0.2
V
IVCC-CL
PVCC sourcing current limit
VPVCC = 0 V, wake-up mode
75
mA
ENABLE
VEN-RISING
Enable threshold
EN rising
1.7
2
V
VEN-FALLING
Enable threshold
EN falling
1
1.3
V
IEN
EN bias current
VEN = 42 V
100
nA
6.8-V SETTING
VVOUT-REG
VOUT regulation target
RSET = 29.4 kΩ or 90.9 kΩ
6.66
6.80
6.98
V
VVOUT-WAKEUP
VOUT wake-up threshold
(VVOUT-REG+3%)
RSET = 29.4 kΩ or 90.9 kΩ, VOUT
falling
6.83
7.00
7.14
V
VVOUT-STANDBY1
VOUT standby threshold
(VVOUT-REG+6%, EC config)
RSET = 90.9 kΩ, VOUT rising
7.02
7.21
7.35
V
VVOUT-STATUS-OFF
VOUT status off threshold
(VVOUT-REG +12%, EC config)
RSET = 90.9 kΩ, VOUT rising
7.42
7.62
7.81
V
VVOUT-STANDBY2
VOUT standby threshold
(VVOUT-REG+24%, SS config)
RSET = 29.4 kΩ, VOUT rising
8.22
8.43
8.60
V
VVIN-STANDBY
VIN standby threshold
(VVOUT-WAKEUP + 1.0 V, SS config)
RSET = 29.4 kΩ, VIN rising
7.82
8.00
8.19
V
7.5-V SETTING
VVOUT-REG
VOUT regulation target
RSET = 19.1 kΩ or 71.5 kΩ
7.37
7.50
7.67
V
VVOUT-WAKEUP
VOUT wake-up threshold
(VVOUT-REG+3%)
RSET = 19.1 kΩ or 71.5 kΩ, VOUT
falling
7.52
7.73
7.88
V
VVOUT-STANDBY1
VOUT standby threshold
(VVOUT-REG+6%, EC config)
RSET = 71.5 kΩ, VOUT rising
7.74
7.95
8.11
V
VVOUT-STATUS-OFF
VOUT status off threshold
(VVOUT-REG +12%, EC config)
RSET = 71.5 kΩ, VOUT rising
8.19
8.40
8.61
V
VVOUT-STANDBY2
VOUT standby threshold
(VVOUT-REG+24%, SS config)
RSET = 19.1 kΩ, VOUT rising
9.07
9.30
9.46
V
VVIN-STANDBY
VIN standby threshold
(VVOUT-WAKEUP + 1.0 V, SS config)
RSET = 19.1 kΩ, VIN rising
8.50
8.73
8.93
V
8.5-V SETTING
VVOUT-REG
VOUT regulation target
RSET = 9.53 kΩ or 54.9 kΩ
8.37
8.50
8.69
V
VVOUT-WAKEUP
VOUT wake-up threshold
(VVOUT-REG+3%)
RSET = 9.53 kΩ or 54.9 kΩ, VOUT
falling
8.52
8.76
8.93
V
VVOUT-STANDBY1
VOUT standby threshold
(VVOUT-REG+6%, EC config)
RSET = 54.9 kΩ, VOUT rising
8.78
9.01
9.19
V
VVOUT-STATUS-OFF
VOUT status off threshold
(VVOUT-REG +12%, EC config)
RSET = 54.9 kΩ, VOUT rising
9.28
9.52
9.75
V
VVOUT-STANDBY2
VOUT standby threshold
(VVOUT-REG+24%, SS config)
RSET = 9.53 kΩ, VOUT rising
10.29
10.54
10.72
V
VVIN-STANDBY
VIN standby threshold
(VVOUT-WAKEUP + 1.0 V, SS config)
RSET = 9.53 kΩ, VIN rising
9.50
9.76
9.98
V
10.5-V SETTING
VVOUT-REG
VOUT regulation target
RSET = GND or 41.2 kΩ
10.31
10.50
10.75
V
VVOUT-WAKEUP
VOUT wake-up threshold
(VVOUT-REG+3%)
RSET = GND or 41.2 kΩ, VOUT falling
10.53
10.82
11.02
V
VVOUT-STANDBY1
VOUT standby threshold
(VVOUT-REG+6%, EC config)
RSET = 41.2 kΩ, VOUT rising
10.84
11.13
11.33
V


Similar Part No. - LM5150-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5150-Q1 TI-LM5150-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   LM5150-Q1 Wide VIN Automotive Low IQ Boost Controller
LM5150-Q1 TI-LM5150-Q1 Datasheet
1Mb / 54P
[Old version datasheet]   LM5150-Q1 Wide VIN Automotive Low IQ Boost Controller
REVISED OCTOBER 2021
LM5150-Q1 TI-LM5150-Q1_V01 Datasheet
1Mb / 43P
[Old version datasheet]   LM5150-Q1 Wide VIN Automotive Low IQ Boost Controller
LM5150-Q1 TI-LM5150-Q1_V02 Datasheet
1Mb / 54P
[Old version datasheet]   LM5150-Q1 Wide VIN Automotive Low IQ Boost Controller
REVISED OCTOBER 2021
More results

Similar Description - LM5150-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM51501-Q1 TI1-LM51501-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   Wide VIN Automotive Low IQ Boost Controller
LM51501-Q1 TI-LM51501-Q1_V02 Datasheet
1Mb / 53P
[Old version datasheet]   LM51501-Q1 Wide VIN Automotive Low IQ Boost Controller
REVISED OCTOBER 2021
LM5150-Q1 TI-LM5150-Q1_V01 Datasheet
1Mb / 43P
[Old version datasheet]   LM5150-Q1 Wide VIN Automotive Low IQ Boost Controller
LM5150-Q1 TI-LM5150-Q1_V02 Datasheet
1Mb / 54P
[Old version datasheet]   LM5150-Q1 Wide VIN Automotive Low IQ Boost Controller
REVISED OCTOBER 2021
LM51501-Q1 TI-LM51501-Q1_V01 Datasheet
1Mb / 43P
[Old version datasheet]   LM51501-Q1 Wide VIN Automotive Low IQ Boost Controller
LM5123-Q1 TI-LM5123-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   LM5123-Q1 2.2-MHz Wide VIN Low-IQ Synchronous Boost Controller with VOUT Tracking
logo
Linear Technology
LTC3786 LINER-LTC3786_15 Datasheet
407Kb / 34P
   Low IQ Synchronous Boost Controller
LTC3786EMSEPBF LINER-LTC3786EMSEPBF Datasheet
407Kb / 34P
   Low IQ Synchronous Boost Controller
LTC3769 LINER-LTC3769_15 Datasheet
433Kb / 32P
   60V Low IQ Synchronous Boost Controller
logo
Texas Instruments
TPS43061-312168 TI1-TPS43061-312168 Datasheet
1Mb / 38P
[Old version datasheet]   Low Quiescent Current Synchronous Boost DC-DC Controller with Wide VIN Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com