Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV10987DPWPR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DRV10987DPWPR
Description  12- to 24-V, Three-Phase, Sensorless BLDC Motor Driver
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV10987DPWPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button DRV10987DPWPR Datasheet HTML 3Page - Texas Instruments DRV10987DPWPR Datasheet HTML 4Page - Texas Instruments DRV10987DPWPR Datasheet HTML 5Page - Texas Instruments DRV10987DPWPR Datasheet HTML 6Page - Texas Instruments DRV10987DPWPR Datasheet HTML 7Page - Texas Instruments DRV10987DPWPR Datasheet HTML 8Page - Texas Instruments DRV10987DPWPR Datasheet HTML 9Page - Texas Instruments DRV10987DPWPR Datasheet HTML 10Page - Texas Instruments DRV10987DPWPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 76 page
background image
7
DRV10987
www.ti.com
SLVSE89A – AUGUST 2017 – REVISED NOVEMBER 2017
Product Folder Links: DRV10987
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.5 Electrical Characteristics
over operating voltage and ambient temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT (DRV10987D)
IccSLEEP1
Sleep current
VSPEED = 0 V; VCC = 12 V; TA =
25
48
54
µA
VSPEED = 0 V; VCC = 12 V; across
temperature
81
Icc
Active current
VSPEED > 0 V; step-down regulator
with inductor (buck mode); no motor
load
10
15
mA
VSPEED > 0 V; step-down regulator
with resistor (linear mode); no motor
load
13
16
IccSLEEP2
Sleep current with turtle
mode disabled
VSPEED = 0 V; VCC = 12 V; TA =
25
℃; turtle mode disabled
48
54
µA
IccSLEEP1
Sleep current
VSPEED = 0 V; VCC = 12 V; across
temp; turtle mode disabled
50
µA
SUPPLY CURRENT (DRV10987S)
IccSTBY
Standby current
VSPEED = 0 V; step-down regulator
with
inductor (buck mode)
8.5
14
mA
VSPEED = 0 V; buck regulator with
resistor (linear mode)
11
15
Icc
Active current
VSPEED > 0 V; buck regulator with
inductor; no motor load
10
15
mA
VSPEED > 0 V; buck regulator with
resistor; no motor load
13
16
UVLO
VUVLO_R
UVLO rising threshold
voltage
5.8
6
6.2
V
VUVLO_F
UVLO falling threshold
voltage
5.6
5.8
6
V
VUVLO_HYS
UVLO threshold voltage
hysteresis
170
195
220
mV
VVCP_UVLO_R
Charge pump UVLO rising
threshold (V(VCP) - VCC)
3.6
3.8
4.2
V
VVCP_UVLO_F
Charge pump UVLO falling
threshold (V(VCP) - VCC)
3.5
3.65
3.75
V
VV1P8_UVLO_R
V1P8 UVLO rising threshold
1.5
1.6
1.7
V
VV1P8_UVLO_F
V1P8 UVLO falling threshold
1.4
1.55
1.65
V
VV3P3_UVLO_R
V3P3 UVLO rising threshold
2.7
2.85
2.95
V
VV3P3_UVLO_F
V3P3 UVLO falling threshold
2.5
2.7
2.8
V
VVREG_UVLO_R
VREG UVLO rising threshold
4
4.2
4.3
V
VVREG_UVLO_F
VREG UVLO falling
threshold
3.9
4.2
V
LDO OUTPUT
V3P3
Output voltage
Step-down regulator with inductor
(buck mode), 20-mA load
3.1
3.3
3.5
V
Step-down regulator with resistor
(linear mode), no load
3.1
3.3
3.5
IV3P3_MAX
Maximum load from V3P3
Step-down regulator with inductor
(buck mode)
20
mA
V1P8
Output voltage
No load
1.7
1.8
1.9
V


Similar Part No. - DRV10987DPWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV10987 TI1-DRV10987 Datasheet
1Mb / 69P
[Old version datasheet]   DRV10987 12- to 24-V, Three-Phase, Sensorless BLDC Motor Driver
More results

Similar Description - DRV10987DPWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV10983 TI1-DRV10983 Datasheet
1Mb / 58P
[Old version datasheet]   12- to 24-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10987 TI1-DRV10987 Datasheet
1Mb / 69P
[Old version datasheet]   DRV10987 12- to 24-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10983 TI-DRV10983_15 Datasheet
1Mb / 57P
[Old version datasheet]   DRV10983 12- to 24-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974 TI1-DRV10974 Datasheet
1Mb / 29P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974_1809 TI1-DRV10974_1809 Datasheet
1Mb / 40P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975_018 TI1-DRV10975_018 Datasheet
1Mb / 65P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974_1807 TI1-DRV10974_1807 Datasheet
1Mb / 37P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975 TI1-DRV10975 Datasheet
1Mb / 57P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974 TI1-DRV10974_18 Datasheet
1Mb / 29P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975 TI1-DRV10975_18 Datasheet
1Mb / 64P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com