Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV5032_017 Datasheet(PDF) 10 Page - Texas Instruments

Part # DRV5032_017
Description  Ultra-Low-Power Digital-Switch Hall Effect Sensor
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV5032_017 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DRV5032_017 Datasheet HTML 6Page - Texas Instruments DRV5032_017 Datasheet HTML 7Page - Texas Instruments DRV5032_017 Datasheet HTML 8Page - Texas Instruments DRV5032_017 Datasheet HTML 9Page - Texas Instruments DRV5032_017 Datasheet HTML 10Page - Texas Instruments DRV5032_017 Datasheet HTML 11Page - Texas Instruments DRV5032_017 Datasheet HTML 12Page - Texas Instruments DRV5032_017 Datasheet HTML 13Page - Texas Instruments DRV5032_017 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
B
PCB
SOT-23
X2SON
B
GND
OUT2
OUT / OUT1
REF
Output
Control
VCC
Voltage
Regulator
Ultra-low-power
Oscillator
VCC
0.1 F
(min)
Element Bias
Offset
Cancellation
Temperature
Compensation
Amp
VCC
(1)
(1) Output type depe nds on de vice ve rsi on
(1)
Copyright © 201 7, Texas Instrumen ts Incorpor ate d
10
DRV5032
SLVSDC7D – APRIL 2017 – REVISED NOVEMBER 2017
www.ti.com
Product Folder Links: DRV5032
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The DRV5032 device is a magnetic sensor with a digital output that indicates when the magnetic flux density
threshold has been crossed. The device integrates a Hall effect element, analog signal conditioning, and a low-
frequency oscillator that enables ultra-low average power consumption. By operating from a 1.65-V to 5.5-V
supply, the device periodically measures magnetic flux density, updates the output, and enters a low-power sleep
state.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Magnetic Flux Direction
The DRV5032 device is sensitive to the magnetic field component that is perpendicular to the top of the package
(as shown in Figure 11).
Figure 11. Direction of Sensitivity


Similar Part No. - DRV5032_017

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV5032AJ TI-DRV5032AJ Datasheet
1Mb / 40P
[Old version datasheet]   DRV5032 Ultra-Low-Power Digital-Switch Hall Effect Sensor
DRV5032AJDBZR TI1-DRV5032AJDBZR Datasheet
1Mb / 30P
[Old version datasheet]   Ultra-Low-Power Digital-Switch Hall Effect Sensor
DRV5032AJDBZR TI1-DRV5032AJDBZR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Low-Power Digital-Switch Hall Effect Sensor
DRV5032AJDBZR TI1-DRV5032AJDBZR Datasheet
1Mb / 37P
[Old version datasheet]   DRV5032 Ultra-Low-Power Digital-Switch Hall Effect Sensor
DRV5032AJDBZR TI-DRV5032AJDBZR Datasheet
1Mb / 40P
[Old version datasheet]   DRV5032 Ultra-Low-Power Digital-Switch Hall Effect Sensor
More results

Similar Description - DRV5032_017

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV5032 TI1-DRV5032_17 Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Low-Power Digital-Switch Hall Effect Sensor
DRV5032 TI1-DRV5032 Datasheet
1Mb / 30P
[Old version datasheet]   Ultra-Low-Power Digital-Switch Hall Effect Sensor
DRV5032 TI-DRV5032_V02 Datasheet
1Mb / 40P
[Old version datasheet]   DRV5032 Ultra-Low-Power Digital-Switch Hall Effect Sensor
DRV5032 TI1-DRV5032_V01 Datasheet
1Mb / 37P
[Old version datasheet]   DRV5032 Ultra-Low-Power Digital-Switch Hall Effect Sensor
DRV5012 TI1-DRV5012 Datasheet
197Kb / 20P
[Old version datasheet]   Ultra-Low-Power Digital-Latch Hall-Effect Sensor
logo
Diodes Incorporated
AH1911 DIODES-AH1911 Datasheet
588Kb / 9P
   ULTRA-LOW POWER DIGITAL OMNIPLOAR HALL-EFFECT SWITCH
AH1912 DIODES-AH1912 Datasheet
685Kb / 10P
   ULTRA-LOW POWER DIGITAL OMNIPLOAR HALL-EFFECT SWITCH
July 2019
logo
Texas Instruments
DRV5023 TI1-DRV5023_16 Datasheet
1Mb / 28P
[Old version datasheet]   Digital-Switch Hall Effect Sensor
logo
Diodes Incorporated
AH1925 DIODES-AH1925 Datasheet
593Kb / 9P
   ULTRA-LOW POWER DIGITAL OMNI POLAR HALL EFFECT SWITCH
September 2019 Rev. 1 - 2
logo
Texas Instruments
DRV5021 TI1-DRV5021 Datasheet
1Mb / 27P
[Old version datasheet]   Low-Voltage, Unipolar, Digital-Switch Hall Effect Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com