Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN4174 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FAN4174
Description  Single, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN4174 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN4174 Datasheet HTML 1Page - Fairchild Semiconductor FAN4174 Datasheet HTML 2Page - Fairchild Semiconductor FAN4174 Datasheet HTML 3Page - Fairchild Semiconductor FAN4174 Datasheet HTML 4Page - Fairchild Semiconductor FAN4174 Datasheet HTML 5Page - Fairchild Semiconductor FAN4174 Datasheet HTML 6Page - Fairchild Semiconductor FAN4174 Datasheet HTML 7Page - Fairchild Semiconductor FAN4174 Datasheet HTML 8Page - Fairchild Semiconductor FAN4174 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
REV. 1D December 2004
www.fairchildsemi.com
Features at +5V
• 200
µA supply current per amplifier
• 3.7MHz bandwidth
• Output swing to within 10mV of either rail
• Input voltage range exceeds the rails
• 3V/
µs slew rate
• 25nV/
√Hz input voltage noise
• Competes with OPA340 and TLV2461
•Package options (SC70-5 and SOT23-5)
• Fully specified at +2.7V and +5V supplies
Applications
• Portable/battery-powered applications
• PCMCIA, USB
• Mobile communications, cellular phones, pagers
• Notebooks and PDA’s
• Sensor interface
• A/D buffer
• Active filters
• Signal conditioning
• Portable test instruments
Description
The FAN4174 is a single, ultra-low cost, voltage feedback
amplifier with CMOS inputs that consumes only 200
µA of
supply current while providing ±33mA of output short
circuit current. The FAN4174 is designed to operate from
2.5V to 5V supplies. The common mode voltage range
extends beyond the negative and positive rails.
The FAN4174 is designed on a CMOS process and provides
3.7MHz of bandwidth and 3V/
µs of slew rate at a supply
voltage of +5V. The combination of low power, rail-to-rail
performance, low voltage operation, and tiny package
options make the FAN4174 well suited for use in many gen-
eral purpose and battery powered applications.
FAN4174
Single, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
Pin Assignments
+
-
FAN4174
Rf
0.01
µF
6.8
µF
Out
+In
+Vs
+
0.01
µF
6.8
µF
-Vs
+
Rg
Typical Application
SOT23
SC70
-
1
2
3
Out
-Vs
+In
+Vs
-In
5
4
-
1
2
3
Out
-Vs
+In
+Vs
-In
5
4
Frequency Response vs. CL
Frequency (MHz)
1.0
10
0.1
CL = 50pF
Rs = 0
CL = 500pF
Rs = 165
CL = 2000pF
Rs = 65
Vo = 50mV
CL = 1000pF
Rs = 100
CL = 100pF
Rs = 0
+
-
5k
5k
Rs
CL
RL


Similar Part No. - FAN4174

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN4174 FAIRCHILD-FAN4174 Datasheet
511Kb / 14P
   Single, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
FAN4174 FAIRCHILD-FAN4174 Datasheet
1Mb / 15P
   Single and Dual, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
logo
ON Semiconductor
FAN4174 ONSEMI-FAN4174 Datasheet
1Mb / 13P
   Single and Dual,Rail-to-Rail I/O, CMOS Amplifier
December-2107, Rev. 2
logo
Fairchild Semiconductor
FAN4174IP5X FAIRCHILD-FAN4174IP5X Datasheet
1Mb / 15P
   Single and Dual, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
FAN4174IP5X_NL FAIRCHILD-FAN4174IP5X_NL Datasheet
511Kb / 14P
   Single, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
More results

Similar Description - FAN4174

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN4174 FAIRCHILD-FAN4174 Datasheet
511Kb / 14P
   Single, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
logo
ON Semiconductor
FAN4931 ONSEMI-FAN4931 Datasheet
1Mb / 13P
   Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
February 2013 Rev. 1.0.2
logo
Fairchild Semiconductor
FAN4931 FAIRCHILD-FAN4931 Datasheet
1Mb / 11P
   Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
FAN4174 FAIRCHILD-FAN4174_08 Datasheet
1Mb / 15P
   Single and Dual, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
FAN4274 FAIRCHILD-FAN4274_12 Datasheet
1Mb / 13P
   Single and Dual, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
KM7101 FAIRCHILD-KM7101 Datasheet
146Kb / 9P
   Ultra-Low Cost, 139A, 2.7V, 4.9MHz Rail-to-Rail I/O Amplifier
logo
Texas Instruments
OPA705 TI-OPA705_12 Datasheet
614Kb / 15P
[Old version datasheet]   Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA705 BURR-BROWN-OPA705 Datasheet
280Kb / 12P
   Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA705 TI1-OPA705 Datasheet
837Kb / 15P
[Old version datasheet]   Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
FAN4174 ONSEMI-FAN4174 Datasheet
1Mb / 13P
   Single and Dual,Rail-to-Rail I/O, CMOS Amplifier
December-2107, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com