Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCY2130J36 Datasheet(PDF) 10 Page - World Produts Inc.

Part # PCY2130J36
Description  10 to 27.5mm lead pitch
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCY2130J36 Datasheet(HTML) 10 Page - World Produts Inc.

Back Button PCY2130J36 Datasheet HTML 6Page - World Produts Inc. PCY2130J36 Datasheet HTML 7Page - World Produts Inc. PCY2130J36 Datasheet HTML 8Page - World Produts Inc. PCY2130J36 Datasheet HTML 9Page - World Produts Inc. PCY2130J36 Datasheet HTML 10Page - World Produts Inc. PCY2130J36 Datasheet HTML 11Page - World Produts Inc. PCY2130J36 Datasheet HTML 12Page - World Produts Inc. PCY2130J36 Datasheet HTML 13Page - World Produts Inc. PCY2130J36 Datasheet HTML 14Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
3LONRU FRPSRQHQWV
(0, 6XSSUHVVLRQ
3&< 
ILOP FDSDFLWRUV
7<3( 63(&,),&$7,21
 2) 

& 3,/.25 (/(&7521,&6 
461
6DIHW\
3$&.,1*
',0(16,216 2) 7$3(' 352'&876
7$3(' 21 5((/
&DSDFLWRU ZLWK WHUPLQDO SLWFK 3
 PP
&DSDFLWRU ZLWK WHUPLQDO SLWFK 3
 PP


Similar Description - PCY2130J36

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R60IR51005040K KEMET-R60IR51005040K Datasheet
54Kb / 1P
   Film, Metallized Polyester, Commercial Grade, R60, 10 uF, 10%, 250 V, 85C, Lead Spacing = 27.5mm
R60ER5100AA40K KEMET-R60ER5100AA40K Datasheet
53Kb / 1P
   Film, Metallized Polyester, Commercial Grade, R60, 10 uF, 10%, 100 V, 85C, Lead Spacing = 27.5mm
R60MR51005040K KEMET-R60MR51005040K Datasheet
54Kb / 1P
   Film, Metallized Polyester, Commercial Grade, R60, 10 uF, 10%, 400 V, 85C, Lead Spacing = 27.5mm
R71XR510050H0K KEMET-R71XR510050H0K Datasheet
51Kb / 1P
   R71H, Film, Metallized Polypropylene, Automotive Grade, 10 uF, 10%, 450 VDC, 85째C, Lead Spacing = 27.5mm
R71VR510050H6K KEMET-R71VR510050H6K Datasheet
50Kb / 1P
   R71H, Film, Metallized Polypropylene, Automotive Grade, 10 uF, 10%, 520 VDC, 85째C, Lead Spacing = 27.5mm
C4AQLBU5100A1XK KEMET-C4AQLBU5100A1XK Datasheet
57Kb / 1P
   C4AQ, Film, Metallized Polypropylene, Automotive DC Link, 10 uF, 10%, 500 V, 70C, Lead Spacing = 27.5mm
C4AF1BU4470A11K KEMET-C4AF1BU4470A11K Datasheet
57Kb / 1P
   C4AF, Film, Metallized Polypropylene, Power, 4.7 uF, 10%, 500 V, 85C, Lead Spacing = 27.5mm
C4AF3BU4220A12K KEMET-C4AF3BU4220A12K Datasheet
57Kb / 1P
   C4AF, Film, Metallized Polypropylene, Power, 2.2 uF, 10%, 800 V, 85C, Lead Spacing = 27.5mm
C4AF9BU4150A1XK KEMET-C4AF9BU4150A1XK Datasheet
57Kb / 1P
   C4AF, Film, Metallized Polypropylene, Power, 1.5 uF, 10%, 630 V, 85C, Lead Spacing = 27.5mm
C4AF1BU4680A12K KEMET-C4AF1BU4680A12K Datasheet
58Kb / 1P
   C4AF, Film, Metallized Polypropylene, Power, 6.8 uF, 10%, 500 V, 85C, Lead Spacing = 27.5mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com