Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCX1331L45 Datasheet(PDF) 6 Page - World Produts Inc.

Part # PCX1331L45
Description  Supplied loose in box and taped on reel
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCX1331L45 Datasheet(HTML) 6 Page - World Produts Inc.

  PCX1331L45 Datasheet HTML 1Page - World Produts Inc. PCX1331L45 Datasheet HTML 2Page - World Produts Inc. PCX1331L45 Datasheet HTML 3Page - World Produts Inc. PCX1331L45 Datasheet HTML 4Page - World Produts Inc. PCX1331L45 Datasheet HTML 5Page - World Produts Inc. PCX1331L45 Datasheet HTML 6Page - World Produts Inc. PCX1331L45 Datasheet HTML 7Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Pilkor components
EMI Suppression
PCX1 331
film capacitors
136
RATINGS AND CHARACTERISTICS
Unless otherwise specified all electrical values apply to an ambient temperature of
23±1℃, an atmospheric pressure of 86 to 106kPa and a relative humidity 50±2%.
For reference testing, a conditioning period shall be applied of 96±4 hours by heating
the products in a circulating air oven at the rated temperature and a relative humidity
not exceeding 20%.
Maximum RMS Voltage as a function of frequency
10
3
10
2
AC voltage
(V)
10
1
10
2
10
3
10
4
10
5
f(Hz)
AC voltage (RMS value) as a function of frequency at Tamb≤105℃
10
1


Similar Part No. - PCX1331L45

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
PCX1C101MCL1GS NICHICON-PCX1C101MCL1GS Datasheet
68Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
PCX1C101MCL1GS NICHICON-PCX1C101MCL1GS Datasheet
1Mb / 2P
   Chip Type, High Voltage / Long Life
PCX1C101MCS1GS NICHICON-PCX1C101MCS1GS Datasheet
68Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
PCX1C101MCS1GS NICHICON-PCX1C101MCS1GS Datasheet
1Mb / 2P
   Chip Type, High Voltage / Long Life
PCX1C151MCL1GS NICHICON-PCX1C151MCL1GS Datasheet
68Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
More results

Similar Description - PCX1331L45

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
PCX2347 WPI-PCX2347 Datasheet
251Kb / 6P
   Supplied loose in box and taped on reel
PCRC420 WPI-PCRC420 Datasheet
212Kb / 7P
   Supplied loose in box and taped in ammopack
PCMT468 WPI-PCMT468 Datasheet
284Kb / 13P
   Supplied loose in box and ammopack
logo
Laird Tech Smart Techno...
CC2824D225R-10 LSTD-CC2824D225R-10 Datasheet
199Kb / 1P
   TAPED AND REELED ON 13 REELS, 1500 PCS/REEL
CM2824E702R-10 LSTD-CM2824E702R-10 Datasheet
217Kb / 1P
   TAPED AND REELED ON 13 REELS, 1500 PCS/REEL
logo
CAMBION Electronic Comp...
709-2002 CAMBION-709-2002 Datasheet
34Kb / 2P
   PLCC sockets, surface mount, supplied on tape and reel
logo
Japan Aviation Electron...
HB01S25H3P1 JAE-HB01S25H3P1 Datasheet
345Kb / 1P
   THESE CONTACTS ARE SUPPLIED IN REEL.
HB01S06K4P2 JAE-HB01S06K4P2 Datasheet
347Kb / 1P
   THESE CONTACTS ARE SUPPLIED IN REEL.
HB01S25H2P1 JAE-HB01S25H2P1 Datasheet
348Kb / 1P
   THESE CONTACTS ARE SUPPLIED IN REEL.
HB01S06K4P1 JAE-HB01S06K4P1 Datasheet
343Kb / 1P
   THESE CONTACTS ARE SUPPLIED IN REEL.
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com