Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS19 Datasheet(PDF) 1 Page - Suntan Capacitors

Part # TS19
Description  TANTALUM CAPACITOR- DIPPED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TS19 Datasheet(HTML) 1 Page - Suntan Capacitors

  TS19_17 Datasheet HTML 1Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TANTALUM CAPACITOR- DIPPED
Suntan®
RESIN COATED, INFLAMMABLE AND MOISTURE RESISTANT EPOXY POWDER
TS19
F E A T U R E S
TS19 Series are epoxy-coated solid electrolyte tantalum capacitors are encapsulated with flame-retardant yellow epoxy powder,
marked with laser.
TS19 meets and exceeds the requirements of IEC Specification 384–15-3, IECQ Specification QC300201/US0003 and Technical
Specification SJ/T10856-96.
Highly used in military and civil applications , such as TV sets, camcorders, computers, program-controlled electronic telephone
switching systems, telephones, instruments and meters.
RoHS Compliance & Lead Free Terminations.
SPEC IFIC A T ION S
Rated Voltage
D.C. 4V ~ 50V
Operating Temperature Range
-55°C to +125°C (>85°C with rated
voltage derating.)
Capacitance Range
0.047μF to 680μF
Capacitance Tolerance
±20%(M), ±10%(K),
±5%(J) (For special order)
DC Leakage Current
Io0.02CRVR or 1 μA (25℃)
(Whichever is greater)
Case Sizes and Dimensions
Please see Table 2
Dissipation Factor at 25°C
Please see Table 1
Temperature Characteristics
Please see Table 1
TEMPERATURE CHARACTERISTICS
Table 1
DIMENSIONS - MILLIMETERS
Table 2
Capacitance Change (%)
DF Max. (%)
DCL Max. (
μA)
Capacitance
(
μF)
-55℃
+85℃
+125℃
-55℃
+25℃
+85℃
+125℃
+25℃
+85℃
+125℃
1.0
6
4
6
6
1.5 ~ 68
8
6
8
8
10 ~ 68
10
8
10
10
100 ~ 680
±10
±15
±25
12
10
12
12
Io≤0.02
CRUR or
1
μA
whichever
is greater
+10 Io
+12.5Io
Case
Size
D
(max)
L
(max)
“A1”
“A2”
d (±0.05mm)
A
4.5
7.0
2.54
5.08
0.5
B
5.0
8.0
2.54
5.08
0.5
C
5.5
9.5
2.54
5.08
0.5
D
6.5
11.0
2.54
5.08
0.5
E
8.5
13.0
2.54
5.08
0.5
F
9.5
16.5
2.54
5.08
0.5
Rated Voltage, Nominal Capacitance and Case Sizes
Table 3
UR
V
4
6.3
10
16
20
25
35
50
Derated Voltage ≤+125 (V)
2.7
4
7
10
15
17
23
33
Surge Voltage ≤+85 (V)
5
8
13
20
26
32
46
65
Capacitance (μF)
Case Size
0.1
A
A
0.15
A
A
0.22
A
A
0.33
A
A
A
0.47
A
A
A
A
0.68
A
A
A
B
1.0
A
A
A
A
B
1.5
A
A
A
A
B
2.2
A
A
A
A
B
C
3.3
A
A
A
A
A
B
C
4.7
A
A
A
A
A
B
B
D
6.8
A
A
A
A
B
B
C
D
10
A
A
A
A
B
B
C
E
15
A
A
A
B
C
C
D
E
22
A
A
B
B
C
C
D
F
33
A
B
B
C
C
D
E
47
B
B
C
C
D
D
E
68
B
C
C
D
D
E
100
C
C
C
D
E
E
150
C
D
D
E
E
220
D
D
E
E
330
D
E
E
470
E
E
680
E
F
Typical Characteristic Curve
Note: Specifications are subject to change without notice. For more details and updates, please visit our website.
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Similar Part No. - TS19_17

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS19310 TSC-TS19310 Datasheet
423Kb / 8P
   Single-Stage PFC TRIAC Dimmable LED Driver
TS19310ACX6RFG TSC-TS19310ACX6RFG Datasheet
423Kb / 8P
   Single-Stage PFC TRIAC Dimmable LED Driver
TS19310BCX6RFG TSC-TS19310BCX6RFG Datasheet
423Kb / 8P
   Single-Stage PFC TRIAC Dimmable LED Driver
More results

Similar Description - TS19_17

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS19 SUNTAN-TS19 Datasheet
1Mb / 1P
   TANTALUM CAPACITOR- DIPPED
logo
Kingtronics Internation...
TKT KINGTRONICS-TKT Datasheet
404Kb / 2P
   TKT Tantalum Capacitor ??Dipped
logo
Dubilier
SH DUBILIER-SH Datasheet
243Kb / 3P
   TANTALUM DIPPED
logo
Kemet Corporation
T368 KEMET-T368 Datasheet
102Kb / 2P
   TANTALUM DIPPED/RADIAL
logo
RFE international
CB105M1ABR5 RFE-CB105M1ABR5 Datasheet
514Kb / 2P
   LEADED TANTALUM CAPACITOR CB Series: Resin Dipped, Radial Leaded
2020.02.25
logo
Dubilier
SH1016TR DUBILIER-SH1016TR Datasheet
206Kb / 3P
   CAPACITORS TANTALUM DIPPED SH
SH1016TR DUBILIER-SH1016TR_11 Datasheet
243Kb / 3P
   CAPACITORS TANTALUM DIPPED SH
logo
DB Lectro Inc
CA42 DBLECTRO-CA42 Datasheet
157Kb / 5P
   CA42 Dipped Tantalum Capacitors
logo
Kemet Corporation
T350B105K050AT KEMET-T350B105K050AT Datasheet
382Kb / 13P
   TANTALUM DIPPED / RADIAL ??POLAR
T350G106K035AS KEMET-T350G106K035AS Datasheet
376Kb / 13P
   TANTALUM DIPPED/RADIAL-POLAR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com