Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS17 Datasheet(PDF) 8 Page - Suntan Capacitors

Part # TS17
Description  MULTILAYER (MONO) CERAMIC CAPACITOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TS17 Datasheet(HTML) 8 Page - Suntan Capacitors

  TS17_17 Datasheet HTML 1Page - Suntan Capacitors TS17_17 Datasheet HTML 2Page - Suntan Capacitors TS17_17 Datasheet HTML 3Page - Suntan Capacitors TS17_17 Datasheet HTML 4Page - Suntan Capacitors TS17_17 Datasheet HTML 5Page - Suntan Capacitors TS17_17 Datasheet HTML 6Page - Suntan Capacitors TS17_17 Datasheet HTML 7Page - Suntan Capacitors TS17_17 Datasheet HTML 8Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
MULTILAYER (MONO) CERAMIC CAPACITOR
Suntan®
TS17
Ammo package
Tape style
A
B
C
D
52.4mm
81(±5)mm
72(±5)mm
258(±5)mm
Lable
26mm
50(±5)mm
110(±5)mm
258(±5)mm
Packaging quantity
Size code
Tape and reel
Ammo package
Bulk package
15
5000
5000
1000(500)
16
5000
5000
1000(500)
17
5000
5000
1000(500)
19
2500(5000)
2500(5000)
500
20
2500(5000)
2500
500
*packaging according to the customer’s requirement
Suntan® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Similar Part No. - TS17_17

ManufacturerPart #DatasheetDescription
logo
CUI INC
TS17-48-05-YE-16-SMT-TR CUI-TS17-48-05-YE-16-SMT-TR Datasheet
351Kb / 4P
   TACTILE SWITCH
05/10/2022
TS17-48-05-YE-260-SMT-TR CUI-TS17-48-05-YE-260-SMT-TR Datasheet
351Kb / 4P
   TACTILE SWITCH
05/10/2022
logo
Taiwan Semiconductor Co...
TS178R00 TSC-TS178R00 Datasheet
184Kb / 5P
   1A Ultra Low Dropout Voltage Regulator w/Disable
TS178R05 TSC-TS178R05 Datasheet
184Kb / 5P
   1A Ultra Low Dropout Voltage Regulator w/Disable
TS178R05CI4 TSC-TS178R05CI4 Datasheet
184Kb / 5P
   1A Ultra Low Dropout Voltage Regulator w/Disable
More results

Similar Description - TS17_17

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS17 SUNTAN-TS17 Datasheet
615Kb / 8P
   MULTILAYER (MONO) CERAMIC CAPACITOR
logo
Samsung semiconductor
CL21C220 SAMSUNG-CL21C220 Datasheet
552Kb / 35P
   Multilayer Ceramic Capacitor
CL31B104KCFNNNF SAMSUNG-CL31B104KCFNNNF Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
logo
EPCOS
X7R EPCOS-X7R Datasheet
432Kb / 19P
   Multilayer ceramic capacitor
B37931K5104K0 EPCOS-B37931K5104K0 Datasheet
64Kb / 5P
   Multilayer ceramic capacitor
B37941X EPCOS-B37941X Datasheet
413Kb / 14P
   Multilayer ceramic capacitor
logo
Samsung semiconductor
CL03C101JA3ANNC SAMSUNG-CL03C101JA3ANNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL05B104KONC SAMSUNG-CL05B104KONC Datasheet
549Kb / 35P
   Multilayer Ceramic Capacitor
CL10C180JB8NNNC SAMSUNG-CL10C180JB8NNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL21C100CBANNNC SAMSUNG-CL21C100CBANNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com