Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN4174 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FAN4174
Description  Single, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN4174 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN4174 Datasheet HTML 3Page - Fairchild Semiconductor FAN4174 Datasheet HTML 4Page - Fairchild Semiconductor FAN4174 Datasheet HTML 5Page - Fairchild Semiconductor FAN4174 Datasheet HTML 6Page - Fairchild Semiconductor FAN4174 Datasheet HTML 7Page - Fairchild Semiconductor FAN4174 Datasheet HTML 8Page - Fairchild Semiconductor FAN4174 Datasheet HTML 9Page - Fairchild Semiconductor FAN4174 Datasheet HTML 10Page - Fairchild Semiconductor FAN4174 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
FAN4174/FAN4274 Rev. 2D
7
www.fairchildsemi.com
Typical Performance Characteristics
(VS = +2.7V, G = 2, RL = 10kΩ to VS/2, RF = 5kΩ; unless otherwise noted)
Figure 7. Large Signal Freq. Response (+5V)
Figure 8. Open Loop Gain and Phase vs. Freq.
Figure 9. 2nd & 3rd Harmonic Distortion
Figure 10. 2nd Harmonic Distortion vs. Vo
Figure 11. 3rd Harmonic Distortion vs. Vo
Figure 12. CMRR Vs = 5V
Frequency (MHz)
1.0
10
0.1
-4
Vo = 4Vpp
Vo = 1Vpp
Vo = 2Vpp
Frequency (Hz)
10M
1M
100k
10k
1k
100
10
1
Phase
Gain
-3
-2
-1
0
1
2
3
4
5
6
7
-40
-20
0
20
40
60
80
100
120
-180
-135
-90
-45
0
Output Amplitude (Vpp)
2.5
2.25
2
1.75
1.5
1.25
1
0.75
0.5
-85
-75
-70
-65
-60
-55
-50
-45
-40
Frequency (kHz)
100
10
20
30
40
50
60
70
80
90
-70
-68
-80
-66
-64
-62
-60
-58
-56
-54
-52
-50
-48
-46
2nd; RL = 1kΩ
2nd; RL = 10kΩ
2nd; RL = 200kΩ
3rd; RL = 1kΩ
3rd; RL = 10kΩ
3rd; RL = 200kΩ
100kHz
50kHz
20kHz
10kHz
Output Amplitude (Vpp)
2.5
2.25
2
1.75
1.5
1.25
1
0.75
0.5
-85
-75
-70
-65
-60
-55
-50
-45
-40
-80
100kHz
50kHz
20kHz
10kHz
Frequency (Hz)
10k
100k
1k
100
10
30
40
50
60
70
80


Similar Part No. - FAN4174

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN4174 FAIRCHILD-FAN4174 Datasheet
678Kb / 10P
   Single, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
FAN4174 FAIRCHILD-FAN4174 Datasheet
1Mb / 15P
   Single and Dual, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
logo
ON Semiconductor
FAN4174 ONSEMI-FAN4174 Datasheet
1Mb / 13P
   Single and Dual,Rail-to-Rail I/O, CMOS Amplifier
December-2107, Rev. 2
logo
Fairchild Semiconductor
FAN4174IP5X FAIRCHILD-FAN4174IP5X Datasheet
1Mb / 15P
   Single and Dual, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
FAN4174IS5X FAIRCHILD-FAN4174IS5X Datasheet
1Mb / 15P
   Single and Dual, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
More results

Similar Description - FAN4174

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
GB15RF120K FAIRCHILD-GB15RF120K Datasheet
678Kb / 10P
   Single, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
logo
ON Semiconductor
FAN4931 ONSEMI-FAN4931 Datasheet
1Mb / 13P
   Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
February 2013 Rev. 1.0.2
logo
Fairchild Semiconductor
FAN4931 FAIRCHILD-FAN4931 Datasheet
1Mb / 11P
   Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
FAN4174 FAIRCHILD-FAN4174_08 Datasheet
1Mb / 15P
   Single and Dual, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
FAN4274 FAIRCHILD-FAN4274_12 Datasheet
1Mb / 13P
   Single and Dual, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
KM7101 FAIRCHILD-KM7101 Datasheet
146Kb / 9P
   Ultra-Low Cost, 139A, 2.7V, 4.9MHz Rail-to-Rail I/O Amplifier
logo
Texas Instruments
OPA705 TI-OPA705_12 Datasheet
614Kb / 15P
[Old version datasheet]   Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA705 BURR-BROWN-OPA705 Datasheet
280Kb / 12P
   Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA705 TI1-OPA705 Datasheet
837Kb / 15P
[Old version datasheet]   Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
FAN4174 ONSEMI-FAN4174 Datasheet
1Mb / 13P
   Single and Dual,Rail-to-Rail I/O, CMOS Amplifier
December-2107, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com