Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCMT468F62 Datasheet(PDF) 11 Page - World Produts Inc.

Part # PCMT468F62
Description  Supplied loose in box and ammopack
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCMT468F62 Datasheet(HTML) 11 Page - World Produts Inc.

Back Button PCMT468F62 Datasheet HTML 5Page - World Produts Inc. PCMT468F62 Datasheet HTML 6Page - World Produts Inc. PCMT468F62 Datasheet HTML 7Page - World Produts Inc. PCMT468F62 Datasheet HTML 8Page - World Produts Inc. PCMT468F62 Datasheet HTML 9Page - World Produts Inc. PCMT468F62 Datasheet HTML 10Page - World Produts Inc. PCMT468F62 Datasheet HTML 11Page - World Produts Inc. PCMT468F62 Datasheet HTML 12Page - World Produts Inc. PCMT468F62 Datasheet HTML 13Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Pilkor components
Metallized Polyester
PCMT 468
film capacitors
93
MAXIMUM RMS VOLTAGE (SINEWAVE) AS A FUNCTION OF FREQUENCY
AC voltage (RMS value) as a function of frequency at Tamb≤85℃ for URdc=630V
10
3
f(Hz)
10
4
10
5
10
1
10
0
AC
voltage
(V)
10
3
10
6
10
1
10
2
10
2
10㎋
100㎋
820㎋
AC voltage (RMS value) as a function of frequency at Tamb≤85℃ for URdc=400V
10
3
f(Hz)
10
4
10
5
10
1
10
0
AC
voltage
(V)
10
3
10
6
10
1
10
2
10
2
100㎋
470㎋
2.2㎌
10
3
f(Hz)
10
4
10
5
10
2
10
0
AC
voltage
(V)
10
2
10
6
10
1
AC voltage (RMS value) as a function of frequency at Tamb≤85℃ for URdc=100V
1.0㎌
2.2㎌
10㎌
AC voltage (RMS value) as a function of frequency at Tamb≤85℃ for URdc=250V
10
3
f(Hz)
10
4
10
5
10
1
10
0
AC
voltage
(V)
10
3
10
6
10
1
10
2
10
2
220㎋
2.2㎌
5.6㎌


Similar Part No. - PCMT468F62

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
PCMT HAMMOND-PCMT Datasheet
50Kb / 1P
   Chemin de cables horizontal
PCMT19003 HAMMOND-PCMT19003 Datasheet
82Kb / 1P
   Mounting hardware not included
PCMT19003BK1 HAMMOND-PCMT19003BK1 Datasheet
50Kb / 1P
   Chemin de cables horizontal
PCMT19003BK1 HAMMOND-PCMT19003BK1 Datasheet
82Kb / 1P
   Mounting hardware not included
PCMT23003 HAMMOND-PCMT23003 Datasheet
82Kb / 1P
   Mounting hardware not included
More results

Similar Description - PCMT468F62

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
PCRC420 WPI-PCRC420 Datasheet
212Kb / 7P
   Supplied loose in box and taped in ammopack
PCX2347 WPI-PCX2347 Datasheet
251Kb / 6P
   Supplied loose in box and taped on reel
PCX1331 WPI-PCX1331 Datasheet
233Kb / 7P
   Supplied loose in box and taped on reel
logo
Japan Aviation Electron...
HB01S25H3P1 JAE-HB01S25H3P1 Datasheet
345Kb / 1P
   THESE CONTACTS ARE SUPPLIED IN REEL.
logo
EPCOS
B65808N1005D002 EPCOS-B65808N1005D002 Datasheet
344Kb / 13P
   RM cores are supplied in sets
B65805-P EPCOS-B65805-P Datasheet
89Kb / 2P
   RM cores are supplied in sets
logo
Japan Aviation Electron...
HB01S06K4P2 JAE-HB01S06K4P2 Datasheet
347Kb / 1P
   THESE CONTACTS ARE SUPPLIED IN REEL.
logo
EPCOS
B65807-P EPCOS-B65807-P Datasheet
90Kb / 2P
   RM cores are supplied in sets
B65811 EPCOS-B65811 Datasheet
236Kb / 9P
   RM cores are supplied in sets
logo
Japan Aviation Electron...
HB01S06K4P1 JAE-HB01S06K4P1 Datasheet
343Kb / 1P
   THESE CONTACTS ARE SUPPLIED IN REEL.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com