Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD10242TZ Datasheet(PDF) 16 Page - Analog Devices

Part No. AD10242TZ
Description  MCM A/D Converter
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD10242TZ Datasheet(HTML) 16 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
AD10242
Rev. D | Page 15
OUTLINE DIMENSIONS
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
0.060 (1.52)
0.050 (1.27)
0.040 (1.02)
TOE DOWN
ANGLE
0–8 DEGREES
0.010 (0.254)
30°
0.050 (1.27)
0.020 (0.508)
DETAIL A
ROTATED 90° CCW
1.190 (30.23)
1.180 (29.97) SQ
1.170 (29.72)
PIN 1
10
26
9
61
60
43
27
44
TOP VIEW
(PINS DOWN)
0.800
(20.32)
BSC
0.960 (24.38)
0.950 (24.13) SQ
0.940 (23.88)
0.055 (1.40)
0.050 (1.27)
0.045 (1.14)
0.020 (0.508)
0.017 (0.432)
0.014 (0.356)
0.175 (4.45)
MAX
0.235 (5.97)
MAX
DETAIL A
0.010 (0.25)
0.008 (0.20)
0.007 (0.18)
1.070
(27.18)
MIN
Figure 17. 68-Lead Ceramic Leaded Chip Carrier [CLCC]
(ES-68-1)
Dimensions shown in inches and (millimeters)
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD10242BZ
–40°C to +85°C
68-Lead Ceramic Leaded Chip Carrier [CLCC]
ES-68-1
AD10242TZ
–55°C to +125°C
68-Lead Ceramic Leaded Chip Carrier [CLCC]
ES-68-1
AD10242TZ/883B
–55°C to +125°C
68-Lead Ceramic Leaded Chip Carrier [CLCC]
ES-68-1
5962-9581501HXA
–55°C to +125°C
68-Lead Ceramic Leaded Chip Carrier [CLCC]
ES-68-1
REVISION HISTORY
6/15—Rev. C to Rev. D
Change to Note 2...............................................................................4
Updated Outline Dimensions........................................................15
Changes to Ordering Guide...........................................................15
1/03—Rev. B to Rev. C
Changes to Functional Block Diagram ..........................................1
Changes to Table I . ...........................................................................4
Changes to Pin Function Descriptions...........................................5
Change to Encoding the AD10242 Section .................................10
Updated Outline Dimensions........................................................15
6/01—Rev. A to Rev. B
AD9631 References Changed to AD9632....................... Universal
©2015 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D00665-0-6/15(D)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn