Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9240 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9240
Description  Monolithic A/D Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9240 Datasheet(HTML) 3 Page - Analog Devices

  AD9240_17 Datasheet HTML 1Page - Analog Devices AD9240_17 Datasheet HTML 2Page - Analog Devices AD9240_17 Datasheet HTML 3Page - Analog Devices AD9240_17 Datasheet HTML 4Page - Analog Devices AD9240_17 Datasheet HTML 5Page - Analog Devices AD9240_17 Datasheet HTML 6Page - Analog Devices AD9240_17 Datasheet HTML 7Page - Analog Devices AD9240_17 Datasheet HTML 8Page - Analog Devices AD9240_17 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
REV.
–2–
AD9240–SPECIFICATIONS
DC SPECIFICATIONS
Parameter
AD9240
Units
RESOLUTION
14
Bits min
MAX CONVERSION RATE
10
MHz min
INPUT REFERRED NOISE
VREF = 1 V
0.9
LSB rms typ
VREF = 2.5 V
0.36
LSB rms typ
ACCURACY
Integral Nonlinearity (INL)
±2.5
LSB typ
Differential Nonlinearity (DNL)
±0.6
LSB typ
±1.0
LSB max
INL
1
±2.5
LSB typ
DNL
1
±0.7
LSB typ
No Missing Codes
14
Bits Guaranteed
Zero Error (@ +25
°C)
0.3
% FSR max
Gain Error (@ +25
°C)2
1.5
% FSR max
Gain Error (@ +25
°C)3
0.75
% FSR max
TEMPERATURE DRIFT
Zero Error
3.0
ppm/
°C typ
Gain Error2
20.0
ppm/
°C typ
Gain Error
3
5.0
ppm/
°C typ
POWER SUPPLY REJECTION
0.1
% FSR max
ANALOG INPUT
Input Span (with VREF = 1.0 V)
2
V p-p min
Input Span (with VREF = 2.5 V)
5
V p-p max
Input (VINA or VINB) Range
0
V min
AVDD
V max
Input Capacitance
16
pF typ
INTERNAL VOLTAGE REFERENCE
Output Voltage (1 V Mode)
1
Volts typ
Output Voltage Tolerance (1 V Mode)
±14
mV max
Output Voltage (2.5 V Mode)
2.5
Volts typ
Output Voltage Tolerance (2.5 V Mode)
±35
mV max
Load Regulation4
5.0
mV max
REFERENCE INPUT RESISTANCE
5
k
Ω typ
POWER SUPPLIES
Supply Voltages
AVDD
+5
V (
±5% AVDD Operating)
DVDD
+5
V (
±5% DVDD Operating)
DRVDD
+5
V (
±5% DRVDD Operating)
Supply Current
IAVDD
50
mA max (46 mA typ)
IDRVDD
1
mA max (0.1 mA typ)
IDVDD
15
mA max (11 mA typ)
POWER CONSUMPTION
330
mW max (285 mW typ)
NOTES
1VREF = 1 V.
2Including internal reference.
3Excluding internal reference.
4Load regulation with 1 mA load current (in addition to that required by the AD9240).
Specification subject to change without notice.
(AVDD = +5 V, DVDD = +5 V, DRVDD = +5 V, fSAMPLE = 10 MSPS, RBIAS = 2 k , VREF = 2.5 V, VINB = 2.5 V,
TMIN to TMAX unless otherwise noted)
B


Similar Part No. - AD9240_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9240-EB AD-AD9240-EB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9240AS AD-AD9240AS Datasheet
328Kb / 24P
   Complete 14-Bit, 10 MSPS Monolithic A/D Converter
REV. A
AD9240AS AD-AD9240AS Datasheet
327Kb / 24P
   Complete 14-Bit, 10 MSPS Monolithic A/D Converter
REV. B
logo
List of Unclassifed Man...
AD9240AS ETC2-AD9240AS Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Analog Devices
AD9240ASRL AD-AD9240ASRL Datasheet
327Kb / 24P
   Complete 14-Bit, 10 MSPS Monolithic A/D Converter
REV. B
More results

Similar Description - AD9240_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9225 AD-AD9225_17 Datasheet
988Kb / 26P
   Monolithic A/D Converter
AD9048 AD-AD9048 Datasheet
109Kb / 8P
   Monolithic 8-Bit Video A/D Converter
REV. C
AD1508 AD-AD1508_15 Datasheet
1Mb / 4P
   8 BIT MONOLITHIC MULTIPLYING D/A CONVERTER
AD9048TQ-883B AD-AD9048TQ-883B Datasheet
263Kb / 8P
   Monolithic 8-Bit Video A/D Converter
REV. F
AD9048 AD-AD9048_15 Datasheet
263Kb / 8P
   Monolithic 8-Bit Video A/D Converter
REV. F
AD773 AD-AD773_15 Datasheet
4Mb / 16P
   10 BIT 18 MSPS MONOLITHIC A/D CONVERTER
REV. 0
AD773A AD-AD773A_15 Datasheet
4Mb / 14P
   10 BIT 20 MSPS MONOLITHIC A/D CONVERTER
REV. 0
AD568 AD-AD568_15 Datasheet
544Kb / 14P
   12-Bit Ultrahigh Speed Monolithic D/A Converter
REV. A
AD9022 AD-AD9022 Datasheet
240Kb / 12P
   12-Bit 20 MSPS Monolithic A/D Converter
REV. B
AD561 AD-AD561_17 Datasheet
623Kb / 5P
   LOW COST, 10-BIT MONOLITHIC D/A CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com