Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9059 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9059
Description  Dual 8-Bit, 60 MSPS A/D Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9059 Datasheet(HTML) 4 Page - Analog Devices

  AD9059_17 Datasheet HTML 1Page - Analog Devices AD9059_17 Datasheet HTML 2Page - Analog Devices AD9059_17 Datasheet HTML 3Page - Analog Devices AD9059_17 Datasheet HTML 4Page - Analog Devices AD9059_17 Datasheet HTML 5Page - Analog Devices AD9059_17 Datasheet HTML 6Page - Analog Devices AD9059_17 Datasheet HTML 7Page - Analog Devices AD9059_17 Datasheet HTML 8Page - Analog Devices AD9059_17 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
REV. A
AD9059
–3–
SPECIFICATIONS (continued)
AD9059BRS
Parameter
Temp
Test Level
Min
Typ
Max
Unit
DIGITAL INPUTS
Logic 1 Voltage
Full
VI
2.0
V
Logic 0 Voltage
Full
VI
0.8
V
Logic 1 Current
Full
VI
±1
µA
Logic 0 Current
Full
VI
±1
µA
Input Capacitance
25
°CV
4.5
pF
Encode Pulsewidth High (tEH)25
°CIV
6.7
166
ns
Encode Pulsewidth Low (tEL)25
°CIV
6.7
166
ns
DIGITAL OUTPUTS
Logic 1 Voltage (VDD = 3 V)
Full
VI
2.95
V
Logic 1 Voltage (VDD = 5 V)
Full
IV
4.95
V
Logic 0 Voltage (VDD = 3 V or 5 V)
Full
VI
0.05
V
Output Coding
Offset Binary Code
POWER SUPPLY
VD Supply Current (VD = 5 V)
Full
VI
72
92
mA
VDD Supply Current (VDD = 3 V)
4
Full
VI
13
15
mA
Power Dissipation
5, 6
Full
VI
400
505
mW
Power-Down Dissipation
Full
VI
6
12
mW
Power Supply Rejection Ratio (PSRR)
25
°CI
3
mV/V
NOTES
1Gain error and gain temperature coefficient are based on the ADC only (with a fixed 2.5 V external reference).
2t
V and tPD are measured from the 1.5 V level of the ENCODE to the 10%/90% levels of the digital output swing. The digital output load during test is not to exceed
an ac load of 10 pF or a dc current of
± 40 µA.
3SNR/harmonics based on an analog input voltage of –0.5 dBFS referenced to a 1.0 V full-scale input range.
4Digital supply current based on V
DD = 3 V output drive with <10 pF loading under dynamic test conditions.
5Power dissipation is based on 60 MSPS encode and 10.3 MHz analog input dynamic test conditions (V
D = 5 V
± 5%, V
DD = 3 V
± 5%).
6Typical thermal impedance for the RS style (SSOP) 28-lead package:
θ
JC = 39
°C/W, θ
CA = 70
°C/W, and θ
JA = 109
°C/W.
Specifications subject to change without notice.
EXPLANATION OF TEST LEVELS
Test Level
I–
100% production tested.
II –
100% production tested at +25
°C and sample tested at
specified temperatures.
III –
Sample tested only.
IV –
Parameter is guaranteed by design and characterization
testing.
V–
Parameter is a typical value only.
VI –
100% production tested at +25
°C; guaranteed by design
and characterization testing for industrial temperature range.
ABSOLUTE MAXIMUM RATINGS
*
VD, VDD
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 V
Analog Inputs . . . . . . . . . . . . . . . . . . . . . . . –0.5 V to VD + 0.5 V
Digital Inputs . . . . . . . . . . . . . . . . . . . . . . . –0.5 V to VD + 0.5 V
VREF Input . . . . . . . . . . . . . . . . . . . . . . . . . –0.5 V to VD + 0.5 V
Digital Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 mA
Operating Temperature . . . . . . . . . . . . . . . . . . –55
°C to +125°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
*Stresses above those listed under Absolute Maximum Ratings may cause permanent
damage to the device. This is a stress rating only; functional operation of the device
at these or any other conditions above those indicated in the operational sections of
this specification is not implied. Exposure to absolute maximum ratings for extended
periods may affect device reliability.
ORDERING GUIDE
Model
Temperature Range
Package Option
AD9059BRS
–40
°C to +85°C
RS-28
AD9059/PCB
25
°C
Evaluation Board
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
AD9059 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.


Similar Part No. - AD9059_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9059 AD-AD9059_15 Datasheet
231Kb / 12P
   Dual 8-Bit, 60 MSPS A/D Converter
REV. A
More results

Similar Description - AD9059_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9059BRSZ AD-AD9059BRSZ Datasheet
231Kb / 12P
   Dual 8-Bit, 60 MSPS A/D Converter
REV. A
AD9059 AD-AD9059 Datasheet
190Kb / 12P
   Dual 8-Bit, 60 MSPS A/D Converter
REV. 0
AD9059 AD-AD9059_15 Datasheet
231Kb / 12P
   Dual 8-Bit, 60 MSPS A/D Converter
REV. A
AD9057 AD-AD9057 Datasheet
184Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. B
AD9057BRSZ-40 AD-AD9057BRSZ-40 Datasheet
286Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057 AD-AD9057_03 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-80 AD-AD9057BRSZ-80 Datasheet
172Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-60 AD-AD9057BRSZ-60 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057 AD-AD9057_15 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
logo
Fujitsu Component Limit...
MB40768H FUJITSU-MB40768H Datasheet
132Kb / 16P
   D/A Converter (1-ch, 8-bit, 60 MSPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com