Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCMP384F42 Datasheet(PDF) 4 Page - World Produts Inc.

Part # PCMP384F42
Description  Small dimension for high density packaging
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCMP384F42 Datasheet(HTML) 4 Page - World Produts Inc.

  PCMP384F42 Datasheet HTML 1Page - World Produts Inc. PCMP384F42 Datasheet HTML 2Page - World Produts Inc. PCMP384F42 Datasheet HTML 3Page - World Produts Inc. PCMP384F42 Datasheet HTML 4Page - World Produts Inc. PCMP384F42 Datasheet HTML 5Page - World Produts Inc. PCMP384F42 Datasheet HTML 6Page - World Produts Inc. PCMP384F42 Datasheet HTML 7Page - World Produts Inc. PCMP384F42 Datasheet HTML 8Page - World Produts Inc. PCMP384F42 Datasheet HTML 9Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Pilkor components
Metallized Polypropylene
PCMP 384
film capacitors
188
VRdc = 250 V
VRac = 125 V
~
CATALOGUE NUMBER
PCMP 384 .....
loose in box
ammo packing
lt = 5.0 ± 1.0 mm
H = 16.0 mm
Reduced pitch(7.5mm)
Cap
(㎌)
b x h x l
(mm)
Mess
(g)
C – tol. ± 5 %
C – tol. ± 5 %
Pitch = 10.0
± 0.4 mm
dt = 0.6 +0.06/-0.05 mm
0.010
0.011
0.012
0.013
0.015
0.016
0.018
0.020
0.022
0.024
0.027
0.030
0.033
0.036
0.039
4.0 x 10.0 x 12.5
0.8
PCMP 384 42103
PCMP 384 42113
PCMP 384 42123
PCMP 384 42133
PCMP 384 42153
PCMP 384 42163
PCMP 384 42183
PCMP 384 42203
PCMP 384 42223
PCMP 384 42243
PCMP 384 42273
PCMP 384 42303
PCMP 384 42333
PCMP 384 42363
PCMP 384 42393
PCMP 384 4A103
PCMP 384 4A113
PCMP 384 4A123
PCMP 384 4A133
PCMP 384 4A153
PCMP 384 4A163
PCMP 384 4A183
PCMP 384 4A203
PCMP 384 4A223
PCMP 384 4A243
PCMP 384 4A273
PCMP 384 4A303
PCMP 384 4A333
PCMP 384 4A363
PCMP 384 4A393
0.043
0.047
0.051
0.056
5.0 x 11.0 x 12.5
0.9
PCMP 384 42433
PCMP 384 42473
PCMP 384 42513
PCMP 384 42563
PCMP 384 4A433
PCMP 384 4A473
PCMP 384 4A513
PCMP 384 4A563
0.062
0.068
0.075
0.082
6.0 x 12.0 x 12.5
1.0
PCMP 384 42623
PCMP 384D42683
PCMP 384D42753
PCMP 384D42823
PCMP 384 4A623
PCMP 384D4A683
PCMP 384D4A753
PCMP 384D4A823
Pitch = 15.0
± 0.4 mm
dt = 0.8 +0.08/-0.05 mm
0.068
0.075
0.082
0.091
0.10
5.0 x 11.0 x 18.0
1.2
PCMP 384 42683
PCMP 384 42753
PCMP 384 42823
PCMP 384 42913
PCMP 384 42104
PCMP 384 4A683
PCMP 384 4A753
PCMP 384 4A823
PCMP 384 4A913
PCMP 384 4A104
0.11
0.12
0.13
0.15
6.0 x 12.0 x 18.0
1.4
PCMP 384 42114
PCMP 384 42124
PCMP 384 42134
PCMP 384 42154
PCMP 384 4A114
PCMP 384 4A124
PCMP 384 4A134
PCMP 384 4A154


Similar Part No. - PCMP384F42

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
PCMP389 WPI-PCMP389 Datasheet
131Kb / 16P
   Low loss dielectric
PCMP389F42 WPI-PCMP389F42 Datasheet
131Kb / 16P
   Low loss dielectric
PCMP389F43 WPI-PCMP389F43 Datasheet
131Kb / 16P
   Low loss dielectric
PCMP389F45 WPI-PCMP389F45 Datasheet
131Kb / 16P
   Low loss dielectric
PCMP389F4A WPI-PCMP389F4A Datasheet
131Kb / 16P
   Low loss dielectric
More results

Similar Description - PCMP384F42

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
753 CTS-753_16 Datasheet
189Kb / 4P
   High Density Packaging
752161102G CTS-752161102G Datasheet
233Kb / 4P
   High Density Packaging
753081103GP CTS-753081103GP Datasheet
189Kb / 4P
   High Density Packaging
logo
Raltron Electronics Cor...
RT3215 RALTRON-RT3215 Datasheet
133Kb / 1P
   IDEAL FOR HIGH DENSITY PACKAGING APPLICATION
logo
List of Unclassifed Man...
1619-1 ETC2-1619-1 Datasheet
493Kb / 1P
   Space saving design for high density packaging
logo
Hirose Electric
HP5-189P-1.27W HIROSE-HP5-189P-1.27W Datasheet
1Mb / 34P
   High-density Packaging System
logo
Omron Electronics LLC
B3S-1000P OMRON-B3S-1000P Datasheet
230Kb / 4P
   Surface Mount Tactile Switch for High-Density Packaging
logo
Hirose Electric
PO55-P-316 HIROSE-PO55-P-316 Datasheet
259Kb / 6P
   High-density Packaging System(Coaxial Connectors for Hi-PAS Mounting)
logo
Shanghai Leiditech Elec...
BZT52C3V3 LEIDITECH-BZT52C3V3 Datasheet
895Kb / 3P
   Small package size suitable for high-density applications
BZT52C62 LEIDITECH-BZT52C62 Datasheet
895Kb / 3P
   Small package size suitable for high-density applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com