Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OV9734-OV9234 Datasheet(PDF) 2 Page - OmniVision Technologies, Inc.

Part # OV9734-OV9234
Description  defect pixel correction (DPC)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV9734-OV9234 Datasheet(HTML) 2 Page - OmniVision Technologies, Inc.

  OV9734-OV9234 Datasheet HTML 1Page - OmniVision Technologies, Inc. OV9734-OV9234 Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
¬
¬
¬
Smartphones
PC Multimedia
Tablets
¬
¬
Digital Still Cameras
Toys
Applications
¬
¬
¬
¬
¬
support for image sizes:
- full size (1280x720)
- VGA (640x480)
- 2x2 RGB binning (640x360)
- 2x2 B&W binning (640x360)
support for output formats:
RAW output with 1-lane MIPI
on-chip phase lock loop (PLL)
capable of maintaining register values
at software power down
programmable controls for:
- frame rate
- mirror and flip
- gain/exposure
- windowing
support for horizontal and
vertical sub-sampling
automatic black level calibration
(ABLC)
defect pixel correction (DPC)
support for black sun cancellation
standard SCCB interface
GPIO tri-state configurability and
programmable polarity
¬
¬
¬
¬
¬
¬
Product Features
Functional Block Diagram
¬
OV09734-H16A-2A
(color, lead-free, 16-pin CSP)
¬
OV09234-H16A
(b&w, lead-free, 16-pin CSP)
Ordering Information
¬
¬
¬
¬
¬
¬
¬
¬
active array size: 1280 x 720
power supply:
- core: 1.2VDC ±5%
- analog: 2.6 ~ 3.0V (2.8V normal)
- I/O: 1.8V
power requirements:
- active: 69 mW
- XSHUTDN: 0.9 µW
temperature range:
- operating: -30°C to +85°C junction
temperature
- stable image: 0°C to +50°C junction
temperature
output formats: 10-bit RAW RGB
lens size: 1/9"
lens chief ray angle: 32.1°
input clock frequency: 6 ~ 27 MHz
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
scan mode: progressive
maximum image transfer rate: 30 fps
sensitivity: 585 mV/Lux-sec
shutter: rolling shutter
max S/N ratio: 36.4 dB
dynamic range: 68.4 dB @ 16x gain
maximum exposure interval: 798 x tROW
pixel size: 1.4 µm x 1.4 µm
dark current: 2 e-/sec
@ 50°C junction temperature
image area: 1819.58 µm x 1033.34 µm
package dimensions:
2532 µm x 1722 µm
Product Specifications
Version 1.0, September, 2017
OmniVision reserves the right to make changes to their products or to discontinue any product or
service without further notice. OmniVision, the OmniVision logo, and PureCel are registered
trademark of OmniVision Technologies, Inc. CameraChip is a trademark of OmniVision
Technologies, Inc. All other trademarks are the property of their respective owners.
4275 Burton Drive
Santa Clara, CA 95054
USA
Tel: + 1 408 567 3000
Fax: + 1 408 567 3001
www.ovt.com
OV9734-OV9234
OV9734-OV9234
image sensor core
image
sensor
processor
image
interface
column
sample/hold
PLL
control register bank
SCCB interface
timing generator and system control logic
gain control
MCN/MCP
MDN/MDP
image
array
AMP
10-bit
A/D


Similar Part No. - OV9734-OV9234

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV9734 OMNIVISION-OV9734 Datasheet
633Kb / 2P
   Digital Still Cameras
More results

Similar Description - OV9734-OV9234

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV2715-1E OMNIVISION-OV2715-1E_14 Datasheet
11Mb / 2P
   defect pixel correction (DPC)
OV480 OMNIVISION-OV480 Datasheet
1Mb / 2P
   user-defined hot-pixel location correction
logo
Wurth Elektronik GmbH &...
7448844470 WURTH-7448844470 Datasheet
630Kb / 7P
   WE-DPC SMT Dual Powerchoke
001.002
7448844150 WURTH-7448844150 Datasheet
630Kb / 7P
   WE-DPC SMT Dual Powerchoke
001.002
7448844100 WURTH-7448844100 Datasheet
630Kb / 7P
   WE-DPC SMT Dual Powerchoke
001.002
7448844022 WURTH-7448844022 Datasheet
630Kb / 7P
   WE-DPC SMT Dual Powerchoke
001.002
7448844330 WURTH-7448844330 Datasheet
630Kb / 7P
   WE-DPC SMT Dual Powerchoke
001.002
7448844068 WURTH-7448844068 Datasheet
630Kb / 7P
   WE-DPC SMT Dual Powerchoke
001.002
7448841010 WURTH-7448841010 Datasheet
296Kb / 5P
   WE-DPC HV SMD Dual Powerchoke
7448841047 WURTH-7448841047 Datasheet
296Kb / 5P
   WE-DPC HV SMD Dual Powerchoke
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com