Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OV09716-E66Y-1A-Z Datasheet(PDF) 1 Page - OmniVision Technologies, Inc.

Part # OV09716-E66Y-1A-Z
Description  horizontal and vertical sub-sampling
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV09716-E66Y-1A-Z Datasheet(HTML) 1 Page - OmniVision Technologies, Inc.

  OV09716-E66Y-1A-Z Datasheet HTML 1Page - OmniVision Technologies, Inc. OV09716-E66Y-1A-Z Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1.4-Megapixel Image Sensor with Best-in-Class
Performance for Cost-Effective Automotive Applications
OV97161.4MPproductbrief
lead free
available in
a lead-free
package
OmniVision's OV9716 is a high-performance image
sensor that brings 1392 x 976 resolution at up to
60 frames per second with more than 120 dB dynamic
range to automotive imaging applications. The sensor
comes in a 1/3.8-inch optical format and is built on
2.8-micron OmniBSI-2™ Deep Well™ pixel technology,
which delivers best-in-class low-light sensitivity and
high dynamic range (HDR) performance even in
challenging lighting conditions. The OV9716 is
specifically designed to bring the performance of a high-
end imaging solution at a cost and form factor suitable
for the automotive mass market segment, targeting rear
view cameras and 360-degree surround view systems.
The OV9716's Deep Well™ pixel technology provides a
16-bit linear output, capturing 94 dB of scene dynamic
range in a single frame, compared to traditional sensors
with only 12-bit linear output. This 94 dB output comes
without HDR combination artifacts and has no sudden
drops in signal-to-noise ratio across the scene. The
sensor can further expand dynamic range to more than
120 dB by using a second 'very short' exposure, also
minimizing motion artifacts.
The OV9716 is available in an AEC-Q100 Grade 2-
qualified, compact 5.8 x 5.25 mm chip scale package and
contains an advanced set of safety mechanisms to
enable ISO26262 ASIL B-rated camera systems. The
sensor is compatible with OmniVision's family of
powerful image signal processor (ISP) companion chips
for display-based automotive applications.
Find out more at www.ovt.com.


Similar Part No. - OV09716-E66Y-1A-Z

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV09710-C28A OMNIVISION-OV09710-C28A Datasheet
162Kb / 2P
   high definition (HD) video CameraChip image sensor
OV09710-C28A OMNIVISION-OV09710-C28A Datasheet
162Kb / 2P
   high definition (HD) video CameraChip image sensor
OV09710-G04A OMNIVISION-OV09710-G04A Datasheet
162Kb / 2P
   high definition (HD) video CameraChip image sensor
OV09710-G04A OMNIVISION-OV09710-G04A Datasheet
162Kb / 2P
   high definition (HD) video CameraChip image sensor
OV09710-V28A OMNIVISION-OV09710-V28A Datasheet
162Kb / 2P
   high definition (HD) video CameraChip image sensor
More results

Similar Description - OV09716-E66Y-1A-Z

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV2718 OMNIVISION-OV2718 Datasheet
940Kb / 2P
   horizontal and vertical sub-sampling
OX02A10 OMNIVISION-OX02A10 Datasheet
645Kb / 2P
   horizontal and vertical sub-sampling
logo
TE Connectivity Ltd
PCB TEC-PCB Datasheet
332Kb / 3P
   Vertical and horizontal version
PCB-E TEC-PCB-E Datasheet
332Kb / 3P
   Vertical and horizontal version
logo
STMicroelectronics
TDA8185 STMICROELECTRONICS-TDA8185 Datasheet
471Kb / 7P
   HORIZONTAL AND VERTICAL PROCESSOR
TDA8218 STMICROELECTRONICS-TDA8218 Datasheet
120Kb / 9P
   HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
September 1993
TEA2037A STMICROELECTRONICS-TEA2037A_04 Datasheet
137Kb / 14P
   HORIZONTAL AND VERTICAL DEFLECTION MONITOR
TDA8214B STMICROELECTRONICS-TDA8214B Datasheet
160Kb / 9P
   HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
TDA8215B STMICROELECTRONICS-TDA8215B Datasheet
145Kb / 9P
   HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
September 1993
TEA2037A STMICROELECTRONICS-TEA2037A Datasheet
94Kb / 9P
   HORIZONTAL AND VERTICAL DEFLECTION MONITOR
September 1996
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com