Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPB773T Datasheet(PDF) 1 Page - OPTEK Technologies

Part # OPB773T
Description  Photologic Reflective Object Sensors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPB773T Datasheet(HTML) 1 Page - OPTEK Technologies

  OPB773T Datasheet HTML 1Page - OPTEK Technologies OPB773T Datasheet HTML 2Page - OPTEK Technologies OPB773T Datasheet HTML 3Page - OPTEK Technologies OPB773T Datasheet HTML 4Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
Choice of mounting configurations
Choice of output configurations
Description
The OPB760N series of reflective
assemblies feature Photologic
®
output. This electrical output can be
specified as either TTL Totem Pole or
TTL Open Collector. Either may be
supplied with inverter or buffer output
polarity. All have the added stability of a
built-in hysteresis amplifier.
Mounting Options
OPB760N series PC board mount,
without mounting tabs
OPB760T series PC board mount, with
two mounting tabs
OPB770N series wire leads with
connector, without mounting tabs
OPB770T series wire leads with
connector, with two mounting tabs
Absolute Maximum Ratings (TA = 25
o C unless otherwise noted)
Supply Voltage, VCC (Not to exceed 3 sec.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 V
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40
o C to +85o C
Operating Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40
o C to +70o C
Lead Soldering Temperature [1/16 inch (1.6 mm) from case for 5 sec. with soldering
iron] . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 240
oC(1)
Input Diode Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100 mW
(2)
Output Photologic
® Power Dissipation. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200 mW(3)
Total Device Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300 mW
(4)
Voltage at Output Lead (Open Collector Output) . . . . . . . . . . . . . . . . . . . . . . . . . . 35 V
Diode Forward D.C. Current. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40 mA
Diode Reverse D.C. Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 V
Notes:
(1)
RMA flux is recommended. Duration can be extended to 10 sec. max. when flow soldering.
(2)
Derate linearly 2.22 mW/
o C above 25o C.
(3)
Derate linearly 4.44 mW/
o C above 25o C.
(4)
Derate linearly 6.66 mW/
o C above 25o C.
(5)
The OPB760N thru OPB763N series are terminated with .020" square leads designed for
printed circuit board mounting.
(6)
Normal application would be with light source blocked, simulated by IF = 0mA.
(7)
Tested at d = 0.080" from a 90% diffuse white test surface.
(8)
Tested at d = 0.080", 0.150" and 0.220" from a 90% diffuse white test surface. Reference:
Eastman Kodak, Catalog #1257795.
(9)
Tested at d = 0.080", 0.150" and 0.220" from a 5% diffuse black test surface.
(10) All parameters tested using pulse technique.
Product Bulletin OPB760N
June 1996
Photologic
® Reflective Object Sensors
Types OPB760N, OPB761N, OPB762N, OPB763N
Optek Technology, Inc.
1215 W. Crosby Road
Carrollton, Texas 75006
(972) 323-2200
Fax (972) 323-2396
11-50


Similar Part No. - OPB773T

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB773T OPTEK-OPB773T Datasheet
242Kb / 3P
   Photologic Reflective Object Sensors
logo
TT Electronics.
OPB773TZ TTELEC-OPB773TZ Datasheet
398Kb / 7P
   Photologic Reflective Object Sensor
More results

Similar Description - OPB773T

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB760N OPTEK-OPB760N_06 Datasheet
238Kb / 4P
   Photologic Reflective Object Sensors
OPB760T OPTEK-OPB760T Datasheet
370Kb / 4P
   Photologic Reflective Object Sensors
OPB760T OPTEK-OPB760T_06 Datasheet
264Kb / 4P
   Photologic Reflective Object Sensors
OPB770T OPTEK-OPB770T_06 Datasheet
242Kb / 3P
   Photologic Reflective Object Sensors
logo
TT Electronics.
OPB760 TTELEC-OPB760 Datasheet
398Kb / 7P
   Photologic Reflective Object Sensor
logo
OPTEK Technologies
OPB715 OPTEK-OPB715 Datasheet
228Kb / 2P
   Photologic Reflective Object Sensor
logo
QT Optoelectronics
QRB1113 QT-QRB1113 Datasheet
146Kb / 2P
   REFLECTIVE OBJECT SENSORS
logo
OPTEK Technologies
OPB702 OPTEK-OPB702 Datasheet
89Kb / 4P
   Reflective Object Sensors
OPB608A OPTEK-OPB608A Datasheet
223Kb / 2P
   REFLECTIVE OBJECT SENSORS
OPB740W OPTEK-OPB740W Datasheet
268Kb / 2P
   Reflective Object Sensors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com