Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OV07735-G04A Datasheet(PDF) 2 Page - OmniVision Technologies, Inc.

Part # OV07735-G04A
Description  ultra high performance
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV07735-G04A Datasheet(HTML) 2 Page - OmniVision Technologies, Inc.

  OV07735-G04A Datasheet HTML 1Page - OmniVision Technologies, Inc. OV07735-G04A Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
¬
¬
Gaming
DVR
¬
¬
Portable Media Players
Webcams
Applications
¬
¬
¬
¬
¬
¬
¬
¬
¬
ultra high performance
automatic image control functions:
-automaticexposure control (AEC)
-automaticgain control (AGC)
-automaticwhite balance (AWB)
-automaticband filter (ABF)
-automatic50/60 Hz luminance detection
-automaticblack level calibration (ABLC)
programmable controls for frame rate,
mirror and flip, scaling, cropping, and
windowing
image quality controls: color saturation,
hue, gamma, sharpness (edge
enhancement), lens correction,
defective pixel canceling, and noise
canceling
support for output formats: 8/10-bit
RAW RGB, CCIR656 and YUV422
support for horizontal and
vertical sub-sampling
support for images sizes: VGA and any
arbitrary size scaling down from VGA
support for binning
support for external frame
synchronization
standard serial SCCB interface
digital video port (DVP) parallel output
interface
MIPI serial output interface
embedded one-time programmable
(OTP) memory for part identification,
etc.
on-chip phase lock loop (PLL)
programmable I/O drive capability
built-in 1.5V regulator for core
¬
¬
¬
¬
¬
¬
¬
Product Features
¬
OV07735-A42A
(color, lead-free, 42-pin CSP3)
¬
OV07735-G04A
(color, chip probing, 200 µm
backgrinding, reconstructed wafer)
Ordering Information
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
active array size: 640 x 480
power supply:
- core: 1.5 VDC ±5% (internal regulator)
- analog: 2.6 ~ 3.0 V
- I/O: 1.7 ~ 3.0 V
power requirements:
- active: 100 mW
- standby: 76 µW
temperature range:
- operating: -30° C to 70° C
- stable image: 0° C to 50° C
output formats: 8/10-bit RAW RGB,
8-bit YUV
lens size: 1/7.5"
lens chief ray angle: 26.5°
input clock frequency: 6 ~ 27 MHz
S/N ratio: 38 dB
dynamic range: 68 dB
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
maximum image transfer rate:
- VGA: 60 fps
- QVGA: 120 fps
- QQVGA: 120 fps
sensitivity: 3300 mV/lux-sec
scan mode: progressive
maximum exposure interval:
508 x tROW
pixel size: 3 µm x 3 µm
well capacity: 11 Ke-
dark current: 10 mV/s at 60°C
fixed pattern noise:
1% of VPEAK-TO-PEAK
image area: 1968 µm x 1488 µm
package dimensions:
- CSP3: 3985 µm x 3635 µm
- COB: 4000 µm x 3650 µm
Product Specifications
Version 1.0, June, 2010
OmniVision reserves the right to make changes to their products or to discontinue any product or
service without further notice. OmniVision, the OmniVision logo and OmniPixel are registered
trademarks of OmniVision Technologies, Inc. OmniPixel3-HS are trademarks of OmniVision
Technologies, Inc. All other trademarks are the property of their respective owners.
4275 Burton Drive
Santa Clara, CA 95054
USA
Tel: + 1 408 567 3000
Fax: + 1 408 567 3001
www.ovt.com
OV7735
Functional Block Diagram
OV7735
image sensor core
column
sample/hold
image
sensor
processor
image output
interface
PLL1
PLL2
control register bank
SCCB slave interface
timing generator and system control logic
gain
control
MCP/N
MDP/N
D[9:0]
50/60 Hz
auto detection
image
array
AMP
10-bit
ADC


Similar Part No. - OV07735-G04A

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV07739-A34A OMNIVISION-OV07739-A34A Datasheet
321Kb / 2P
   Ultra-Thin High-Performance Video Sensor
OV07739-A34T OMNIVISION-OV07739-A34T Datasheet
321Kb / 2P
   Ultra-Thin High-Performance Video Sensor
OV07739-G04A OMNIVISION-OV07739-G04A Datasheet
321Kb / 2P
   Ultra-Thin High-Performance Video Sensor
More results

Similar Description - OV07735-G04A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT40K05 ATMEL-AT40K05_14 Datasheet
88Kb / 4P
   Ultra High Performance
logo
Xilinx, Inc
XC7336 XILINX-XC7336 Datasheet
97Kb / 12P
   Ultra high-performance EPLD
logo
Advanced Thermal Soluti...
ATS-50350G-C2-R0 ATS-ATS-50350G-C2-R0 Datasheet
304Kb / 1P
   Ultra High Performance BGA Cooling
REV1_0908
ATS-50375G-C2-R0 ATS-ATS-50375G-C2-R0 Datasheet
305Kb / 1P
   Ultra High Performance BGA Cooling
REV1_0908
ATS-50425G-C2-R0 ATS-ATS-50425G-C2-R0 Datasheet
305Kb / 1P
   Ultra High Performance BGA Cooling
REV1_0908
ATS-51170R-C2-R0 ATS-ATS-51170R-C2-R0 Datasheet
327Kb / 1P
   Ultra High Performance BGA Cooling
REV1_0908
ATS-51190K-C2-R0 ATS-ATS-51190K-C2-R0 Datasheet
321Kb / 1P
   Ultra High Performance BGA Cooling
REV1_0908
ATS-51270D-C2-R0 ATS-ATS-51270D-C2-R0 Datasheet
316Kb / 1P
   Ultra High Performance BGA Cooling
REV1_0908
ATS-51270R-C2-R0 ATS-ATS-51270R-C2-R0 Datasheet
329Kb / 1P
   Ultra High Performance BGA Cooling
REV1_0908
ATS-51290D-C2-R0 ATS-ATS-51290D-C2-R0 Datasheet
316Kb / 1P
   Ultra High Performance BGA Cooling
REV1_0908
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com