Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OV7676 Datasheet(PDF) 2 Page - OmniVision Technologies, Inc.

Part # OV7676
Description  on-chip phase lock loop (PLL)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV7676 Datasheet(HTML) 2 Page - OmniVision Technologies, Inc.

  OV7676 Datasheet HTML 1Page - OmniVision Technologies, Inc. OV7676 Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
¬
¬
Mobile Phones
Toys
¬
¬
PC Mulitmedia
Digital Still Cameras
Applications
¬
¬
¬
¬
¬
¬
support for image sizes:
VGA (640x480), QVGA (320x240)
and CIF (352x288)
support for output formats:
RAW RGB and YUV output
with DVP and SPI port
on-chip phase lock loop (PLL)
built-in 1.8V regulator for digital block
capable of maintaining register values
at software power down
programmable controls for
frame rate, mirror and flip, AEC/AGC,
and windowing
support for horizontal and
vertical sub-sampling
automatic image control functions:
- automatic exposure control (AEC)
- automatic white balance (AWB)
- automatic black level calibration (ABLC)
image quality controls:
defect pixel correction and
lens shading correction
support for black sun cancellation
standard serial SCCB interface
parallel I/O tri-state configurability
and programmable polarity
¬
¬
¬
¬
¬
¬
Product Features
¬
OV07676-H20A
(color, lead-free, 20-pin CSP5)
Ordering Information
¬
¬
¬
¬
¬
¬
¬
¬
¬
active array size: 640 x 480
power supply:
- analog: 2.8V ±5%
- core: 1.8VDC ±5% (internal regulator)
- I/O: 2.8V, 1.8V
power requirements:
- IDD-A: 15 mA
- IDD-IO: 17 mA
- XSHUTDOWN: <15 µA
temperature range:
- operating: -30°C to +70°C junction
temperature
- stable image: 0°C to +50°C junction
temperature
output formats: YUV422, RAW RGB
lens size: 1/7.5"
lens chief ray angle: 26.6°
input clock frequency: 6 ~ 27 MHz
scan mode: progressive
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
maximum image transfer rate:
- VGA: 30 fps
- QVGA: 60 fps
- CIF: 30 fps
sensitivity: 1900 mV/lux-sec
shutter: rolling shutter
max S/N ratio: 38 dB
dynamic range: 70.4 dB @ 8x gain
maximum exposure interval:
506 x tROW
pixel size: 3 µm x 3 µm
dark current: 6 mV/sec
@ 60°C junction temperature
image area: 1962 µm x 1482 µm
package dimensions:
- CSP5: 2734 µm x 2474 µm
Product Specifications
Version 1.4, May, 2015
OmniVision reserves the right to make changes to their products or to discontinue any product or
service without further notice. OmniVision, the OmniVision logo and OmniPixel are registered
trademarks of OmniVision Technologies, Inc. OmniPixel3-HS is a trademark of OmniVision
Technologies, Inc. All other trademarks are the property of their respective owners.
4275 Burton Drive
Santa Clara, CA 95054
USA
Tel: + 1 408 567 3000
Fax: + 1 408 567 3001
www.ovt.com
OV7676
Functional Block Diagram
OV7676
image sensor core
image
sensor
processor
image
interface
column
sample/hold
PLL
control register bank
SCCB interface
timing generator and system control logic
gain control
D[7:0]
HREF
PCLK
SPI[3:0]
SPCLK
SPIVIV[1:0]
image
array
AMP
10-bit
A/D


Similar Part No. - OV7676

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV7670 OMNIVISION-OV7670 Datasheet
207Kb / 2P
   1/6 inch VGA CameraChip for ultra-thin camera modules
OV7675 OMNIVISION-OV7675 Datasheet
988Kb / 2P
   Higher Performance, Feature Rich VGA Sensor to Support Fast Growing EmergingMarkets
More results

Similar Description - OV7676

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1167 NTE-NTE1167 Datasheet
23Kb / 2P
   Integrated Circuit Phase Lock Loop(PLL) Frequency Synthesizer
NTE7050 NTE-NTE7050 Datasheet
36Kb / 5P
   Integrated Circuit Phase Lock Loop (PLL) Stereo Decoder
NTE743 NTE-NTE743 Datasheet
24Kb / 3P
   Integrated Circuit Phase Lock Loop (PLL) Stereo Decoder
NTE1484 NTE-NTE1484 Datasheet
61Kb / 3P
   Integrated Circuit Phase Lock Loop (PLL) Stereo Demod
NTE1206 NTE-NTE1206 Datasheet
23Kb / 2P
   Integrated Circuit Phase Lock Loop (PLL) Stereo Decoder
NTE989 NTE-NTE989 Datasheet
27Kb / 4P
   Integrated Circuit General Purpose Phase Lock Loop (PLL)
NTE1192 NTE-NTE1192 Datasheet
21Kb / 2P
   Integrated Circuit VCO for Phase Lock Loop(PLL)
logo
List of Unclassifed Man...
NE565 ETC1-NE565 Datasheet
348Kb / 6P
   Phase-Lock Loop
logo
Alliance Semiconductor ...
AS80M2516A ALSC-AS80M2516A Datasheet
439Kb / 15P
   dual phase lock loop clock chip
logo
NTE Electronics
NTE1657 NTE-NTE1657 Datasheet
25Kb / 3P
   Integrated Circuit Phase Lock Loop (PLL) FM Stereo Multiplex
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com