Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

431-18 Datasheet(PDF) 1 Page - Willow Technologies Ltd

Part # 431-18
Description  ESTABLISHED RELIABILITY TO-5 RELAYS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

431-18 Datasheet(HTML) 1 Page - Willow Technologies Ltd

  431-18 Datasheet HTML 1Page - Willow Technologies Ltd 431-18 Datasheet HTML 2Page - Willow Technologies Ltd 431-18 Datasheet HTML 3Page - Willow Technologies Ltd 431-18 Datasheet HTML 4Page - Willow Technologies Ltd 431-18 Datasheet HTML 5Page - Willow Technologies Ltd 431-18 Datasheet HTML 6Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
431 Page 1
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
©2003 TELEDYNE RELAYS
www.teledynerelays.com
431/1203/Q1
SERIES
431
ESTABLISHED RELIABILITY
TO-5 RELAYS
SENSITIVE SPDT
DESCRIPTION
The TO-5 relay, originally conceived and developed by Teledyne, has become
one of the industry standards for low-level switching from dry circuit to 1
ampere. Designed for high-density PC board mounting, its small size and low
coil power dissipation make the 431 relay one of the most versatile
ultraminiature relays available.
The following unique construction features and manufacturing techniques
provide excellent resistance to environmental extremes and overall high
reliability.
• All welded construction.
• Unique uni-frame design, providing high magnetic efficiency and
mechanical rigidity.
• High force/mass ratios for resistance to shock and vibration.
• Advanced cleaning techniques provide maximum assurance of internal
cleanliness.
• Precious metal alloy contact material with gold plating assures excellent
high current and dry circuit switching capabilities.
The Series 431D and 431DD relays have internal discrete silicon diodes for
coil suppression and polarity reversal protection. The hybrid 431T relay
features an internal silicon suppression diode and transistor driver. This hybrid
package reduces required PC board floor space by reducing the number of
external components needed to drive the relay.
By virtue of its inherently low intercontact capacitance and contact circuit
losses, the 431 relay has proven to be an excellent ultraminiature RF switch
for frequency ranges well into the UHF spectrum. A typical RF application for
the TO-5 relay is in handheld radio transceivers, wherein the combined
features of good RF performance, small size, low coil power dissipation and
high reliability make it a preferred method of T-R switching (see Figure 1).
INTERNAL CONSTRUCTION
SERIES
DESIGNATION
RELAY TYPE
431
SPDT basic relay
431D
SPDT relay with internal diode for coil suppression
431DD
SPDT relay with internal diodes for coil transient suppression and polarity
reversal protection
431T
SPDT relay with internal transistor driver and coil transient suppression
diode
UPPER
STATIONARY
CONTACT
LOWER
STATIONARY
CONTACT
MOVING
CONTACT
UNI-FRAME
ARMATURE
ENVIRONMENTAL AND
PHYSICAL SPECIFICATIONS
Temperature
(Ambient)
–65°C to +125°C
Vibration
(General Note 1)
30 g’s to 3000 Hz
Shock
(General Note 1)
75 g’s,
6 msec, half-sine
Acceleration
50 g’s
Enclosure
Hermetically sealed
Weight
0.109 oz. (3.09g) max.


Similar Part No. - 431-18

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
431-12.0M-3DC-TNC OSCILENT-431-12.0M-3DC-TNC Datasheet
133Kb / 2P
   7 x 5 SMD Ceramic Low Jitter 5pS
431-12.0M-3DC-TTS OSCILENT-431-12.0M-3DC-TTS Datasheet
133Kb / 2P
   7 x 5 SMD Ceramic Low Jitter 5pS
431-12.0M-3DD-TNC OSCILENT-431-12.0M-3DD-TNC Datasheet
133Kb / 2P
   7 x 5 SMD Ceramic Low Jitter 5pS
431-12.0M-3DD-TTS OSCILENT-431-12.0M-3DD-TTS Datasheet
133Kb / 2P
   7 x 5 SMD Ceramic Low Jitter 5pS
431-12.0M-3DL-TNC OSCILENT-431-12.0M-3DL-TNC Datasheet
133Kb / 2P
   7 x 5 SMD Ceramic Low Jitter 5pS
More results

Similar Description - 431-18

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
J412D-12M TELEDYNE-J412D-12M Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
M390169-074L TELEDYNE-M390169-074L Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
J412D-26WL TELEDYNE-J412D-26WL Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
logo
Willow Technologies Ltd
432 WILLOW-432 Datasheet
152Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
logo
Teledyne Technologies I...
ER412-26A TELEDYNE-ER412-26A Datasheet
152Kb / 7P
   ESTABLISHED RELIABILITY TO-5 RELAYS
J412T-5WL TELEDYNE-J412T-5WL Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
logo
Willow Technologies Ltd
412 WILLOW-412 Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
logo
Teledyne Technologies I...
J411-12PM TELEDYNE-J411-12PM Datasheet
146Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
J411-5L TELEDYNE-J411-5L Datasheet
146Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
J412D-6WM TELEDYNE-J412D-6WM Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com