Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

432D-12 Datasheet(PDF) 1 Page - Willow Technologies Ltd

Part # 432D-12
Description  ESTABLISHED RELIABILITY TO-5 RELAYS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

432D-12 Datasheet(HTML) 1 Page - Willow Technologies Ltd

  432D-12 Datasheet HTML 1Page - Willow Technologies Ltd 432D-12 Datasheet HTML 2Page - Willow Technologies Ltd 432D-12 Datasheet HTML 3Page - Willow Technologies Ltd 432D-12 Datasheet HTML 4Page - Willow Technologies Ltd 432D-12 Datasheet HTML 5Page - Willow Technologies Ltd 432D-12 Datasheet HTML 6Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
©2003 TELEDYNE RELAYS
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
432 Page 1
www.teledynerelays.com
432/1203/Q1
SERIES
432
ESTABLISHED RELIABILITY
TO-5 RELAYS
SENSITIVE DPDT
DESCRIPTION
The TO-5 relay, originally conceived and developed by Teledyne, has become
one of the industry standards for low-level switching from dry circuit to 1
ampere. Designed for high-density PC board mounting, its small size and low
coil power dissipation make the 432 relay one of the most versatile
ultraminiature relays available.
The following unique construction features and manufacturing techniques
provide excellent resistance to environmental extremes and overall high
reliability.
• All welded construction.
• Unique uni-frame design, providing high magnetic efficiency and
mechanical rigidity.
• High force/mass ratios for resistance to shock and vibration.
• Advanced cleaning techniques provide maximum assurance of internal
cleanliness.
• Precious metal alloy contact material with gold plating assures excellent
high current and dry circuit switching capabilities.
The Series 432D and 432DD relays have internal discrete silicon diodes for
coil suppression and polarity reversal protection. The hybrid 432T relay has an
internal silicon suppression diode and a transistor driver. This hybrid package
reduces required PC board floor space by reducing the number of external
components needed to drive the relay.
By virtue of its inherently low intercontact capacitance and contact circuit
losses, the 432 relay has shown its worth as an RF switch for frequency
ranges well into the UHF spectrum (see Figure 1). In addition, the sensitive
Series 432 relay has a high resistance coil, thus requiring extremely low
operating power (200 milliwatts, typical at room temperature). The advantages
of reduced heat dissipation and power supply demands are a plus.
INTERNAL CONSTRUCTION
SERIES
DESIGNATION
RELAY TYPE
432
DPDT basic relay
432D
DPDT relay with internal diode for coil transient suppression
432DD
DPDT relay with internal diodes for coil transient suppression and polarity
reversal protection
432T
DPDT relay with internal transistor driver and coil transient suppression
diode
UPPER
STATIONARY
CONTACT
LOWER
STATIONARY
CONTACT
MOVING
CONTACT
UNI-FRAME
ARMATURE
ENVIRONMENTAL AND
PHYSICAL SPECIFICATIONS
Temperature
(Ambient)
–65°C to +125°C
Vibration
(General Note 1)
30 g’s to 3000 Hz
Shock
(General Note 1)
75 g’s,
6 msec, half-sine
Acceleration
50 g’s
Enclosure
Hermetically sealed
Weight
0.159 oz. (4.5g) max.


Similar Part No. - 432D-12

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
432DV TELEDYNE-432DV Datasheet
256Kb / 6P
   DPDT basic high-vibration relay
432DV-12 TELEDYNE-432DV-12 Datasheet
256Kb / 6P
   DPDT basic high-vibration relay
432DV-18 TELEDYNE-432DV-18 Datasheet
256Kb / 6P
   DPDT basic high-vibration relay
432DV-26 TELEDYNE-432DV-26 Datasheet
256Kb / 6P
   DPDT basic high-vibration relay
432DV-5 TELEDYNE-432DV-5 Datasheet
256Kb / 6P
   DPDT basic high-vibration relay
More results

Similar Description - 432D-12

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
J412D-12M TELEDYNE-J412D-12M Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
M390169-074L TELEDYNE-M390169-074L Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
J412D-26WL TELEDYNE-J412D-26WL Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
ER412-26A TELEDYNE-ER412-26A Datasheet
152Kb / 7P
   ESTABLISHED RELIABILITY TO-5 RELAYS
J412T-5WL TELEDYNE-J412T-5WL Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
logo
Willow Technologies Ltd
412 WILLOW-412 Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
431 WILLOW-431 Datasheet
143Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
logo
Teledyne Technologies I...
J411-12PM TELEDYNE-J411-12PM Datasheet
146Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
J411-5L TELEDYNE-J411-5L Datasheet
146Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
J412D-6WM TELEDYNE-J412D-6WM Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com