Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

431-12 Datasheet(PDF) 6 Page - Willow Technologies Ltd

Part No. 431-12
Description  ESTABLISHED RELIABILITY TO-5 RELAYS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

431-12 Datasheet(HTML) 6 Page - Willow Technologies Ltd

  431-12 Datasheet HTML 1Page - Willow Technologies Ltd 431-12 Datasheet HTML 2Page - Willow Technologies Ltd 431-12 Datasheet HTML 3Page - Willow Technologies Ltd 431-12 Datasheet HTML 4Page - Willow Technologies Ltd 431-12 Datasheet HTML 5Page - Willow Technologies Ltd 431-12 Datasheet HTML 6Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
.100
[2.54]
.100
[2.54]
.100
[2.54]
"Y" POSITION
"Z" POSITION
.100
[2.54]
.100
[2.54]
.100
[2.54]
"W" POSITION
"U" POSITION
(ER116C and ER136C only)
"X" POSITION
"Z" POSITION
"Y" POSITION
.050
[1.27]
36°±3°
Ø.200
[Ø5.08]
"Z" POSITION
"Y" POSITION
"X" POSITION
45°±3°
"Z" POSITION
"Y" POSITION
Ø.200
[Ø5.08]
Centigrid® Relays:
RF100, RF103, ER114, ER134, 172
Centigrid® Relays:
RF180, ER116C, 122C, ER136C
TO-5 Relays:
ER411T, ER412, ER412T, ER420, ER421, ER422,
ER431T, ER432, ER432T, 712, 712TN, 400H, 400K,
400V, RF300, RF303, RF341, RF312, RF310, RF313,
RF320, RF323
TO-5 Relays:
ER411, ER431, RF311, RF331
NOTES
1. Terminal views shown
2. Dimensions are in inches (mm)
3. Tolerances: ± .010 (±.25) unless otherwise speci¿ed
4. Ground pin positions are within .015 (0.38) dia. of true position
5. Ground pin head dia., 0.035 (0.89) ref: height 0.010 (0.25) ref.
6. Lead dia. 0.017 (0.43) nom.
Indicates ground pin position
Indicates glass insulated lead position
Indicates ground pin or lead position
depending on relay type
Appendix A: Ground Pin Positions
© 2008 Teledyne Relays
SPECIFICATIONS SUBJECT TO CHANGE WITHOUT NOTICE


Similar Part No. - 431-12

ManufacturerPart No.DatasheetDescription
Oscilent Corporation
Oscilent Corporation
431-12.0M-3DC-TNC OSCILENT-431-12.0M-3DC-TNC Datasheet
133Kb / 2P
   7 x 5 SMD Ceramic Low Jitter 5pS
431-12.0M-3DC-TTS OSCILENT-431-12.0M-3DC-TTS Datasheet
133Kb / 2P
   7 x 5 SMD Ceramic Low Jitter 5pS
431-12.0M-3DD-TNC OSCILENT-431-12.0M-3DD-TNC Datasheet
133Kb / 2P
   7 x 5 SMD Ceramic Low Jitter 5pS
431-12.0M-3DD-TTS OSCILENT-431-12.0M-3DD-TTS Datasheet
133Kb / 2P
   7 x 5 SMD Ceramic Low Jitter 5pS
431-12.0M-3DL-TNC OSCILENT-431-12.0M-3DL-TNC Datasheet
133Kb / 2P
   7 x 5 SMD Ceramic Low Jitter 5pS
More results

Similar Description - 431-12

ManufacturerPart No.DatasheetDescription
Teledyne Technologies Incorporated
Teledyne Technologies I...
J412D-12M TELEDYNE-J412D-12M Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
M390169-074L TELEDYNE-M390169-074L Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
J412D-26WL TELEDYNE-J412D-26WL Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
Willow Technologies Ltd
Willow Technologies Ltd
432 WILLOW-432 Datasheet
152Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
Teledyne Technologies Incorporated
Teledyne Technologies I...
ER412-26A TELEDYNE-ER412-26A Datasheet
152Kb / 7P
   ESTABLISHED RELIABILITY TO-5 RELAYS
J412T-5WL TELEDYNE-J412T-5WL Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
Willow Technologies Ltd
Willow Technologies Ltd
412 WILLOW-412 Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
Teledyne Technologies Incorporated
Teledyne Technologies I...
J411-5L TELEDYNE-J411-5L Datasheet
146Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
J412D-6WM TELEDYNE-J412D-6WM Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
J411-12PM TELEDYNE-J411-12PM Datasheet
146Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
More results


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz