Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

412DD-12 Datasheet(PDF) 3 Page - Willow Technologies Ltd

Part # 412DD-12
Description  ESTABLISHED RELIABILITY TO-5 RELAYS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

412DD-12 Datasheet(HTML) 3 Page - Willow Technologies Ltd

  412DD-12 Datasheet HTML 1Page - Willow Technologies Ltd 412DD-12 Datasheet HTML 2Page - Willow Technologies Ltd 412DD-12 Datasheet HTML 3Page - Willow Technologies Ltd 412DD-12 Datasheet HTML 4Page - Willow Technologies Ltd 412DD-12 Datasheet HTML 5Page - Willow Technologies Ltd 412DD-12 Datasheet HTML 6Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
©2003 TELEDYNE RELAYS
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
412 Page 3
www.teledynerelays.com
412/1203/Q1
DIMENSIONS ARE SHOWN IN INCHES (MILLIMETERS)
.370
(9.40)
DIA. MAX.
.335
(8.51)
DIA. MAX.
.270 (6.86) MAX.
+.002 (.05)
.017 (.43) –.001 (.03) DIA.
TRANSISTOR BASE
CONNECTION FOR
412T ONLY
10
5
1
9
4
6
82
3
7
WIRE LEAD: .75 (19.05) MIN.
PIN: .187 (4.75)
±.010 (.25)
(See Note 6)
TERMINAL LOCATIONS AND PIN NUMBERING (REF. ONLY)
(Viewed from Terminals)
.035 (.89)
± .010 (0.25)
.031 (.79)
± .003 (0.08)
36
°±3°
TYP.
.200 (5.08)
± .010 (.25) DIA.
OUTLINE DIMENSIONS
GENERAL NOTES
1. Relay contacts will exhibit no chatter in excess of 10 μsec or transfer in excess of
1 μsec.
2. “Typical” characteristics are based on available data and are best estimates. No
on-going verification tests are performed.
3. Unless otherwise specified, parameters are initial values.
4. For reference only. Coil resistance not directly measurable at relay terminals due
to internal series semiconductor. 412DD and 412T only.
5. Unless otherwise specified, relays will be supplied with either gold-plated or
solder-coated leads.
6. The slash and characters appearing after the slash are not marked on the relay.
7. Limit Base Emitter current to 15 mAdc.
8. Applicable to all coil voltages. See Base current to turn on.
9. Screened HI-REL versions available. Contact factory.
10.
412
412DD
412D
412T
Vcc
Vr
Notes:
Logic 1 activates the relay.
Logic 0 de-activates the relay.
Vcc = logic bias power.
Vr = coil energization voltage.
Pin 10
Pin 9
Pin 1
Logic element
1 = 0.50 to 3.00mA
0 = 0.3Vdc min.
SCHEMATIC DIAGRAMS
TYPICAL LOGIC INTERFACE
(See Note 8)
Teledyne Part Numbering System for
T2R® Established Reliability Relay
ER
412 Y
M - 26
A / S Q
Established Reliability
Designator
Pad Option
(See Appendix)
Relay Series
Optional Ground Pin
(See Appendix)
Q= Solder-Coated Leads
G= Gold-Plated Leads
(Notes 5 and 6)
S= .187" leads
(Note 6)
Coil Voltage
Screening and Reliability
Level
Teledyne Part Numbering System for Military Qualified (JAN) Relays
J
412 Y
M - 26 P
L
Military (JAN)
Designator
Spreader Option
(See Appendix)
Relay Series
Optional Ground Pin
(See Appendix)
Terminal Variant
P = 0.187"
Coil Voltage
Screening and Reliability
Level
SCHEMATICS ARE VIEWED
FROM TERMINALS
SERIES 412


Similar Part No. - 412DD-12

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
412DDV TELEDYNE-412DDV Datasheet
256Kb / 6P
   DPDT basic high-vibration relay
412DDV-12 TELEDYNE-412DDV-12 Datasheet
256Kb / 6P
   DPDT basic high-vibration relay
412DDV-18 TELEDYNE-412DDV-18 Datasheet
256Kb / 6P
   DPDT basic high-vibration relay
412DDV-26 TELEDYNE-412DDV-26 Datasheet
256Kb / 6P
   DPDT basic high-vibration relay
412DDV-5 TELEDYNE-412DDV-5 Datasheet
256Kb / 6P
   DPDT basic high-vibration relay
More results

Similar Description - 412DD-12

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
J412D-12M TELEDYNE-J412D-12M Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
M390169-074L TELEDYNE-M390169-074L Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
J412D-26WL TELEDYNE-J412D-26WL Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
logo
Willow Technologies Ltd
432 WILLOW-432 Datasheet
152Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
logo
Teledyne Technologies I...
ER412-26A TELEDYNE-ER412-26A Datasheet
152Kb / 7P
   ESTABLISHED RELIABILITY TO-5 RELAYS
J412T-5WL TELEDYNE-J412T-5WL Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
logo
Willow Technologies Ltd
431 WILLOW-431 Datasheet
143Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
logo
Teledyne Technologies I...
J411-12PM TELEDYNE-J411-12PM Datasheet
146Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
J411-5L TELEDYNE-J411-5L Datasheet
146Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
J412D-6WM TELEDYNE-J412D-6WM Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com