Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

412T-9 Datasheet(PDF) 1 Page - Willow Technologies Ltd

Part # 412T-9
Description  ESTABLISHED RELIABILITY TO-5 RELAYS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

412T-9 Datasheet(HTML) 1 Page - Willow Technologies Ltd

  412T-9 Datasheet HTML 1Page - Willow Technologies Ltd 412T-9 Datasheet HTML 2Page - Willow Technologies Ltd 412T-9 Datasheet HTML 3Page - Willow Technologies Ltd 412T-9 Datasheet HTML 4Page - Willow Technologies Ltd 412T-9 Datasheet HTML 5Page - Willow Technologies Ltd 412T-9 Datasheet HTML 6Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
©2003 TELEDYNE RELAYS
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
412 Page 1
www.teledynerelays.com
412/1203/Q1
SERIES
412
ESTABLISHED RELIABILITY
TO-5 RELAYS
DPDT
DESCRIPTION
The TO-5 relay, originally conceived and developed by Teledyne, has become
one of the industry standards for low-level switching from dry circuit to 1
ampere. Designed expressly for high-density PC board mounting, its small size
and low coil power dissipation make the 412 relay one of the most versatile
ultraminiature relays available.
The following unique construction features and manufacturing techniques
provide excellent resistance to environmental extremes and overall high
reliability.
• All welded construction.
• Unique uni-frame design, providing high magnetic efficiency and
mechanical rigidity.
• High force/mass ratios for resistance to shock and vibration.
• Advanced cleaning techniques provide maximum assurance of internal
cleanliness.
• Precious metal alloy contact material with gold plating assures excellent
high current and dry circuit switching capabilities.
The Series 412D and 412DD relays have internal discrete silicon diodes for
coil suppression and polarity reversal protection. The hybrid 412T relay
features an internal silicon suppression diode and transistor driver. This hybrid
package reduces required PC board floor space by reducing the number of
external components needed to drive the relay.
By virtue of its inherently low intercontact capacitance and contact circuit
losses, the 412 relay has proven to be an excellent ultraminiature RF switch
for frequency ranges well into the UHF spectrum. A typical RF application for
the TO-5 relay is in handheld radio transceivers, wherein the combined
features of good RF performance, small size, low coil power dissipation and
high reliability make it a preferred method of T-R switching (see Figure 1).
INTERNAL CONSTRUCTION
SERIES
DESIGNATION
RELAY TYPE
412
DPDT basic relay
412D
DPDT relay with internal diode for coil suppression
412DD
DPDT relay with internal diodes for coil transient suppression and polarity
reversal protection
412T
DPDT relay with internal transistor driver and coil transient suppression
diode
UPPER
STATIONARY
CONTACT
LOWER
STATIONARY
CONTACT
MOVING
CONTACT
UNI-FRAME
ARMATURE
ENVIRONMENTAL AND
PHYSICAL SPECIFICATIONS
Temperature
(Ambient)
–65°C to +125°C
Vibration
(General Note 1)
30 g’s to 3000 Hz
Shock
(General Note 1)
75 g’s,
6 msec, half-sine
Acceleration
50 g’s
Enclosure
Hermetically sealed
Weight
0.09 oz. (2.55g) max.


Similar Part No. - 412T-9

ManufacturerPart #DatasheetDescription
logo
ebm-papst
412 EBMPAPST-412 Datasheet
311Kb / 4P
   DC axial compact fan
412 EBMPAPST-412 Datasheet
375Kb / 3P
   DC axial fans
logo
3M Electronics
412 3M-412 Datasheet
53Kb / 2P
   Detectable Buried Barricade Tapes 400 Series
logo
Marathon Special Produc...
412 MARATHON-412 Datasheet
597Kb / 3P
   Replace “XX” with 01 through 12 for number of poles 11/16 (.688) pitch
logo
ebm-papst
412-099 EBMPAPST-412-099 Datasheet
375Kb / 3P
   DC axial fans
More results

Similar Description - 412T-9

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
J412D-12M TELEDYNE-J412D-12M Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
M390169-074L TELEDYNE-M390169-074L Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
J412D-26WL TELEDYNE-J412D-26WL Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
logo
Willow Technologies Ltd
432 WILLOW-432 Datasheet
152Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
logo
Teledyne Technologies I...
ER412-26A TELEDYNE-ER412-26A Datasheet
152Kb / 7P
   ESTABLISHED RELIABILITY TO-5 RELAYS
J412T-5WL TELEDYNE-J412T-5WL Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
logo
Willow Technologies Ltd
431 WILLOW-431 Datasheet
143Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
logo
Teledyne Technologies I...
J411-12PM TELEDYNE-J411-12PM Datasheet
146Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
J411-5L TELEDYNE-J411-5L Datasheet
146Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
J412D-6WM TELEDYNE-J412D-6WM Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com