Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE1895 Datasheet(PDF) 1 Page - NTE Electronics

Part No. NTE1895
Description  Integrated Circuit Hybrid Switching Voltage Regulator
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1895 Datasheet(HTML) 1 Page - NTE Electronics

  NTE1895 Datasheet HTML 1Page - NTE Electronics NTE1895 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE1895
Integrated Circuit
Hybrid Switching Voltage Regulator
Absolute Maximum Ratings:
Maximum Peak Input Voltage, VIN
550V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Current, IIN
Continuous
10A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Pulse
20A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Output Current (VO = 115V), IO
1.4A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation (TC = +100°C), PD
27W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Transistor Junction Temperature, TJ
+150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range (Case Temperature, Note 1), Topr
–20
° to +125°C
. . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–30
° to +125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Note 1. Recommended Operating Temperature: Topr = +100°C
Electrical Characteristics: (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Output Voltage
VO
VIN = 120V, IO = 1.1A, Note 2
108.5
110.0
111.5
V
Set Output Voltage
VO
IIN = 7mA
41.3
41.8
42.3
V
Line Regulation
RegLINE VIN = 90V to 145V, IO = 1.1A
Initial Value
±1V
V
Load Regulation
RegLOAD VIN = 120V, IO = 0.6A to 1.1A
Initial Value
±2V
V
Output Voltage Temperature
Coefficient
Kt
TC = –20° to +100°C, IIN = 7mA
±2
mV/
°C
Saturation Voltage
VCE(sat) IC = 5A, IB = 1A
0.5
V
VBE(sat)
IC = 5A, IB = 1A
1.5
V
DC Current Gain
hFE
IC = 1A, VCE = 4V
15
40
Collector Cutoff Current
ICEX
VCE = 550V, VBE = 1.5V
1
A
Power Transistor Thermal
Resistance
RΘJC
Between Junction and Case
1.8
°C/W
Switching Time
ts
12.0
µs
tf
0.7
µs
Note 2. Output voltage is determined by the ratio between the sensing winding “D” and the secondary
winding “S”.


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn