Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P8XC591 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # P8XC591
Description  Single-chip 8-bit microcontroller with CAN controller
Download  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P8XC591 Datasheet(HTML) 2 Page - NXP Semiconductors

  P8XC591 Datasheet HTML 1Page - NXP Semiconductors P8XC591 Datasheet HTML 2Page - NXP Semiconductors P8XC591 Datasheet HTML 3Page - NXP Semiconductors P8XC591 Datasheet HTML 4Page - NXP Semiconductors P8XC591 Datasheet HTML 5Page - NXP Semiconductors P8XC591 Datasheet HTML 6Page - NXP Semiconductors P8XC591 Datasheet HTML 7Page - NXP Semiconductors P8XC591 Datasheet HTML 8Page - NXP Semiconductors P8XC591 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 160 page
background image
2000 Jul 26
2
Philips Semiconductors
Preliminary Specification
Single-chip 8-bit microcontroller with CAN controller
P8xC591
CONTENTS
1
FEATURES
1.1
80C51 Related Features of the 8xC591
1.2
CAN Related Features of the 8xC591
2
GENERAL DESCRIPTION
3
ORDERING INFORMATION
4
BLOCK DIAGRAM
5
FUNCTIONAL DIAGRAM
6
PINNING INFORMATION
6.1
Pinning diagram
6.2
Pin description
7
MEMORY ORGANIZATION
7.1
Program Memory
7.2
Addressing
7.3
Expanded Data RAM addressing
7.4
Dual DPTR
8
I/O FACILITIES
9
OSCILLATOR CHARACTERISTICS
10
RESET
11
LOW POWER MODES
11.1
Stop Clock Mode
11.2
Idle Mode
11.3
Power-down Mode
12
CAN, CONTROLLER AREA NETWORK
12.1
Features of the PeliCAN controller
12.2
PeliCAN structure
12.3
Communication between PeliCAN controller
and CPU
12.4
Register and Message Buffer description
12.5
CAN Registers
13
SERIAL I/O
14
SIO0 STANDARD SERIAL INTERFACE UART
14.1
Multiprocessor Communications
14.2
Serial Port Control Register
14.3
Baud Rate Generation
14.4
More about UART Modes
14.5
Enhanced UART
15
SIO1, I2C SERIAL IO
15.1
Modes of Operation
15.2
SIO1 Implementation and Operation
15.3
Software Examples of SIO1 Service Routines
16
TIMER 2
16.1
Features of Timer 2
17
WATCHDOG TIMER (T3)
18
PULSE WIDTH MODULATED OUTPUTS
18.1
Prescaler Frequency Control Register (PWMP)
18.2
Pulse Width Register 0 (PWM0)
18.3
Pulse Width Register 1 (PWM1)
19
PORT 1 OPERATION
20
ANALOG-TO-DIGITAL CONVERTER (ADC)
20.1
ADC features
20.2
ADC functional description
20.3
10-Bit Analog-to-Digital Conversion
20.4
10-Bit ADC Resolution and Analog Supply
20.5
Power Reduction Modes
21
INTERRUPTS
21.1
Interrupt Enable Registers
21.2
Interrupt Enable and Priority Registers
21.3
Interrupt priority
21.4
Interrupt Vectors
22
INSTRUCTION SET
22.1
Addressing Modes
23
LIMITING VALUES
24
DC CHARACTERISTICS
25
AC CHARACTERISTICS
25.1
Timing symbol definitions
26
EPROM CHARACTERISTICS
26.1
Program verification
26.2
Security bits
27
PACKAGE OUTLINES
28
SOLDERING
28.1
Plastic leaded-chip carriers/quad flat-packs
29
DEFINITIONS
30
LIFE SUPPORT APPLICATIONS


Similar Part No. - P8XC591

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P8XC591 NXP-P8XC591 Datasheet
610Kb / 160P
   Single-chip 8-bit microcontroller with CAN controller
2000 Jul 26
More results

Similar Description - P8XC591

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P8XC591 NXP-P8XC591 Datasheet
610Kb / 160P
   Single-chip 8-bit microcontroller with CAN controller
2000 Jul 26
P8XCE598 NXP-P8XCE598 Datasheet
513Kb / 108P
   8-bit microcontroller with on-chip CAN
1996 Jun 27
P8XC592 PHILIPS-P8XC592 Datasheet
459Kb / 108P
   8-bit microcontroller with on-chip CAN
1996 Jun 27
P8XC592 NXP-P8XC592 Datasheet
504Kb / 108P
   8-bit microcontroller with on-chip CAN
1996 Jun 27
P8XCE598 PHILIPS-P8XCE598 Datasheet
507Kb / 108P
   8-bit microcontroller with on-chip CAN
1996 Jun 27
logo
ATMEL Corporation
T89C51CC02 ATMEL-T89C51CC02 Datasheet
1Mb / 154P
   Enhanced 8-bit Microcontroller with CAN Controller and Flash
T89C51CC02 ATMEL-T89C51CC02_08 Datasheet
1Mb / 159P
   Enhanced 8-bit Microcontroller with CAN Controller and Flash
T89C51CC02 ATMEL-T89C51CC02_06 Datasheet
1Mb / 156P
   Enhanced 8-bit Microcontroller with CAN Controller and Flash
T89C51CC01 ATMEL-T89C51CC01_03 Datasheet
1Mb / 160P
   Enhanced 8-bit Microcontroller with CAN Controller and Flash Memory
T89C51CC01 ATMEL-T89C51CC01_08 Datasheet
1Mb / 167P
   Enhanced 8-bit Microcontroller with CAN Controller and Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com