Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF66 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # SF66
Description  6.0 Amps. Glass Passivated Super Fast Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SF66 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  SF66 Datasheet HTML 1Page - GOOD-ARK Electronics SF66 Datasheet HTML 2Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Notes:
1. Reverse Recovery Test Conditions: I
F=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C.
a
t
a
D
l
a
c
i
n
a
h
c
e
M
s
e
r
u
t
a
e
F
183
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
c
i
r
t
c
e
l
E
d
n
a
s
g
n
i
t
a
R
m
u
m
i
x
a
M
Ratings at 25oC ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Low forward voltage drop
High current capability
High reliability
High surge current capability
Case: Molded plastic DO-201AD
Epoxy: UL 94V-O rate flame retardant
Lead: Axial leads, solderable per MIL-STD-202, Method 208
guaranteed
Polarity: Color band denotes cathode end
High temperature soldering guaranteed:
250oC/10 seconds .375” (9.5mm) lead
lengths at 5 lbs., (2.3kg) tension
Mounting position: Any
Weight: 0.041 ounce, 1.15 grams
9
6
F
S
u
r
h
t
1
6
F
S
s
r
e
i
f
i
t
c
e
R
t
s
a
F
r
e
p
u
S
d
e
t
a
v
i
s
s
a
P
s
s
a
l
G
.
s
p
m
A
0
.
6
s
e
r
e
p
m
A
0
.
6
t
n
e
r
r
u
C
d
r
a
w
r
o
F
s
t
l
o
V
0
0
0
1
o
t
0
5
e
g
n
a
R
e
g
a
t
l
o
V
r
e
t
e
m
a
r
a
Ps
l
o
b
m
y
S1
6
F
S2
6
F
S3
6
F
S4
6
F
S5
6
F
S6
6
F
S7
6
F
S8
6
F
S9
6
F
Ss
t
i
n
U
e
g
a
t
l
o
v
e
s
r
e
v
e
r
k
a
e
p
e
v
i
t
i
t
e
p
e
r
m
u
m
i
x
a
MV
M
R
R
0
50
0
10
5
10
0
20
0
30
0
40
0
60
0
80
0
0
1s
t
l
o
V
e
g
a
t
l
o
v
S
M
R
m
u
m
i
x
a
MV
S
M
R
5
30
75
0
10
4
10
1
20
8
20
2
40
6
50
0
7s
t
l
o
V
e
g
a
t
l
o
v
g
n
i
k
c
o
l
b
C
D
m
u
m
i
x
a
MV
C
D
0
50
0
10
5
10
0
20
0
30
0
40
0
60
0
80
0
0
1s
t
l
o
V
t
n
e
r
r
u
c
d
e
i
f
i
t
c
e
r
d
r
a
w
r
o
f
e
g
a
r
e
v
a
m
u
m
i
x
a
M
T
@
h
t
g
n
e
l
d
a
e
l
)
m
m
5
.
9
(
"
5
7
3
.
A
5
5
=
oC
I
)
V
A
(
0
.
6s
p
m
A
e
l
g
n
i
s
s
m
3
.
8
,
t
n
e
r
r
u
c
e
g
r
u
s
d
r
a
w
r
o
f
k
a
e
P
d
a
o
l
d
e
t
a
r
n
o
d
e
s
o
p
m
i
r
e
p
u
s
e
v
a
w
-
e
n
i
s
f
l
a
h
)
d
o
h
t
e
M
C
E
D
E
J
(
I
M
S
F
0
.
0
5
1s
p
m
A
C
D
A
0
.
6
@
e
g
a
t
l
o
v
d
r
a
w
r
o
f
s
u
o
e
n
a
t
n
a
t
s
n
i
m
u
m
i
x
a
MV
F
5
7
9
.
03
.
17
.
1s
t
l
o
V
T
@
t
n
e
r
r
u
c
e
s
r
e
v
e
r
C
D
m
u
m
i
x
a
M
A
5
2
=
oC
T
@
e
g
a
t
l
o
v
g
n
i
k
c
o
l
b
C
D
d
e
t
a
r
t
a
A
5
2
1
=
oC
I
R
0
.
5
0
0
1
uA
uA
)
1
e
t
o
N
(
e
m
i
t
y
r
e
v
o
c
e
r
e
s
r
e
v
e
r
m
u
m
i
x
a
Mt
r
r
5
3
nS
)
2
e
t
o
N
(
e
c
n
a
t
i
c
a
p
a
c
n
o
i
t
c
n
u
j
l
a
c
i
p
y
TC
J
5
1
10
6
pF
e
c
n
a
t
s
i
s
e
r
l
a
m
r
e
h
t
l
a
c
i
p
y
T
Rθ
A
J
Rθ
L
J
0
2
0
.
5
o
W
/
C
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
g
n
i
t
a
r
e
p
OT
J
0
5
1
+
o
t
5
6
-
oC
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
ST
G
T
S
0
5
1
+
o
t
5
6
-
oC


Similar Part No. - SF66

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SF66 RECTRON-SF66 Datasheet
339Kb / 6P
   GLASS PASSIVATED SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 6.0 Amperes
2020-04 REV:A
logo
Won-Top Electronics
SF66 WTE-SF66 Datasheet
50Kb / 3P
   6.0A SUPER-FAST RECTIFIER
logo
SynSemi, Inc.
SF66 SYNSEMI-SF66 Datasheet
36Kb / 2P
   SUPER FAST RECTIFIER DIODES
logo
DONGGUAN YOU FENG WEI E...
SF66 YFWDIODE-SF66 Datasheet
70Kb / 2P
   6.0 AMP SUPER FAST RECTIFIERS
logo
Jinan Gude Electronic D...
SF66 JGD-SF66 Datasheet
165Kb / 2P
   6.0 AMPS. SUPER FAST RECTIFIERS
More results

Similar Description - SF66

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SF61G TSC-SF61G Datasheet
67Kb / 2P
   6.0 AMPS. Glass Passivated Super Fast Rectifiers
SFD601G TSC-SFD601G Datasheet
62Kb / 2P
   6.0 AMPS. Glass Passivated Super Fast Rectifiers
SF61G TSC-SF61G_10 Datasheet
585Kb / 2P
   6.0 AMPS. Glass Passivated Super Fast Rectifiers
SF61G TSC-SF61G_1 Datasheet
261Kb / 2P
   6.0 AMPS. Glass Passivated Super Fast Rectifiers
logo
Jinan Gude Electronic D...
SF61G JGD-SF61G Datasheet
173Kb / 2P
   6.0 AMPS. GLASS PASSIVATED SUPER FAST RECTIFIERS
logo
Taiwan Semiconductor Co...
FR601G TSC-FR601G_08 Datasheet
25Kb / 1P
   6.0 AMPS. Glass Passivated Fast Recovery Rectifiers
FR601G TSC-FR601G_1 Datasheet
249Kb / 2P
   6.0 AMPS. Glass Passivated Fast Recovery Rectifiers
FR601G TSC-FR601G Datasheet
69Kb / 2P
   6.0 AMPS. Glass Passivated Fast Recovery Rectifiers
logo
Jinan Gude Electronic D...
FR601G JGD-FR601G Datasheet
147Kb / 2P
   6.0 AMPS. GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
6A05G TSC-6A05G Datasheet
65Kb / 2P
   6.0 AMPS. Glass Passivated Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com