Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

OPB760 Datasheet(PDF) 1 Page - OPTEK Technologies

Part No. OPB760
Description  Photologic Reflective Object Sensors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPB760 Datasheet(HTML) 1 Page - OPTEK Technologies

  OPB760 Datasheet HTML 1Page - OPTEK Technologies OPB760 Datasheet HTML 2Page - OPTEK Technologies OPB760 Datasheet HTML 3Page - OPTEK Technologies OPB760 Datasheet HTML 4Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
Choice of mounting configurations
Choice of output configurations
Description
The OPB760N series of reflective
assemblies feature Photologic
®
output. This electrical output can be
specified as either TTL Totem Pole or
TTL Open Collector. Either may be
supplied with inverter or buffer output
polarity. All have the added stability of a
built-in hysteresis amplifier.
Mounting Options
OPB760N series PC board mount,
without mounting tabs
OPB760T series PC board mount, with
two mounting tabs
OPB770N series wire leads with
connector, without mounting tabs
OPB770T series wire leads with
connector, with two mounting tabs
Absolute Maximum Ratings (TA = 25
o C unless otherwise noted)
Supply Voltage, VCC (Not to exceed 3 sec.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 V
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40
o C to +85o C
Operating Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40
o C to +70o C
Lead Soldering Temperature [1/16 inch (1.6 mm) from case for 5 sec. with soldering
iron] . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 240
oC(1)
Input Diode Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100 mW
(2)
Output Photologic
® Power Dissipation. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200 mW(3)
Total Device Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300 mW
(4)
Voltage at Output Lead (Open Collector Output) . . . . . . . . . . . . . . . . . . . . . . . . . . 35 V
Diode Forward D.C. Current. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40 mA
Diode Reverse D.C. Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 V
Notes:
(1)
RMA flux is recommended. Duration can be extended to 10 sec. max. when flow soldering.
(2)
Derate linearly 2.22 mW/
o C above 25o C.
(3)
Derate linearly 4.44 mW/
o C above 25o C.
(4)
Derate linearly 6.66 mW/
o C above 25o C.
(5)
The OPB760N thru OPB763N series are terminated with .020" square leads designed for
printed circuit board mounting.
(6)
Normal application would be with light source blocked, simulated by IF = 0mA.
(7)
Tested at d = 0.080" from a 90% diffuse white test surface.
(8)
Tested at d = 0.080", 0.150" and 0.220" from a 90% diffuse white test surface. Reference:
Eastman Kodak, Catalog #1257795.
(9)
Tested at d = 0.080", 0.150" and 0.220" from a 5% diffuse black test surface.
(10) All parameters tested using pulse technique.
Product Bulletin OPB760N
June 1996
Photologic
® Reflective Object Sensors
Types OPB760N, OPB761N, OPB762N, OPB763N
Optek Technology, Inc.
1215 W. Crosby Road
Carrollton, Texas 75006
(972) 323-2200
Fax (972) 323-2396
11-50


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
OPB760T Photologic Reflective Object Sensors 1  2  3  4  OPTEK Technologies
OPB702 Reflective Object Sensors 1  2  3  4  OPTEK Technologies
OPB606A REFLECTIVE OBJECT SENSORS 1  2  OPTEK Technologies
OPB607A REFLECTIVE OBJECT SENSORS 1  2  OPTEK Technologies
OPB703 REFLECTIVE OBJECT SENSORS 1  2  QT Optoelectronics
OPB707A Reflective Object Sensors 1  2  OPTEK Technologies
OPB7081 Reflective Object Sensors 1  2  3  4  OPTEK Technologies
QRB1113 REFLECTIVE OBJECT SENSORS 1  2  QT Optoelectronics
QRB1133 REFLECTIVE OBJECT SENSORS 1  2  QT Optoelectronics
OPB710 REFLECTIVE OBJECT SENSORS 1  2  OPTEK Technologies

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn