Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTB75N03L09 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTB75N03L09
Description  Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTB75N03L09 Datasheet(HTML) 3 Page - ON Semiconductor

  NTB75N03L09 Datasheet HTML 1Page - ON Semiconductor NTB75N03L09 Datasheet HTML 2Page - ON Semiconductor NTB75N03L09 Datasheet HTML 3Page - ON Semiconductor NTB75N03L09 Datasheet HTML 4Page - ON Semiconductor NTB75N03L09 Datasheet HTML 5Page - ON Semiconductor NTB75N03L09 Datasheet HTML 6Page - ON Semiconductor NTB75N03L09 Datasheet HTML 7Page - ON Semiconductor NTB75N03L09 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NTP75N03L09, NTB75N03L09
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain − Source Breakdown Voltage (Note 2)
(VGS = 0 Vdc, ID = 250 mAdc)
Temperature Coefficient (Negative)
V(BR)DSS
30
34
−57
Vdc
mV
°C
Zero Gate Voltage Drain Current
(VDS = 30 Vdc, VGS = 0 Vdc)
(VDS = 30 Vdc, VGS = 0 Vdc, TJ = 150°C)
IDSS
1.0
10
mAdc
Gate−Body Leakage Current
(VGS = ±20 Vdc, VDS = 0 Vdc)
IGSS
±100
nAdc
ON CHARACTERISTICS (Note 2)
Gate Threshold Voltage (Note 2)
(VDS = VGS, ID = 250 mAdc)
Threshold Temperature Coefficient (Negative)
VGS(th)
1.0
1.6
−6
2.0
Vdc
mV
°C
Static Drain−to−Source On−Resistance (Note 2)
(VGS = 5.0 Vdc, ID = 37.5 Adc)
RDS(on)
6.5
8.0
m
W
Static Drain−to−Source On Resistance (Note 2)
(VGS = 10 Vdc, ID = 75 Adc)
(VGS = 10 Vdc, ID = 37.5 Adc, TJ = 125°C)
VDS(on)
0.52
0.35
0.68
0.50
Vdc
Forward Transconductance (Notes 2 & 4)
(VDS = 3 Vdc, ID = 20 Adc)
gFS
58
m
W
DYNAMIC CHARACTERISTICS (Note 4)
Input Capacitance
(V
25 Vdc V
0
Ciss
4398
5635
pF
Output Capacitance
(VDS = 25 Vdc, VGS = 0,
f = 1.0 MHz)
Coss
1160
1894
Transfer Capacitance
f
1.0 MHz)
Crss
317
430
SWITCHING CHARACTERISTICS (Notes 3 & 4)
Turn−On Delay Time
(V
5 0 Vdc
td(on)
16
30
ns
Rise Time
(VGS = 5.0 Vdc,
VDD = 20 Vdc, ID = 75 Adc,
)(
)
tr
130
200
Turn−Off Delay Time
VDD
20 Vdc, ID
75 Adc,
RG = 4.7 W) (Note 2)
td(off)
65
110
Fall Time
tf
105
175
Gate Charge
(VGS = 5.0 Vdc,
I
75 Adc
QT
57
75
nC
ID = 75 Adc,
VDS = 24 Vdc) (Note 2)
Q1
11
15
VDS
24 Vdc) (Note 2)
Q2
34
50
SOURCE−DRAIN DIODE CHARACTERISTICS
Forward On−Voltage
(IS = 75 Adc, VGS = 0 Vdc)
(IS = 75 Adc, VGS = 0 Vdc, TJ = 125°C)
(Note 2)
VSD
1.19
1.09
1.25
Vdc
Reverse Recovery Time
(Note 4)
(I
75 Adc V
0 Vdc
trr
37
ns
(Note 4)
(IS = 75 Adc, VGS = 0 Vdc
dlS/dt = 100 A/ms) (Note 2)
ta
20
Reverse Recovery Stored
Charge (Note 4)
dlS/dt
100 A/
ms) (Note 2)
tb
17
mC
Charge (Note 4)
QRR
0.023
2. Pulse Test: Pulse Width
v 300 mS, Duty Cycle v 2%.
3. Switching characteristics are independent of operating junction temperatures.
4. From characterization test data.


Similar Part No. - NTB75N03L09

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTB75N03L09 ONSEMI-NTB75N03L09 Datasheet
119Kb / 8P
   Power MOSFET 75 Amps, 30 Volts
August, 2013 ??Rev. 13
NTB75N03L09G ONSEMI-NTB75N03L09G Datasheet
119Kb / 8P
   Power MOSFET 75 Amps, 30 Volts
August, 2013 ??Rev. 13
NTB75N03L09T4 ONSEMI-NTB75N03L09T4 Datasheet
119Kb / 8P
   Power MOSFET 75 Amps, 30 Volts
August, 2013 ??Rev. 13
NTB75N03L09T4G ONSEMI-NTB75N03L09T4G Datasheet
119Kb / 8P
   Power MOSFET 75 Amps, 30 Volts
August, 2013 ??Rev. 13
More results

Similar Description - NTB75N03L09

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com