Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X66AK2G12ABY60 Datasheet(PDF) 4 Page - Texas Instruments

Part # X66AK2G12ABY60
Description  Multicore DSPARM KeyStone II System-on-Chip (SoC)
Download  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

X66AK2G12ABY60 Datasheet(HTML) 4 Page - Texas Instruments

  X66AK2G12ABY60 Datasheet HTML 1Page - Texas Instruments X66AK2G12ABY60 Datasheet HTML 2Page - Texas Instruments X66AK2G12ABY60 Datasheet HTML 3Page - Texas Instruments X66AK2G12ABY60 Datasheet HTML 4Page - Texas Instruments X66AK2G12ABY60 Datasheet HTML 5Page - Texas Instruments X66AK2G12ABY60 Datasheet HTML 6Page - Texas Instruments X66AK2G12ABY60 Datasheet HTML 7Page - Texas Instruments X66AK2G12ABY60 Datasheet HTML 8Page - Texas Instruments X66AK2G12ABY60 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 231 page
background image
4
66AK2G12
SPRSP07B – JUNE 2017 – REVISED NOVEMBER 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: 66AK2G12
Device Overview
Copyright © 2017, Texas Instruments Incorporated
– Two 64-Bit Timers Dedicated to ARM A15 and
DSP Cores (One Timer per Core)
– Watchdog and General-Purpose (GP)
– Four 64-Bit Timers are Shared for General
Purposes
– Each 64-Bit Timer Can be Configured as Two
Individual 32-Bit Timers
– One 64-Bit Timer Dedicated for PMMC
– Two Timers Input/Output Pin Pairs
• Interprocessor Communication With:
– Message Manager to Facilitate Multiprocessor
Access to the PMMC:
– Provides Hardware Acceleration for Pushing
and Popping Messages to/from Logical
Queues
– Supports Up to 64 Queues and 128
Messages
– Semaphore Module With Up to 64 Independent
Semaphores and 16 Masters (device cores)
• EDMA With 128 (2 × 64) Channels and
1024 (2 × 512) PaRAM Entries
Keystone II System on Chip (SoC)
Architecture:
• Security
– Supports General-Purpose (GP) and High-
Secure (HS) Devices
– Supports Secure Boot
– Supports Customer Secondary Keys
– 4KB of One-Time Programmable (OTP) ROM
for Customer Keys
• Power Management
– Integrated Power Management Microcontroller
(PMMC) Technology
• Supports Primary Boot From UART, I2C, SPI,
GPMC, SD or eMMC, USB Device Firmware
Upgrade v1.1, PCIe®, and Ethernet Interfaces
• Keystone II Debug Architecture With Integrated
ARM CoreSight™ Support and Trace Capability
Operating Temperature (TJ):
• –40°C to 125°C (Automotive)
• –40°C to 105°C (Extended)
• 0°C to 90°C (Commercial)
1.2
Applications
Industrial Communications and Controls
Automotive Audio Amplifiers
Home Audio
Professional Audio
Power Protection
Other Embedded Systems
1.3
Description
66AK2G1x is a family of heterogeneous multicore System-on-Chip (SoC) devices based on TI’s field-
proven Keystone II (KS2) architecture. These devices address applications that require both DSP and
ARM performance, with integration of high-speed peripheral and memory interfaces, hardware
acceleration for network and cryptography functions, and high-level operating systems (HLOS) support.
Similar to existing KS2-based SoC devices, the 66AK2G1x enables both the DSP and ARM cores to
master all memory and peripherals in the system. This architecture facilitates maximum software flexibility
where either DSP- or ARM-centric system designs can be achieved.
The 66AK2G1x significantly improves device reliability by extensively implementing error correction code
(ECC) in processor cores, shared memory, embedded memory in modules, and external memory
interfaces. Full analysis of soft error rate (SER) and power-on-hours (POH) shows that the designated
66AK2G3x parts satisfy a wide range of industrial and automotive requirements.
Accompanied by the new Processor SDK, the 66AK2G1x development platform enables unprecedented
ease-of-use with main line open source Linux, CCS 6.x, a wide range of OS-independent device drivers,
as well as TI-RTOS that enables seamless task management across processor cores. The device also
features advanced debug and trace technology with the latest innovations from TI and ARM, such as
system trace and seamless integration of the ARM CoreSight components.
Secure boot can also be made available for anticloning and illegal software update protection. For more
information about secure boot, contact your TI sales representative.


Similar Part No. - X66AK2G12ABY60

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
X66AK2G12ABY60 TI1-X66AK2G12ABY60 Datasheet
2Mb / 230P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
X66AK2G12ABY60 TI1-X66AK2G12ABY60 Datasheet
2Mb / 233P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
X66AK2G12ABY60 TI1-X66AK2G12ABY60 Datasheet
2Mb / 232P
[Old version datasheet]   Multicore DSPArm KeyStone II System-on-Chip (SoC)
More results

Similar Description - X66AK2G12ABY60

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
66AK2G12_1806 TI1-66AK2G12_1806 Datasheet
2Mb / 233P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2H14 TI1-66AK2H14 Datasheet
8Mb / 351P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2H14 TI1-66AK2H14_17 Datasheet
8Mb / 355P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2H14 TI1-66AK2H14_18 Datasheet
2Mb / 329P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2H14 TI1-66AK2H14_16 Datasheet
8Mb / 354P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2G12 TI1-66AK2G12_18 Datasheet
2Mb / 230P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2G02 TI1-66AK2G02_16 Datasheet
2Mb / 230P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2G12 TI1-66AK2G12_19 Datasheet
2Mb / 232P
[Old version datasheet]   Multicore DSPArm KeyStone II System-on-Chip (SoC)
TCI6636K2H TI1-TCI6636K2H Datasheet
7Mb / 362P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2E05 TI1-66AK2E05_16 Datasheet
1Mb / 282P
[Old version datasheet]   66AK2E0x Multicore DSPARM KeyStone II System-on-Chip (SoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com