Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS13D9-CD11G Datasheet(PDF) 1 Page - Suntan Capacitors

Part # TS13D9-CD11G
Description  ALUMINUM ELECTROLYTIC CAPACITOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TS13D9-CD11G Datasheet(HTML) 1 Page - Suntan Capacitors

  TS13D9-CD11G_17 Datasheet HTML 1Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ALUMINUM ELECTROLYTIC CAPACITOR
Suntan®
F O R
E N E R G Y
L A M P
TS13D CD11G
F E A T U R E S
105℃ 3000hour
u Specifications
ITEM
S PE RF ORMA N CE
CH ARA CTE RIS TI C S
Rated Voltage
DC160~450V
Capacitance
±20%
Dissipation Factor
Raged Voltage (V)
200
250
350
400
450
Tan δ
0.06
0.06
0.08
0.08
0.12
Leakage Current
Rated Voltage (V)
200~250V
350~450V
Leakage Current
0.01CV or 3μA whichever is greater
(at 20℃, after 2 minutes
0.06CV+10μA
(at 20℃, after 2 minutes
Load Life (+130℃ or 105℃)
After application of the voltage plust the rated ripple current at 105℃, the capacitors shall meet the below
requirement
Time
3000hours
Leakage Current
Not more than the specified value.
Capacitance Change
Within±30% of the initial value
Dissipation Factor
Not more than 300% of the specified value.
Shelf Life (105℃)
After leaving capacitors under no load at 105℃ for 1000 hours, capacitors shall meet the specified value for
load life characteristics listed above
u Dimensions
mm
u Multiplier for ripple current
ΦD
6
8
10
12
16
18
Φd
0.5
0.6
0.6
0.6
0.8
0.8
F
2.5
3.5
5.0
5.0
7.5
7.5
a Max
D<18
D=18
L<35.5
L≥35.5
+1.5 -1.0
+1.5 -1.0
+2.0 -1.0
β Max
D<18
0.5
D≥18
1.0
Frequency coefficient factor for ripple current
Frequency
W.V Factor
120
1K
10-30K
30-100K
200-250
0.55
0.85
0.9
1.00
350-450
0.5
0.8
0.9
1.00
u Case Size DxL (mm) Ripple Current (mA, 105℃/120Hz)
WV/V
Cap/μF
160
200
250
350
400
450
Size
Ripple
Size
Ripple
Size
Ripple
Size
Ripple
Size
Ripple
Size
Ripple
1.0
6.3x11
30
6.3x11
30
6.3x11
30
8x12
35
8x12
35
8x12
35
2.2
6.3x11
35
6.3x11
35
8x12
35
8x16
40
8x16
40
8x16
45
3.3
8x12
40
8x12
40
10x14
40
10x17
50
10x17
50
10x17
50
4.7
8x12
50
8x12
50
8x12
50
10x17
60
10x20
60
13x20
60
6.8
8x16
65
8x16
65
8x16
70
10x17
80
10x20
80
10x20
60
10
8x16
85
10x17
95
10x20
100
13x20
110
13x20
110
13x20
120
22
10x20
150
10x20
170
13x20
230
13x25
230
16x25
160
16x25
210
33
13x20
190
13x20
230
13x25
240
16x25
190
16x30
240
16x30
260
47
13x25
230
13x25
250
16x25
270
16x30
250
16x35
320
18x31
330
68
13x25
270
16x25
290
16x30
340
16x35
320
18x35
380
--
--
100
16x25
380
16x30
420
18x30
450
--
--
--
--
--
--
150
18x30
450
18x35
500
--
--
--
--
--
--
--
--
220
18x35
550
18x40
650
--
--
--
--
--
--
--
--
Note: Specification are subject to change without notice. For more detail and update, please visit our website.
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Similar Part No. - TS13D9-CD11G_17

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS13D9-CD11G SUNTAN-TS13D9-CD11G Datasheet
309Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR
More results

Similar Description - TS13D9-CD11G_17

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS13DL-CD117 SUNTAN-TS13DL-CD117 Datasheet
278Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DM-CD71A SUNTAN-TS13DM-CD71A Datasheet
284Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DS-CD296 SUNTAN-TS13DS-CD296 Datasheet
193Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13EG-CD135X SUNTAN-TS13EG-CD135X Datasheet
207Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13D0-CD297 SUNTAN-TS13D0-CD297 Datasheet
408Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DH-CD264 SUNTAN-TS13DH-CD264 Datasheet
915Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13D3-CD60 SUNTAN-TS13D3-CD60 Datasheet
433Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DD-CD71C SUNTAN-TS13DD-CD71C Datasheet
120Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DF-CD71 SUNTAN-TS13DF-CD71 Datasheet
300Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DG-CD263 SUNTAN-TS13DG-CD263 Datasheet
354Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DF-CD71 SUNTAN-TS13DF-CD71_17 Datasheet
137Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com