Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TS09B Datasheet(PDF) 1 Page - Suntan Capacitors

Part No. TS09B
Description  High Voltage Metallized Polypropylene Film Capacitor
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUNTAN [Suntan Capacitors]
Homepage  http://www.suntan.com.hk
Logo 

TS09B Datasheet(HTML) 1 Page - Suntan Capacitors

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
High Voltage Metallized Polypropylene Film Capacitor
Suntan®
B O X- T Y PE
TS09B
Outline Drawing
Dimensions (mm)
Lead Pitch: P
≤10
>10
Lead Wire Dia.: d ± 0.05
0.6
0.8
Dimension Tolerance: W,H,T
W+0.5/-0.7, H±0.5, T±0.5
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246
FEA TURES
l
Metallized structure, widely used in high voltage, high
frequency and pulse circuit
l
Low loss and small inherent temperature rise
l
Negative temperature coefficient of capacitance
l
Excellent active and passive flame resistant abilities
SPECIF
ICA
TIO
NS
Reference Standard
GB14579 (IEC 60384-17)
Climatic Category
40/100/56
Rated Temperature
85℃ for VR (DC)
75℃ for VR (AC)
Operating Temperature
Range
-40℃~+105℃ (+85℃ to +105℃ decreasing factor 1.25% per ℃ for VR DC)
Rated Voltage
1000V, 1400/1600V, 2000V
Capacitance Range
0.00022µF ~ 3.9µF
Capacitance Tolerance
±2%(G), ±3%(E), ±5%(J), ±10%(K),±20%(M)
Voltage Proof
1.6UR(5s)
Dissipation Factor
≤0.001, (20℃,1kHz)
Insulation Resistance
≥50 000MΩ, CR ≤0.33µF
≥15 000s, CR >0.33µF
(20℃, 100V, 1min)


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn