Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TS09 Datasheet(PDF) 1 Page - Suntan Capacitors

Part No. TS09
Description  High Voltage Metallized Polypropylene Film Capacitors
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUNTAN [Suntan Capacitors]
Homepage  http://www.suntan.com.hk
Logo 

TS09 Datasheet(HTML) 1 Page - Suntan Capacitors

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
High Voltage Metallized Polypropylene Film Capacitors
Suntan®
EXTENDED FOIL, FLAME RETARDANT EPOXY COATED
TS09
F E A T U R E S
‧ Ideal for high AC current applications, such as CRT deflection for R-F generators and
pulse-forming networks.
‧ Temperature Coefficient is negative and variety linear over the operation temperature.
‧ Coated with flame retardative epoxy resin which provides from humidity and
mechanical damage.
SPECIFICA
T
IONS
OPERATING TEMPERATURE
RATED VOLTAGE
CAPACITANCE RANGE
CAPACITANCE TOLERANCE
Dissipation Factor
Insulation Resistance
-40℃ TO + 85℃
DC 1000V, 1250V, 1500, 1600V and 2000V
0.001 TO 0.15Mfd
±5%, ±10%
≤0.1% (20℃, 1KHz)
≥25000MΩ (CR≤0.1µF) (20℃, 1min)
≥2000s
(CR>0.1µF) (20℃, 1min)
dΦ:0.6mm or 0.8mm)
VDC
Mfd
1000VDC / 1250VDC
1500VDC/1600VDC
2000VDC
L
T
H
P
L
T
H
P
L
T
H
P
0.00022
19
10.5
5.5
15
0.00047~
0.00056
19
7.5
12
15
19
7.5
12
15
19
7.5
12
15
0.001
19
6.4
11
15
19
6.4
11
15
19
7
12.5
15
0.0011
19
7.5
13
15
0.0015
19
7.5
12
15
19
7.5
12
15
19
8.5
13.5
15
0.0022
19
7.5
12.5
15
19
7.5
12.5
15
19
8.5
14
15
0.0027
19
8
13
15
19
8
13
15
19
9
14.5
15
0.0033
19
7.6
12
15
19
8.5
14
15
19
9
16
15
24
7.5
15
20
0.0039
19
9
14.5
15
19
9
14.5
15
0.0047
19
8
13
15
19
9
14.8
15
19
9.5
16
15
26
8
14
22.5
26
8.5
14
22.5
0.0052
19
9
14.8
15
0.0056~
0.0068
19
8.5
14.5
15
19
10
15.7
15
19
10.5
17.5
15
0.0082
19
9
14.5
15
19
9.5
15.5
15
19
11
18
15
26
9.5
15.5
22.5
0.0091
26
9.5
15.5
22.5
0.0095
26
10
16
22.5
0.01
19.5
8.5
14
15
19
9.5
17
15
19
12
19
15
26
9.5
16.5
22.5
0.011~
0.012
26
9
15.5
22.5
26
9
15.5
22.5
26
10.5
18
22.5
0.013~
0.016
19
9.5
16.8
15
19
11.5
18.5
15
26
9.5
16.5
22.5
26
10
16
22.5
26
11
18.5
22.5
0.022
19
10.5
15.8
15
26
10.8
18
22.5
26
10.5
18.5
22.5
26
13.5
20
22.5
0.033
19
13
18
15
0.047
19
13.5
20.6
15
Note: Specifications are subject to change without notice. For more detail and update, please visit our website.
Suntan® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn