Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TS08S Datasheet(PDF) 1 Page - Suntan Capacitors

Part No. TS08S
Description  METALLIZED POLYPROPYLENE FILM CAPACITOR X2
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUNTAN [Suntan Capacitors]
Homepage  http://www.suntan.com.hk
Logo 

TS08S Datasheet(HTML) 1 Page - Suntan Capacitors

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
METALLIZED POLYPROPYLENE FILM CAPACITOR – X2
Suntan®
NON – INDUCTIVE, (UL940V-0) PLASTIC CASE SEALED WITH EPOXY RESIN
TS08S
F E A T U R E S
‧ Provides interference suppression with VDE & ENEC and UL safety approvals.
SPECI FICA TI ONS
VOLTAGE RATING
CAPACITANCE RANGE
CAPACITANCE TOLERANCE
OPERATING TEMPERATURE
TESTING VOLTAGE
DISSIPATION FACTOR
INSULATION RESISTANCE
275 VAC
0.001 – 2.2uF
±10%std.
-40℃ to +110℃
4.3UR DC /5s
tgδ 0.0010
1KHz
CR
≤0.33μF, I.R≥15,000MΩ
CR>0.33μF, I.R≥6,000S (MΩ/μF)
COUNTRY
APPROVAL
STANDARD
APPROVAL NO.
CLASS
CAP. RANGE
RATED VOLTAGE
cUL/ UL
CANADA / U.S.A
UL/IEC 60384-14
E344971
X2
0.001 to 2.2μF
250/275/305/310VAC
VDE
GERMANY
DIN EN 60384-14
(VDE 0565 Teil 1-1)
40035433
X2
0.001 to 2.2μF
275/305/310VAC
ENEC
EUROPE
EN 60384-14; IEC 60384-14
40035433
X2
0.001 to 2.2μF
275/305/310VAC
Standard Lead Length: 20.0±1mm
Dimensions Table for 275V AC:
(Unit : mm)
A type
CAP
L±1.0
T±1.0
H±1.0
P±1.0
d ر0.05
CAP
L±1.0
T±1.0
H±1.0
P±1.0
d ر0.05
0.001
13.0
5.0
11.0
10.0
0.6
0.056
18.0
5.0
11.0
15.0
0.8
0.0022
13.0
5.0
11.0
10.0
0.6
0.068
18.0
5.0
11.0
15.0
0.8
0.0027
13.0
5.0
11.0
10.0
0.6
0.082
18.0
6.0
12.0
15.0
0.8
0.0033
13.0
5.0
11.0
10.0
0.6
0.1
18.0
6.0
12.0
15.0
0.8
0.0039
13.0
5.0
11.0
10.0
0.6
0.12
18.0
7.5
13.5
15.0
0.8
0.0047
13.0
5.0
11.0
10.0
0.6
0.15
26.5
7.0
16.5
22.5
0.8
0.0056
13.0
5.0
11.0
10.0
0.6
0.18
26.5
7.0
16.5
22.5
0.8
0.0068
13.0
5.0
11.0
10.0
0.6
0.22
26.5
7.0
16.5
22.5
0.8
0.0082
13.0
5.0
11.0
10.0
0.6
0.27
26.5
7.0
16.5
22.5
0.8
0.01
13.0
5.0
11.0
10.0
0.6
0.33
26.5
7.0
16.5
22.5
0.8
0.012
13.0
5.0
11.0
10.0
0.6
0.47
26.5
10.0
19.0
22.5
0.8
0.015
13.0
5.0
11.0
10.0
0.6
0.56
31.5
10.8
19.5
27.5
0.8
0.018
13.0
5.0
11.0
10.0
0.6
0.68
31.5
10.8
19.5
27.5
0.8
0.022
13.0
5.0
11.0
10.0
0.6
0.82
31.5
10.8
19.5
27.5
0.8
0.027
13.0
5.0
11.0
10.0
0.6
1.0
31.5
13.0
22.0
27.5
0.8
0.033
13.0
5.0
11.0
10.0
0.6
1.5
31.5
13.0
22.0
27.5
0.8
0.039
13.0
5.0
11.0
10.0
0.6
2.2
31.5
13.0
22.0
27.5
0.8
0.047
18.0
5.0
11.0
15.0
0.8
B type
0.047
13.0
5.0
11.0
10.0
0.6
0.27
18.0
10.0
15.5
15.0
0.8
0.056
13.0
6.0
12.0
10.0
0.6
0.33
18.0
10.0
15.8
15.0
0.8
0.068
13.0
6.0
12.0
10.0
0.6
0.47
18.0
11.0
19.0
15.0
0.8
0.082
13.0
6.0
12.0
10.0
0.6
0.56
26.5
10.0
19.0
22.5
0.8
0.1
13.0
6.0
12.0
10.0
0.6
0.68
26.5
10.0
19.0
22.5
0.8
0.15
18.0
7.5
13.5
15.0
0.8
0.82
26.5
10.0
19.0
22.5
0.8
0.18
18.0
7.5
13.5
15.0
0.8
1.0
26.5
10.0
19.0
22.5
0.8
0.22
18.0
8.5
14.5
15.0
0.8
Please contact us for special item or size not listed
Note: Specification are subject to change without notice. For more detail and update, please visit our website.
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn