Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TS08H Datasheet(PDF) 1 Page - Suntan Capacitors

Part No. TS08H
Description  METALLIZED POLYPROPYLENE FILM CAPACITOR X2
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUNTAN [Suntan Capacitors]
Homepage  http://www.suntan.com.hk
Logo 

TS08H Datasheet(HTML) 1 Page - Suntan Capacitors

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
METALLIZED POLYPROPYLENE FILM CAPACITOR – X2
Suntan®
NON – INDUCTIVE, (UL940V-0) PLASTIC CASE SEALED WITH EPOXY RESIN
TS08H
F E A T U R E S
‧ Provides interference suppression with VDE & ENEC and UL safety
approvals.
SPECIFICA
T
IONS
VOLTAGE RATING
CAPACITANCE RANGE
CAPACITANCE TOLERANCE
OPERATING TEMPERATURE
VOLTAGE PROOF
DISSIPATION FACTOR
INSULATION RESISTANCE
310 VAC
0.0047– 10uF
±10% std.
-40℃ to +105℃
4.3UR DC /5s
0.0010μF
≤CR≤0.47μF ≤0.1% (1KHz,20℃)
0.47μF
≤CR≤1.0μF ≤0.2% (1KHz,20℃)
1.0μF
≤CR≤10μF≤0.3% (1KHz,20℃)
CR
≤0.33 μF, I.R≥15,000MΩ
CR>0.33 μF, I.R
≥5,000S (20℃,100V,1min)
COUNTRY
APPROVAL
STANDARD
APPROVAL NO.
CLASS
CAP. RANGE
RATED VOLTAGE
cUL/ UL
CANADA / U.S.A
UL/IEC 60384-14
E344971
X2
0.0047 to 10μF
310/305/275VAC
VDE
GERMANY
DIN EN 60384-14
(VDE 0565 Teil 1-1)
40046769
X2
0.0047 to 10μF
310/305/275VAC
ENEC
EUROPE
EN 60384-14;
IEC 60384-14
40046769
X2
0.0047 to 10μF
310/305/275VAC
Standard Lead Length: 20mm min
Dimensions Table for 310V AC:
(Unit: mm)
A type
CAP
L±1.0
H±1.0
T±1.0
P±1.0
d ر0.05
CAP
L±1.0
H±1.0
T±1.0
P±1.0
d ر0.05
0.0047
13
9
4
10
0.6
0.27
26.5
16.5
7
22.5
0.8
0.0056
13
9
4
10
0.6
0.33
26.5
16.5
7
22.5
0.8
0.0068
13
9
4
10
0.6
0.39
26.5
17
8.5
22.5
0.8
0.0082
13
9
4
10
0.6
0.47
26.5
17
8.5
22.5
0.8
0.01
18
11
5
15
0.8
0.47
31.5
19.5
10.8
27.5
0.8
0.012
18
11
5
15
0.8
0.56
31.5
19.5
10.8
27.5
0.8
0.015
18
11
5
15
0.8
0.68
31.5
19.5
10.8
27.5
0.8
0.018
18
11
5
15
0.8
0.82
31.5
19.5
10.8
27.5
0.8
0.022
18
11
5
15
0.8
1
31.5
19.5
10.8
27.5
0.8
0.027
18
11
5
15
0.8
1.2
31.5
21.6
13
27.5
0.8
0.033
18
11
5
15
0.8
1.5
31.5
21.6
13
27.5
0.8
0.039
18
11
5
15
0.8
1.8
31
25
14
27.5
0.8
0.047
18
11
5
15
0.8
2.2
41
28
14
37.5
0.8
0.056
18
11
5
15
0.8
2.7
41
28
14
37.5
0.8
0.068
18
11
5
15
0.8
3.3
41
32
17
37.5
0.8
0.082
18
11
5
15
0.8
3.9
41
32
17
37.5
0.8
0.1
18
12
6
15
0.8
4.7
41
33.5
18.5
37.5
0.8
0.12
18
12
6
15
0.8
5.6
41
37
22
37.5
0.8
0.15
26.5
15
6
22.5
0.8
6.8
41
37
22
37.5
0.8
0.18
26.5
15
6
22.5
0.8
8.2
41
41
26
37.5
0.8
0.22
26.5
15
6
22.5
0.8
10
41
43
28
37.5
0.8
B type
0.01
13
11
5
10
0.6
0.18
18
13.5
7.5
15
0.8
0.012
13
11
5
10
0.6
0.22
18
14.5
8.5
15
0.8
0.015
13
11
5
10
0.6
0.27
18
14.5
8.5
15
0.8
0.018
13
11
5
10
0.6
0.33
18
16
10
15
0.8
0.022
13
11
5
10
0.6
0.39
18
19
11
15
0.8
0.027
13
11
5
10
0.6
0.47
18
15.5
9.5
15
0.8
0.033
13
11
5
10
0.6
0.56
26.5
19
10
22.5
0.8
0.039
13
11
5
10
0.6
0.68
26.5
19
10
22.5
0.8
0.047
13
11
5
10
0.6
0.82
26
21.5
12
22.5
0.8
0.056
13
12
6
10
0.6
1
26
21.5
12
22.5
0.8
0.068
13
12
6
10
0.6
2.2
30
25
14
27.5
0.8
0.082
13
12
6
10
0.6
2.7
32
28
18
27.5
0.8
0.1
13
12
6
10
0.6
3.3
32
28
18
27.5
0.8
0.15
18
12
6
15
0.8
4.7
32
37
22
27.5
0.8
Please contact us for special item or size not listed
Note: Specifications are subject to change without notice. For more detail and update, please visit our website.
Suntan® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn