Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TS07B Datasheet(PDF) 1 Page - Suntan Capacitors

Part No. TS07B
Description  MEALLIZED POLYPROPYLENE FILM CAPACITOR - BOX-MPP
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUNTAN [Suntan Capacitors]
Homepage  http://www.suntan.com.hk
Logo 

TS07B Datasheet(HTML) 1 Page - Suntan Capacitors

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MEALLIZED POLYPROPYLENE FILM CAPACITOR - BOX-MPP
Suntan®
TS07B
F E A T U R E S
‧ High reliability at high current stress.
‧ Self-healing properties.
‧ Flame retardant plastic case and epoxy resin.
‧ Low losses, high dv / dt capability.
‧ High moisture resistance.
‧ High stability of capacitance and long life.
SPECIF
ICA
TIONS
OPERATING TEMPERATURE
RATED VOLTAGE
CAPACITANCE RANGE
CAPACITANCE TOLERANCE
INSULATION RESISTANCE
DISSIPATION FACTOR
DIELECTRIC STRENGTH
-40℃ TO + 85℃
250, 400, 630VDC
0.0047 TO 3.9µF
±5%, ±10%
C≦0.33uF ; IR≥50000MOhm
C>0.33µF ; IR≥15000MOhm
0.1% max. at 1KHz, 20℃
160% of rated voltage for 60s.
µF
250VDC
400VDC
630VDC
W
H
T
P
d
W
H
T
P
d
W
H
T
P
d
±1.0
±1.0
±1.0
±1.0
±0.05
±1.0
±1.0
±1.0
±1.0
±0.05
±1.0
±1.0
±1.0
±1.0
±0.05
0.0047
13
9
4
10
0.6
13
9
4
10
0.6
13
9
4
10
0.6
0.0056
13
9
4
10
0.6
13
9
4
10
0.6
13
9
4
10
0.6
0.0068
13
9
4
10
0.6
13
9
4
10
0.6
13
9
4
10
0.6
0.0082
13
11
5
10
0.6
13
11
5
10
0.6
13
11
5
10
0.6
0.01
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
0.012
--
--
--
--
--
13
9
4
10
0.6
13
11
5
10
0.6
0.015
--
--
--
--
--
13
11
5
10
0.6
13
12
6
10
0.6
0.018
--
--
--
--
--
13
11
5
10
0.6
13
12
6
10
0.6
0.022
--
--
--
--
--
13
11
5
10
0.6
--
--
--
--
--
0.027
13
11
5
10
0.6
13
11
5
10
0.6
13
12
6
10
0.6
0.033
13
11
5
10
0.6
13
11
5
10
0.6
18
11
5
15
0.8
18
11
5
15
0.039
13
11
5
10
0.6
13
11
5
10
0.6
--
--
--
--
--
18
11
5
15
0.047
13
11
5
10
0.6
13
11
5
10
0.6
18
11
5
15
0.8
18
11
5
15
0.8
0.056
13
11
5
10
0.6
18
11
5
15
0.8
18
11
5
15
0.8
0.068
13
11
5
10
0.6
18
11
5
15
0.8
18
11
5
15
0.8
18
11
5
15
0.8
26.5
15
6
22.5
0.8
0.082
13
12
6
10
0.6
18
11
5
15
0.8
18
12
6
15
0.8
18
11
5
15
0.8
26.5
15
6
22.5
0.8
0.1
13
12
6
10
0.6
18
11
5
15
0.8
18
12
6
15
0.8
18
11
5
15
0.8
26.5
15
6
22.5
0.8
0.12
18
12
6
15
0.8
18
12
6
15
0.8
18
13.5
8
15
0.8
26.5
16
7
22.5
0.8
0.15
18
12
6
15
0.8
18
12
6
15
0.8
18
13.5
7.5
15
0.8
26.5
17
8.5
22.5
0.8
0.18
18
12
6
15
0.8
18
12
6
15
0.8
18
14.5
8.5
15
0.8
26.5
15
6
22.5
0.8
26.5
17
8.5
22.5
0.8
--
--
--
--
--
32
18
9
27.5
0.8
0.22
18
13.5
7.5
15
0.8
18
13.5
8
15
0.8
18
16
10
15
0.8
26.5
15
6
22.5
0.8
26.5
15
6
22.5
0.8
26.5
19
10
22.5
0.8
--
--
--
--
--
32
18
9
27.5
0.8
0.27
18
13.5
7.5
15
0.8
18
13.5
8
15
0.8
18
16
10
15
0.8
26.5
15
6
22.5
0.8
26.5
15
6
22.5
0.8
26.5
22
12
22.5
0.8
--
--
--
--
--
--
--
--
--
--
32
18
9
27.5
0.8
0.33
18
14.5
9
15
0.8
26.5
15
6
22.5
0.8
26.5
22
12
22.5
0.8
26.5
15
6
22.5
0.8
32
20
11
27.5
0.8
0.39
18
16
10
15
0.8
26.5
17
7
22.5
0.8
26.5
22
12
22.5
0.8
26.5
16
7
22.5
0.8
32
18
9
27.5
0.8
32
20
11
27.5
0.8
0.47
18
14.5
8.5
15
0.8
26.5
17
7
22.5
0.8
26.5
19
10
22.5
0.8
26.5
16
7
22.5
0.8
32
18
9
27.5
0.8
32
22
13
27.5
0.8
0.56
26.5
17
8.5
22.5
0.8
26.5
17
8.5
22.5
0.8
32
22
13
27.5
0.8
32
20
11
27.5
0.8
0.68
26.5
19
10
22.5
0.8
26.5
19
10
22.5
0.8
32
24.5
15
27.5
0.8
32
20
11
27.5
0.8
0.82
26.5
19
10
22.5
0.8
26.5
19
10
22.5
0.8
--
--
--
--
--
32
18
9
27.5
0.8
32
22
13
27.5
0.8
--
--
--
--
--
1.0
26.5
22
12
22.5
0.8
26.5
22
12
22.5
0.8
--
--
--
--
--
32
20
11
27.5
0.8
32
24.5
15
27.5
0.8
--
--
--
--
--
1.2
32
20
11
27.5
0.8
32
24.5
15
27.5
0.8
--
--
--
--
--
1.5
32
22
13
27.5
0.8
32
22
13
27.5
0.8
--
--
--
--
--
1.8
32
22
13
27.5
0.8
32
33
18
27.5
0.8
--
--
--
--
--
2.2
32
22
13
27.5
0.8
--
--
--
--
--
--
--
--
--
--
2.7
32
22
13
27.5
0.8
--
--
--
--
--
--
--
--
--
--
3.3
32
24.5
15
27.5
0.8
--
--
--
--
--
--
--
--
--
--
3.9
32
25.5
16
27.5
0.8
--
--
--
--
--
--
--
--
--
--
Note: Specification are subject to change without notice. For more detail and update, please visit our website.
Suntan® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn