Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TS07 Datasheet(PDF) 2 Page - Suntan Capacitors

Part No. TS07
Description  MEALLIZED POLYPROPYLENE FILM CAPACITOR - MPP
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUNTAN [Suntan Capacitors]
Homepage  http://www.suntan.com.hk
Logo 

TS07 Datasheet(HTML) 2 Page - Suntan Capacitors

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MEALLIZED POLYPROPYLENE FILM CAPACITOR - MPP
Suntan®
NON – INDUCTIVE, EPOXY DIP COATED, HIGH MOISTURE RESISTANCE
TS07
VDC
Mfd
400 VDC (2G)
630 VDC (2J)
L
T
H
d
P
L
T
H
d
P
0.01
13
5.5
9
0.6
10
13
5.5
9
0.6
10
10
5
8
0.6
7.5
0.012~0.015
10.5
5
8
0.6
7.5
13
6
10
0.6
10
13
6
10
0.6
10
0.018~0.022
13
7
11
0.6
10
13
7
11
0.6
10
18
5.5
9.5
0.6
15
0.033~0.036
13
6.5
10
0.6
10
13
6.5
10
0.6
10
18
6.5
11.5
0.6
15
18
6.5
11.5
0.6
15
0.039
13
6
11
0.6
10
18
6.5
12
0.6
15
0.047
13
6.5
11.5
0.6
10
13
6.5
11.5
0.6
10
18
7.5
12
0.6
15
17
7.5
12
0.6
15
0.068
13
6
10.5
0.6
10
13
8
13
0.6
10
18
6
9.5
0.6
15
17
8.5
13.5
0.6
15
0.1
13
7
12
0.6
10
18
6.5
11
0.6
15
18
6.5
11
0.6
15
0.15
19
7.5
13
0.8
15
19
7.5
13
0.8
15
0.22
18
9
14.5
0.8
15
18
9
14.5
0.8
15
0.33~0.39
18
9
16
0.5
15
25
8.5
15
0.8
22.5
23
7.5
14.5
0.8
20
0.47
23
8
15
0.8
20
23
8
15
0.8
20
25
9.5
16
0.8
22.5
25
9.5
16
0.8
22.5
0.56
23
9
15.5
0.8
20
25
10.5
17
0.8
22.5
18
11
17.5
0.6
15
31
11
18
0.8
27.5
0.68
25
10.5
18
0.8
22.5
23
11.5
18
0.8
20
23
11.5
18
0.8
20
31
11
18.5
0.8
27.5
23
8
14
0.8
20
0.82
25
10.5
17
0.8
22.5
1.0
25
11.5
18
0.8
22.5
25
13
21
0.8
22.5
23
10
16
0.8
20
31
13
22
0.8
27.5
31
10
18
0.8
27.5
1.5
23
12
20
0.8
20
31
16.5
25
0.8
27.5
23
9
17
0.8
20
31
12
20
0.8
27.5
2
25
13
21
0.8
22.5
23
10
16
0.8
20
31
14.5
22.5
0.8
27.5
2.2
25
14
22
0.8
22.5
23
11
19
0.8
20
31
15
23
0.8
27.5
3.3
23
14
22
0.8
20
31
18
26.5
0.8
27.5
Note: Specification are subject to change without notice. For more detail and update, please visit our website.
Suntan® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn