Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TS07 Datasheet(PDF) 1 Page - Suntan Capacitors

Part No. TS07
Description  MEALLIZED POLYPROPYLENE FILM CAPACITOR - MPP
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUNTAN [Suntan Capacitors]
Homepage  http://www.suntan.com.hk
Logo 

TS07 Datasheet(HTML) 1 Page - Suntan Capacitors

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MEALLIZED POLYPROPYLENE FILM CAPACITOR - MPP
Suntan®
NON – INDUCTIVE, EPOXY DIP COATED, HIGH MOISTURE RESISTANCE
TS07
F E A T U R E S
‧ Highly reliable because of its excellent Self-Healing performance.
‧ Dissipation Factor is normally low and it is stable against high frequency and change of temperature.
‧ Recommended for high-frequency circuits like s-curve compensating circuit.
SPECIF
ICA
TIONS
OPERATING TEMPERATURE
RATED VOLTAGE
CAPACITANCE RANGE
CAPACITANCE TOLERANCE
INSULATION RESISTANCE
DISSIPATION FACTOR
-40℃ TO + 85℃
DC 100V, 250V, 400V, 630V
0.01 TO 8.2Mfd
±5%, ±10%, ±20%
UR>100V
C≤0.33µF
IR≥25000MΩ
C>0.33µF
IR≥7500s
UR<100V
C≤0.33µF
IR≥12500MΩ
C>0.33µF
IR≥3750s
≤0.002(AT 1KHz)(Typical 0.001 max)
VDC
Mfd
100 VDC (2A)
250 VDC (2E)
L
T
H
d
P
L
T
H
d
P
0.01
13
5.5
9
0.6
10
13
5.5
9
0.6
10
10
5
8
0.6
7.5
10
5
8
0.6
7.5
0.012~0.015
13
6
10
0.6
10
13
6
10
0.6
10
10.5
5
8
0.6
7.5
10.5
5
8
0.6
7.5
0.022~0.027
13
6
9
0.6
10
13
6
9
0.6
10
10.5
6
10
0.6
7.5
10.5
6
10
0.6
7.5
18
6
11
0.6
15
0.033~0.036
13
6
10
0.6
10
13
6
10
0.6
10
10.5
6.5
10
0.6
7.5
10.5
6.5
10
0.6
7.5
0.039~0.047
13
7
11
0.6
10
13
7
11
0.6
10
10.5
6
10
0.6
7.5
10.5
6
10
0.6
7.5
0.056
10.5
6
10
0.6
7.5
13
6
10
0.6
10
0.068
13
6
10
0.6
10
13
6
10
0.6
10
0.1
13
7
11
0.6
10
13
7
11
0.6
10
10.5
5.5
9
0.6
7.5
10.5
5.5
9
0.6
7.5
0.15
13
9
13
0.6
10
13
9
13
0.6
10
10.5
6.5
11.5
0.6
7.5
10.5
6.5
11.5
0.6
7.5
0.22
13
6
11
0.6
10
13
6
11
0.6
10
10.5
6
11
0.6
7.5
18
7.5
11.5
0.8
15
18
6
10.5
0.6
15
0.33
18
6
11
0.6
15
18
9
14
0.8
15
0.47
18
9
14
0.8
15
18
10.5
15
0.8
15
23
8.5
15
0.8
20
0.68
23
6.5
13
0.8
20
23
8
15.5
0.8
20
1.0
23
8
14.5
0.8
20
23
10
16.5
0.8
20
18
7.5
12.5
0.6
15
25
11.5
18
0.8
22.5
1.2
23
8.5
15
0.8
20
23
11
18
0.8
20
18
8.5
13.5
0.6
15
25
12
19
0.8
22.5
1.5
18
8.5
15
0.8
15
25
12
17.5
0.8
22.5
23
7
14
0.8
20
23
12
18.5
0.8
20
31
10
19
0.8
27.5
31
10
19
0.8
27.5
2.2
23
8.5
15
0.8
20
25
14
21
0.8
22.5
31
12
21
0.8
27.5
31
12
21
0.8
27.5
3.3
23
11
17
0.8
20
31
15
24
0.8
27.5
31
15
24
0.8
27.5
Suntan® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn