Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TS06 Datasheet(PDF) 1 Page - Suntan Capacitors

Part No. TS06
Description  POLYPROPYLENE FILM CAPACITOR - PPI
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUNTAN [Suntan Capacitors]
Homepage  http://www.suntan.com.hk
Logo 

TS06 Datasheet(HTML) 1 Page - Suntan Capacitors

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
POLYPROPYLENE FILM CAPACITOR - PPI
Suntan®
INDUCTIVE, RADIAL LEAD WELDED CONSTRUCTION, EPOXY COATED
TS06
F E A T U R E S
Comparatively small size saves space of print circuit board
Temperature dependence indicates characteristic of negative.
Dissipation Factor is normally low and temperature dependence of capacitance is linear.
SPECIF IC A T ION S
OPERATING TEMPERATURE
RAGED VOLTAGE
CAPACITANCE RANGE
CAPACITANCE TOLERANCE
INSULATION RESISTANCE
DISSIPATION FACTOR
DIELECTRIC STRENGTH
-40℃ TO +85℃
DC 100V, 250V, 400V, 630V
0.00047 TO 0.18Mfd
±
5%, ±10%
50,000 MΩmin.
≤0.001 for C≤0.068Mfd
≤0.002 for C>0.068 Mfd (AT 1KHz)
250% of rated voltage for 5sec.
100V
250V
400V
630V
VDC
uF
L
H
T
P
L
H
T
P
L
H
T
P
L
H
T
P
0.00047-0.0012
7.0
13.5
5.0
4.0
7.0
13.5
5.0
4.0
7.0
13.5
5.0
4.0
7.0
13.5
5.0
4.0
0.0015
7.0
13.5
5.0
4.0
7.0
13.5
5.0
4.0
7.0
13.5
5.0
4.0
7.5
13.5
5.0
4.0
0.0018
7.5
13.5
5.0
4.0
7.5
13.5
5.0
4.0
7.5
13.5
5.0
4.0
7.5
13.5
5.0
4.0
0.002
7.5
13.5
5.0
4.0
7.5
13.5
5.0
4.0
7.5
13.5
5.0
4.0
7.5
13.5
5.0
4.0
0.0022
7.5
13.5
5.0
4.0
7.5
13.5
5.0
4.0
7.5
13.5
5.0
4.0
7.5
13.5
5.0
4.0
0.0027
7.5
13.5
5.0
4.0
7.5
13.5
5.0
4.0
7.5
13.5
5.0
4.0
7.5
13.5
5.0
4.0
0.003
7.5
13.5
5.0
4.0
7.5
13.5
5.0
4.0
7.5
13.5
5.0
4.0
8.0
13.5
5.5
4.5
0.0033
7.5
13.5
5.0
4.0
7.5
13.5
5.0
4.0
7.5
13.5
5.0
4.0
8.0
13.5
5.5
4.5
0.0039
7.5
13.5
5.0
4.0
7.5
13.5
5.0
4.0
7.5
13.5
5.0
4.0
8.5
13.5
5.5
4.5
0.0047
7.5
13.5
5.0
4.0
7.5
13.5
5.0
4.0
7.5
13.5
5.0
4.0
8.5
14.0
5.5
5.0
0.0056
7.5
13.5
5.0
4.0
7.5
13.5
5.0
4.0
8.0
13.5
5.5
4.0
9.0
14.0
6.0
5.5
0.0068
7.5
13.5
5.0
4.0
7.5
13.5
5.0
4.0
9.0
13.5
6.0
5.5
9.0
14.0
6.5
6.0
0.0082
7.5
13.5
5.0
4.0
7.5
13.5
5.0
4.0
9.5
13.5
6.0
5.5
9.5
14.0
6.5
6.0
0.01
7.5
13.5
5.0
4.5
7.5
13.5
5.0
4.0
9.0
13.5
5.5
6.0
10.0
14.0
6.0
6.0
0.012
8.0
13.5
5.0
5.0
8.0
13.5
5.0
4.5
9.0
13.5
5.5
6.0
10.0
14.0
7.0
6.0
0.015
8.0
13.5
5.0
5.0
8.5
13.5
5.5
5.0
9.5
13.5
6.0
6.0
10.5
14.0
7.0
7.0
0.018
8.5
13.5
5.0
5.0
8.5
13.5
5.5
5.0
10.0
14.0
6.5
6.0
11.5
14.5
7.5
7.0
0.02
8.5
13.5
5.0
5.0
9.0
13.5
5.5
5.0
10.5
14.0
6.5
6.0
11.5
14.5
7.5
7.0
0.022
8.5
13.5
5.0
5.0
9.0
13.5
5.5
5.5
10.5
14.0
6.5
6.5
11.5
14.5
8.0
7.0
0.027
9.0
13.5
5.5
5.5
9.5
13.5
6.0
5.5
11.0
14.0
7.0
6.5
12.5
14.5
8.5
7.5
0.03
9.5
13.5
6.0
5.5
9.5
13.5
6.0
6.0
11.5
14.0
7.5
7.0
13.0
14.5
9.0
7.5
0.033
9.5
14.0
6.0
5.5
10.0
13.5
6.5
6.0
11.5
14.0
7.5
7.0
13.5
14.5
9.5
8.0
0.039
10.0
14.0
6.0
6.0
10.5
13.5
6.0
7.0
12.0
14.0
7.5
7.5
15.0
15.5
10.5
9.0
0.047
10.5
14.0
6.5
6.5
11.0
13.5
6.0
7.0
13.0
15.0
8.5
8.0
15.0
15.5
10.5
9.0
0.056
11.0
14.0
6.5
7.0
11.5
14.0
7.0
7.0
13.5
15.0
9.0
8.5
16.0
15.5
11.0
10.0
0.068
11.0
14.0
7.0
7.0
12.0
14.0
7.5
8.0
14.5
15.0
9.5
9.0
--
--
--
--
0.082
12.0
14.0
7.0
8.0
13.0
14.0
8.0
8.0
15.5
15.0
10.5
9.5
--
--
--
--
0.1
13.0
14.5
8.5
8.0
13.0
14.0
8.0
8.5
16.5
16.0
12.0
10.5
--
--
--
--
0.12
13.5
14.5
8.5
9.0
--
--
--
--
--
--
--
--
--
--
--
--
0.15
15.0
14.5
8.5
10.0
--
--
--
--
--
--
--
--
--
--
--
--
0.18
16.0
14.5
10.0
10.5
--
--
--
--
--
--
--
--
--
--
--
--
Note: Specification are subject to change without notice. For more detail and update, please visit our website.
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn