Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TS05D Datasheet(PDF) 1 Page - Suntan Capacitors

Part No. TS05D
Description  METALLIZED POLYETHYLENE NAPHTALATE FILM CAPACITOR-STACKED SMD
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUNTAN [Suntan Capacitors]
Homepage  http://www.suntan.com.hk
Logo 

TS05D Datasheet(HTML) 1 Page - Suntan Capacitors

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
METALLIZED POLYETHYLENE NAPHTALATE FILM CAPACITOR-STACKED SMD
Suntan®
FOR ENERGY LAMP
TS05D
S
P
E
C
I
F
I
C
A
T
I
O
N
S
Reference Standard
IEC60384-19
Climatic Category
55/125/56
Rated Temperature
105℃
Operating Temperatur Range
-55℃ ~ 125℃(+105℃ to + 125℃:decreasing factor 1.25% per ℃ for VR(DC))
Rated Voltage
50/63V, 100V, 250V, 400V, 630V
Capacitance Range
0.001µF ~ 1.0µF
Capacitance Tolerance
±5%(J), ±10%(K),±20%(M)
Voltage Proof
1.40UR(5s)
Dissipation Factor
0.008(1KHz)
Insulation Resistance
1000MΩ,CR ≤0.33μF
UR<100,充电电压 10V
400s,CR >0.33μF
UR≥100,充电电压 100V(20℃,1min)
Maximum Pulse Rise Time
100
Welding process
Reflow
Dimensions (mm)
Dimensions Code
1206
1210
1812
2220
L
3.2+-0.2
3.2+-0.2
4.5+-0.5
5.7+-0.5
W
1.6+-0.2
2.5+-0.2
3.2+-0.5
5.1+-0.5
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246
F E A T U R E S
Uncoated, stacked construction, small size
A P P L I C A T I O N S
Telecom(XDSL, Base station , Multiplexer )
Automotive(Engine control system ,Safety system, Car
Stability versus temperature, frequency, voltage, time and humidity
radio, navigation system, Air-conditioning)
Lighting(Electronic ballast)
Reliable quality due to self-healing effect
No piezoelectric effect, non-polar construction, non-linearity distortion
DC/DC convertor
Low ESR, low noise level
Consumer(LCD,PDP)
High d v / d t ability
No cracking under thermal impact or mechanical bump


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn