Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TS04A Datasheet(PDF) 1 Page - Suntan Capacitors

Part No. TS04A
Description  METALLIZED POLYESTER FILM CAPACITOR - AXIAL
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUNTAN [Suntan Capacitors]
Homepage  http://www.suntan.com.hk
Logo 

TS04A Datasheet(HTML) 1 Page - Suntan Capacitors

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
METALLIZED POLYESTER FILM CAPACITOR - AXIAL
Suntan®
AXIAL LEAD, METALLIZE POLYSTER FILM - CYCLOIDAL
TS04A
F E A T U R E S
TS04A is constructed with metallized polyester film as medium and electrode,
wrapped and sealed with flame-retardant plastic and epoxy resin. With high
reliability, high temperature-resistance, small volume, large capacity and good
self-healing property.
Mainly used in instruments and the DC & AC circuit of the household equipment
and the fractional frequency circuit of acoustics system.
SPECIFICA T IONS
OPERATING TEMPERATURE
CAPACITANCE RANGE
CAPACITANCE TOLERANCE
RATED VOLTAGE
WITHSTAND VOLTAGE
DISSIPATION FACTOR
INSULATION RESISTANCE
-40
TO + 105
℃℃
0.033µF ~68µF
J (±5%), K (±10%)
100V, 250V, 400V, 630V(DC)
1.6UR 2s (1.5UR 5s)
C<1µF
≤0.013
10KHz
1µF<C≤10µF
≤0.008
1KHz
C>10µF
≤0.010
1HKz
C≤0.33µF VR≤100V(10V)≥7500MΩ
VR>100V
≥15000 MΩ
C>0.33µF VR≤100V(10V) ≥2500S
VR>100V
≥5000S
100VDC
250VDC
400VDC
630VDC
CAP
L
D
d
L
D
d
L
D
d
L
D
d
333
0.033
--
--
--
--
--
--
--
--
15.5
7.0
0.6
473
0.047
--
--
--
--
--
--
21.0
6.0
0.6
20.5
7.5
0.6
683
0.068
--
--
--
--
--
--
21.0
6.5
0.6
20.5
7.5
0.8
104
0.1
16.0
6.5
0.6
16.0
6.5
0.6
21.0
7.5
0.6
21.0
8.0
0.6
224
0.22
16.0
6.5
0.6
16.0
6.5
0.6
21.0
9.5
0.8
26.0
11.5
0.8
334
0.33
16.0
8.0
0.6
21.0
7.5
0.6
21.0
9.5
0.8
26.0
9.5
0.8
474
0.47
21.0
7.0
0.6
21.0
8.5
0.8
26.0
9.0
0.8
31.0
14.0
0.8
684
0.68
21.0
7.5
0.6
21.0
10.0
0.8
26.0
10.5
0.8
32.0
11.5
0.8
105
1.0
21.0
9.0
0.8
26.0
10.0
0.8
31.0
14.0
0.8
32.0
14.0
0.8
225
2.2
26.0
11.0
0.8
31.0
12.0
0.8
37.5
14.5
0.8
37.5
17.5
0.8
335
3.3
26.0
14.0
0.8
31.0
14.5
0.8
37.5
17.5
0.8
47.5
18.5
0.8
475
4.7
31.0
13.5
0.8
31.0
17.5
0.8
37.5
20.0
1.0
47.5
22.0
1.0
565
5.6
31.0
15.0
0.8
31.0
19.5
0.8
47.0
17.0
0.8
57.5
21.0
1.0
685
6.8
31.0
16.0
0.8
46.0
16.0
0.8
57.5
18.5
0.8
57.5
23.0
1.0
825
8.2
31.0
17.5
0.8
46.0
17.5
0.8
57.5
20.0
1.0
57.5
25.0
1.0
106
10.0
31.0
19.0
0.8
46.0
19.5
0.8
57.5
22.5
1.0
57.5
27.5
1.0
156
15.0
46.0
18.0
0.8
46.0
24.0
1.0
57.5
26.5
1.0
67.5
30.0
1.0
226
22.0
46.0
22.0
1.0
46.0
29.0
1.0
57.5
31.5
1.0
--
--
--
336
33.0
56.0
23.5
1.0
56.0
30.0
1.0
--
--
--
--
--
--
476
47.0
56.0
29.0
1.0
58.0
37.0
1.0
--
--
--
--
--
--
686
68.0
58.0
33.0
1.0
61.0
41.0
1.0
--
--
--
--
--
--
Note: Specification are subject to change without notice. For more detail and update, please visit our website.
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn