Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TS03Q Datasheet(PDF) 1 Page - Suntan Capacitors

Part No. TS03Q
Description  SUBMINIATURE SIZE METALLIZED POLYESTER FILM CAPACITOR
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUNTAN [Suntan Capacitors]
Homepage  http://www.suntan.com.hk
Logo 

TS03Q Datasheet(HTML) 1 Page - Suntan Capacitors

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SUBMINIATURE SIZE METALLIZED POLYESTER FILM CAPACITOR
Suntan®
SUBMINIATURE SIZE, NON-INDUCTIVE, EPOXY DIP COATED
TS03Q
F E A T U R E S
Small size
RoHS directive compliant
SPECIFICA T IONS
CLIMATIC CATEGORY
UPPER
OPERATING TEMPERATURE
RATED VOLTAGE
CAPACITANCE RANGE
CAPACITANCE TOLERANCE
VOLTAGE PROOF
DISSIPATION FACTOR
I.R
55/85/21
85℃
-55℃ ~ + 85℃
100V
0.001 TO 1.0µF
±5%
1.4UR (5s)
≤1% (20℃, 1KHz)
UR≤100V ≥15000MΩ ; CR≤0.33µF
≥5000s ; CR>0.33µF (20, 10V, 1 min)
UR>100V ≥15000MΩ ; CR≤0.33µF
≥5000s ; CR>0.33µF (20, 100V, 1 min)
Capacitance
R.V.(100V DC)
µF
W(Max)
H(Max)
T(Max)
P±1mm
d±0.05mm
0.001
7.5
7.0
4.0
5
0.5
0.0012
7.5
7.0
4.0
5
0.5
0.0015
7.5
7.0
4.0
5
0.5
0.0018
7.5
7.0
4.0
5
0.5
0.0022
7.5
7.0
4.0
5
0.5
0.0027
7.5
7.0
4.0
5
0.5
0.0033
7.5
7.0
4.0
5
0.5
0.0039
7.5
7.0
4.0
5
0.5
0.0047
7.5
7.0
4.0
5
0.5
0.0056
7.5
7.0
4.0
5
0.5
0.0068
7.5
7.0
4.0
5
0.5
0.0082
7.5
7.0
4.0
5
0.5
0.01
7.5
7.0
4.0
5
0.5
0.012
7.5
7.0
4.0
5
0.5
0.015
7.5
7.0
4.0
5
0.5
0.018
7.5
7.0
4.0
5
0.5
0.02
7.5
7.0
4.0
5
0.5
0.022
7.5
7.0
4.0
5
0.5
0.027
7.5
7.0
4.0
5
0.5
0.033
7.5
7.0
4.0
5
0.5
0.039
7.5
7.0
4.0
5
0.5
0.047
7.5
7.0
4.0
5
0.5
0.056
7.5
7.0
4.0
5
0.5
0.068
7.5
7.0
4.0
5
0.5
0.082
7.5
7.0
4.0
5
0.5
0.1
7.5
7.5
4.5
5
0.5
0.12
7.5
7.5
4.5
5
0.5
0.15
7.5
7.5
4.5
5
0.5
0.18
7.5
7.5
4.5
5
0.5
0.22
7.5
7.5
4.5
5
0.5
0.27
7.5
8.5
4.5
5
0.5
0.33
7.5
9.0
5.0
5
0.5
0.39
7.5
9.0
5.0
5
0.5
0.47
7.5
9.5
5.5
5
0.5
0.56
7.5
10.5
6.0
5
0.5
0.68
7.5
10.5
6.5
5
0.5
0.82
7.5
12.0
6.5
5
0.5
1.0
7.5
12.0
6.5
5
0.5
Remark: Pitch 7.5mm also can supply in this series upon request
Note: Specification are subject to change without notice. For more detail and update, please visit our website.
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn