Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TS03 Datasheet(PDF) 2 Page - Suntan Capacitors

Part No. TS03
Description  MINIATURE SIZE METALLIZED POLYESTER FILM CAPACITOR
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUNTAN [Suntan Capacitors]
Homepage  http://www.suntan.com.hk
Logo 

TS03 Datasheet(HTML) 2 Page - Suntan Capacitors

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MINIATURE SIZE METALLIZED POLYESTER FILM CAPACITOR
Suntan®
MINIATURE SIZE, NON-INDUCTIVE, EPOXY DIP COATED
TS03
VDC
160V
250V
400V
Mfd
L
T
H
d
P
L
T
H
d
P
L
T
H
d
P
0.01
10.5
5.5
8.5
0.6
7.5
10.5
5.5
8.5
0.6
7.5
10.5
5.5
8.5
0.6
7.5
0.012
10.5
6
9
0.6
7.5
10.5
6
9
0.6
7.5
10.5
6
9
0.6
7.5
0.015
10.5
6.5
9.5
0.6
7.5
10.5
6.5
9.5
0.6
7.5
10.5
6.5
9.5
0.6
7.5
0.018
10.5
5.5
8.5
0.6
7.5
10.5
5.5
8.5
0.6
7.5
10.5
5.5
8.5
0.6
7.5
0.022
10.5
5.5
8.5
0.6
7.5
10.5
5.5
8.5
0.6
7.5
10.5
5.5
8.5
0.6
7.5
0.027
10.5
5.5
9
0.6
7.5
10.5
5.5
9
0.6
7.5
10.5
5.5
9
0.6
7.5
0.033
10.5
5.5
9
0.6
7.5
10.5
5.5
9
0.6
7.5
10.5
5.5
9
0.6
7.5
0.039
10.5
5.5
9
0.6
7.5
10.5
5.5
9
0.6
7.5
10.5
5.5
9
0.6
7.5
0.047
10.5
5.5
9.5
0.6
7.5
10.5
7
10.5
0.6
7.5
10.5
5.5
9.5
0.6
7.5
0.056
10.5
6.5
9.5
0.6
7.5
10.5
6.5
9.5
0.6
7.5
10.5
6.5
9.5
0.6
7.5
0.068
10.5
7
10
0.6
7.5
10.5
7
10
0.6
7.5
10.5
7.0
10
0.6
7.5
0.082
10.5
6
9.5
0.6
7.5
10.5
6
9.5
0.6
7.5
0.1
10.5
6.5
10
0.6
7.5
10.5
6.5
10
0.6
7.5
Note: Specification are subject to change without notice. For more detail and update, please visit our website.
Suntan® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn