Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TS03 Datasheet(PDF) 1 Page - Suntan Capacitors

Part No. TS03
Description  MINIATURE SIZE METALLIZED POLYESTER FILM CAPACITOR
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUNTAN [Suntan Capacitors]
Homepage  http://www.suntan.com.hk
Logo 

TS03 Datasheet(HTML) 1 Page - Suntan Capacitors

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MINIATURE SIZE METALLIZED POLYESTER FILM CAPACITOR
Suntan®
MINIATURE SIZE, NON-INDUCTIVE, EPOXY DIP COATED
TS03
F E A T U R E S
‧ The small size can be compared favourably with the stacked film capacitor
‧ Excellent self-healing property and reliability
‧ Low dissipation factor
‧ Epoxy resin powder coating provides the identical outer appearance.
SPE
CI
FICA
T
IONS
RATED VOLTAGE
CAPACITANCE RANGE
CAPACITANCE TOLERANCE
INSULATION RESISTANCE
DISSIPATION FACTOR
DC 50/63V, 100V, 160V, 250V, 400V
0.001 TO 10uF
±5%, ±10%, ±20%
C≤0.33Mfd ≥3750MΩ(20℃, 1min)
C>0.33Mfd ≥1250S(20℃, 1min)
≤1.0% (20℃,1KHz)
VDC
50/63V
100V
Mfd
L
T
H
d
P
L
T
H
d
P
0.001~
0.0056
8
5.5
7.5
0.5
5
8
5.5
7.5
0.5
5
0.0068
8
5.5
7.5
0.5
5
8
5.5
8.5
0.5
5
0.0082
8
5.5
7.5
0.5
5
8
5.5
8.5
0.5
5
0.01
8
10.5
5
5
7
8
0.5
0.6
5
7.5
8
10.5
5
5.5
7
8.5
0.5
0.6
5
7.5
0.012
8
10.5
5
5.5
7.5
8
0.5
0.6
5
7.5
8
10.5
5
5.5
7.5
8.5
0.5
0.6
5
7.5
0.015
8
10.5
5
5.5
7.5
8.5
0.5
0.6
5
7.5
8
10.5
5
6
7.5
9
0.5
0.6
5
7.5
0.018
8
10.5
6.5
5
9.5
8
0.5
0.6
5
7.5
8
10.5
6.5
5
9.5
8
0.5
0.6
5
7.5
0.022
8
10.5
5
5
7.5
8
0.5
0.6
5
7.5
8
10.5
5
5
7.5
8
0.5
0.6
5
7.5
0.027
8
10.5
5.5
5
7.5
8
0.5
0.6
5
7.5
8
10.5
5.5
5
7.5
8
0.5
0.6
5
7.5
0.033
8
10.5
5.5
5.5
7.5
8.5
0.5
0.6
5
7.5
8
10.5
5.5
5.5
7.5
9
0.5
0.6
5
7.5
0.039
8
10.5
5.5
5.5
7.5
9
0.5
0.6
5
7.5
8
10.5
5.5
5.5
7.5
9
0.5
0.6
5
7.5
0.047
8
10.5
5.5
5.5
7.5
8.5
0.5
0.6
5
7.5
8
10.5
5.5
5.5
7.5
8.5
0.5
0.6
5
7.5
0.056
8
5.5
7.5
0.5
5
8
5.5
7.5
0.5
5
10.5
5.5
8.5
0.6
7.5
10.5
5.5
8.5
0.6
7.5
0.068
8
5.5
7.5
0.5
5
8
5.5
7.5
0.5
5
10.5
5.5
9
0.6
7.5
10.5
6
9
0.6
7.5
0.082
8
5.5
7.5
0.5
5
8
5.5
7.5
0.5
5
10.5
5
9
0.6
7.5
10.5
6
9.5
0.6
7.5
0.1
8
5.5
7.5
0.5
5
8
5.5
8
0.5
5
10.5
6.5
10
0.6
7.5
10.5
6.5
10
0.6
7.5
0.12
10.5
7
10
0.6
7.5
10.5
7
10
0.6
7.5
0.15
10.5
7
10
0.6
7.5
10.5
7
10
0.6
7.5
0.18
10.5
7
10
0.6
7.5
10.5
7
10
0.6
7.5
0.22
10.5
7.5
10.5
0.6
7.5
10.5
7.5
10.5
0.6
7.5
0.27
10.5
7.5
11
0.6
7.5
10.5
7.5
11
0.6
7.5
Suntan® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn