Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CWR11JH155KBB Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CWR11JH155KBB
Description  Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™ Molded Case, Military MIL-PRF-55365/8 Qualified
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CWR11JH155KBB Datasheet(HTML) 1 Page - Vishay Siliconix

  CWR11JH155KBB Datasheet HTML 1Page - Vishay Siliconix CWR11JH155KBB Datasheet HTML 2Page - Vishay Siliconix CWR11JH155KBB Datasheet HTML 3Page - Vishay Siliconix CWR11JH155KBB Datasheet HTML 4Page - Vishay Siliconix CWR11JH155KBB Datasheet HTML 5Page - Vishay Siliconix CWR11JH155KBB Datasheet HTML 6Page - Vishay Siliconix CWR11JH155KBB Datasheet HTML 7Page - Vishay Siliconix CWR11JH155KBB Datasheet HTML 8Page - Vishay Siliconix CWR11JH155KBB Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
CWR11
www.vishay.com
Vishay Sprague
Revision: 22-Jun-17
1
Document Number: 40011
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Solid Tantalum Surface Mount Chip Capacitors
TANTAMOUNT™ Molded Case, Military MIL-PRF-55365/8 Qualified
PERFORMANCE / ELECTRICAL
CHARACTERISTICS
www.vishay.com/doc?40211
Operating Temperature: -55 °C to +125 °C
(above 85 °C, voltage derating is required)
Capacitance Range: 0.10 μF to 100 μF
Capacitance Tolerance: ± 5 %, ± 10 %, ± 20 %
Voltage Rating: 4 VDC to 50 VDC
FEATURES
• Weibull failure rate codes B, C, D, and T
• Surge current options A, B, and C
• Termination: H = solder plated, K = solder fused
• Molded case available in four case codes
• Compatible with “high volume” automatic pick and place
equipment
APPLICATIONS
• Military / aerospace
• General purpose
• High reliability
Note
(1) T level requires surge current option “C”. Capacitors are recommended for “space applications”.
Shipped in tape and reel or waffle packaging only
Note
• Glue pad (non-conductive, part of molded case) is dedicated for glue attachment (as user option)
ORDERING INFORMATION
CWR11
D
H
155
K
B
A
/HR
TYPE
VOLTAGE
TERMINATION
FINISH
CAPACITANCE
CAPACITANCE
TOLERANCE
FAILURE RATE
%/1000 h
SURGE CURRENT
(OPTIONAL)
PACKAGING
OPTION
C = 4 V
D = 6 V
F = 10 V
H = 15 V
J = 20 V
K = 25 V
M = 35 V
N = 50 V
H = solder
plated
K = solder
fused
This is expressed
in picofarads.
The first two digits
are the significant
figures. The third
is the number of
zeros to follow.
J = ± 5 %
K = ± 10 %
M = ± 20 %
M = 1.0
P = 0.1
R = 0.01
S = 0.001
B = 0.1
C = 0.01
D = 0.001
T = 0.01 (1)
A = 10 cycles
at +25 °C
B = 10 cycles
at - 55 °C / + 85 °C
C = 10 cycles
at - 55 °C / + 85 °C
(before Weibull
grading)
Blank = full reel
/PR = 100 pcs reel
/HR = half reel
/PT = bulk,
plastic tray
/FA = waffle pack
DIMENSIONS in inches [millimeters]
CASE CODE
EIA SIZE
L
W
H
P
TW
TH MIN.
A
3216-18
0.126 ± 0.008
[3.2 ± 0.20]
0.063 ± 0.008
[1.6 ± 0.20]
0.063 ± 0.008
[1.6 ± 0.20]
0.031 ± 0.012
[0.80 ± 0.30]
0.047 ± 0.004
[1.2 ± 0.10]
0.028
[0.70]
B
3528-21
0.138 ± 0.008
[3.5 ± 0.20]
0.110 ± 0.008
[2.8 ± 0.20]
0.075 ± 0.008
[1.9 ± 0.20]
0.031 ± 0.012
[0.80 ± 0.30]
0.087 ± 0.004
[2.2 ± 0.10]
0.028
[0.70]
C
6032-28
0.236 ± 0.012
[6.0 ± 0.30]
0.126 ± 0.012
[3.2 ± 0.30]
0.098 ± 0.012
[2.5 ± 0.30]
0.051 ± 0.012
[1.3 ± 0.30]
0.087 ± 0.004
[2.2 ± 0.10]
0.039
[1.0]
D
7343-31
0.287 ± 0.012
[7.3 ± 0.30]
0.170 ± 0.012
[4.3 ± 0.30]
0.110 ± 0.012
[2.8 ± 0.30]
0.051 ± 0.012
[1.3 ± 0.30]
0.095 ± 0.004
[2.4 ± 0.10]
0.039
[1.0]
T
H MIN.
T
W
L
H
W
P
Glue Pad
Glue Pad


Similar Part No. - CWR11JH155KBB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CWR11JH155KBA VISHAY-CWR11JH155KBA Datasheet
147Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT Military, Surface Mount MIL-PRF-55365/8 Qualified
Revision 31-Jan-05
More results

Similar Description - CWR11JH155KBB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CWR11DH106KB VISHAY-CWR11DH106KB Datasheet
547Kb / 7P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT Molded Case, Military MIL-PRF-55365/8 Qualified
Revision: 26-Jun-13
CWR11 VISHAY-CWR11 Datasheet
147Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT Military, Surface Mount MIL-PRF-55365/8 Qualified
Revision 31-Jan-05
CWR06 VISHAY-CWR06_16 Datasheet
317Kb / 21P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Military MIL-PRF-55365/4 Qualified
Revision: 26-Jan-16
CWR16 VISHAY-CWR16_16 Datasheet
316Kb / 21P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Extended Range, Military, MIL-PRF-55365/13 Qualified
Revision: 26-Jan-16
CWR26 VISHAY-CWR26 Datasheet
307Kb / 19P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Low ESR, Military, MIL-PRF-55365/13 Qualified
Revision: 26-Jan-16
CWR06 VISHAY-CWR06 Datasheet
97Kb / 7P
   Solid Tantalum Chip Capacitors MIDGET Military, MIL-PRF-55365/4 Qualified
Revision 16-Nov-04
CWR06HC106KP VISHAY-CWR06HC106KP Datasheet
107Kb / 7P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Conformal Coated, Military MIL-PRF-55365/4 Qualified
Revision: 27-Feb-13
593D VISHAY-593D_17 Datasheet
565Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
Revision: 02-Nov-17
793DX-CTC3-CTC4 VISHAY-793DX-CTC3-CTC4_16 Datasheet
514Kb / 15P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, CECC Approved
Revision: 09-Dec-16
TR3 VISHAY-TR3_17 Datasheet
624Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
Revision: 26-Oct-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com